PART |
Description |
Maker |
PMEG4005CT |
500 mA low VF dual MEGA Schottky barrier rectifier 500 mA low V_F dual MEGA Schottky barrier rectifier
|
NXP Semiconductors
|
PMEG4010CPAS-15 |
40 V, 1 A low VF dual MEGA Schottky barrier rectifier
|
NXP Semiconductors
|
CDQ0303-QS07 PB-CDQ0303-QS-00A0 PB-CDQ0303-QS-00B0 |
500-6000 MHz Dual, Ultra Low Noise, High IP3 Amplifier 500-6000 MHz Dual, Ultra Low Noise, High IP3 Amplifier 500 MHz - 6000 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER
|
http:// Mimix Broadband, Inc.
|
PMEG3015EH PMEG3015EJ |
30 V, 1.5 A ultra low Vf MEGA Schottky barrier rectifiers PMEG3015EJ; 30 V, 1.5 A ultra low Vf MEGA Schottky barrier rectifier in SOD323F package 30V,1.5A ULTRA LOW VFMEGA SCHOTTKY BARRIER RECTIFIERS
|
Philips Semiconductors NXP Semiconductors
|
IRHNB7Z60 IRHNB8Z60 |
30Volt,0.009Ω,MEGA RAD HARD HEXFET(30V,0.009Ω,MEGA 抗辐射N沟道HEXFET晶体
|
International Rectifier
|
PMEG2005AELD PMEG2005AELD-15 |
20 V, 0.5 A low VF MEGA Schottky barrier rectifier Solderable side pads 20 V, 0.5 A low VF MEGA Schottky barrier rectifier
|
NXP Semiconductors
|
1N476 1N499 1N500 1N279 1N292 1N294 1N567 1N450 1N |
165 V, 500 mA, gold bonded germanium diode 100 V, 500 mA, gold bonded germanium diode 12 V, 500 mA, gold bonded germanium diode 90 V, 500 mA, gold bonded germanium diode GOLD BONDED DIODES(LOW FORWARD VOLTAGE, LOW POWER CONSUMPTION) 75 V, 500 mA, gold bonded germanium diode 120 V, 500 mA, gold bonded germanium diode 70 V, 500 mA, gold bonded germanium diode 80 V, 500 mA, gold bonded germanium diode 115 V, 500 mA, gold bonded germanium diode 60 V, 500 mA, gold bonded germanium diode
|
BKC International Electronics ETC[ETC]
|
CM900DU-24NF |
Mega Power Dual??IGBTMOD 900 Amperes/1200 Volts Mega Power Dual IGBTMOD 900 Amperes/1200 Volts Mega Power Dual⑩ IGBTMOD 900 Amperes/1200 Volts Mega Power Dual?/a> IGBTMOD 900 Amperes/1200 Volts
|
POWEREX INC POWEREX[Powerex Power Semiconductors]
|
MBR10100CT |
(MBR1080CT - MBR10100CT) Schott ky Barrier Rectifier
|
MCC
|
CDQ0303-QS CDQ0303-QS-0G00 CDQ0303-QS-0G0T PB-CDQ0 |
500-6000 MHz Dual, Ultra Low Noise, High IP3 Amplifier
|
MIMIX[Mimix Broadband]
|
OP-249AJ/883 OP-249ARC/883 OP-249AZ/883 |
DUAL OP-AMP, 500 uV OFFSET-MAX, 4.7 MHz BAND WIDTH, MBCY8 METAL CAN, TO-99, 8 PIN DUAL OP-AMP, 500 uV OFFSET-MAX, 4.7 MHz BAND WIDTH, CQCC20 HERMETIC SEALED, CERAMIC, LCC-20 DUAL OP-AMP, 500 uV OFFSET-MAX, 4.7 MHz BAND WIDTH, CDIP8 CERDIP-8
|
Analog Devices, Inc.
|
|