PART |
Description |
Maker |
P8SG-247R2Z P8SG-0505Z P8SG-053R6Z P8SG-1205Z P8SG |
Input voltage:5V, output voltage /-3.6V ( /-200mA), 1KV isolated 1.5W regulated dual output 1 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 1千伏隔震1.5糯稳压双输出DIP24
|
PEAK[PEAK electronics GmbH]
|
NMV0515S NMV1215SA NMV0505D NMV0505DA NMV0505S NMV |
3kVDC Isolated 1W Single & Dual Output DC-DC Converters 3kVDC隔离1W的单 3kVDC Isolated 1W Single & Dual Output DC-DC Converters 2-OUTPUT 1 W DC-DC REG PWR SUPPLY MODULE 3kVDC Isolated 1W Single & Dual Output DC-DC Converters
|
CANDD[C&D Technologies] http://
|
NTA0312M NTA0315M NTA1215M NTA0505M NTA0509M NTA12 |
Isolated 1W Dual Output SM DC-DC Converters Isolated 1W Dual Output SM DC-DC Converters 2-OUTPUT 1 W DC-DC REG PWR SUPPLY MODULE
|
CANDD[C&D Technologies]
|
PHD32UYY PHD32UDD PHD32UDC PHD32UDB PHD32VDB PHD32 |
PHD32 Series . 32A Non-Isolated DC/DC Converter 5V/ 3.3V Input Dual Output PHD32 Series . 32A Non-Isolated DC/DC Converter 5V 3.3V Input Dual Output Reed Switch; Pull-In Amp Turns Max:19; Pull-In Amp Turns Min:10; Circuitry:SPST-NO; Switching Current Max:0.5A; Switching Voltage Max:180VDC; Mounting Type:PCB; Body Length:13.5mm; Breakdown Voltage Min:180V PHD32系列。第32A非隔离式DC / DC转换器为5V.3V输入双输 PHD32 Series . 32A Non-Isolated DC/DC Converter 5V, 3.3V Input Dual Output PHD32系列。第32A非隔离式DC / DC转换器为5V3.3V输入双输 PHD32 Series . 32A Non-Isolated DC/DC Converter 5V, 3.3V Input Dual Output PHD32系列。第32A非隔离式DC / DC转换器为5V.3V输入双输
|
POWER-ONE[Power-One] Motorola Mobility Holdings, Inc. AME, Inc. Electronic Theatre Controls, Inc. Hitachi,Ltd.
|
RS3-053.3SH3 RS3-0505D RS3-0505S RS3-0505DH2 RS3-0 |
3 Watt SIP8 Isolated Single & Dual Output 3瓦特SIP8隔离 3 Watt SIP8 Isolated Single & Dual Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
PZ5LU-1515Z PZ5LU-0505Z PZ5LU-0512Z PZ5LU-0515Z PZ |
PZ5LUxxxxZ 3 KV ISOLATED 0.75 W UNREGULATED DUAL OUTPUT SIP7 PZ5LUxxxxZ 3 KV ISOLATED 0.75 W UNREGULATED DUAL OUTPUT SIP7
|
PEAK[PEAK electronics GmbH]
|
NMV4812D NMV4812DA NMV4812S NMV4812SA NMV4815D NMV |
Photoelectric (Automation) 1-OUTPUT 1 W DC-DC REG PWR SUPPLY MODULE 3kVDC Isolated 1W Single & Dual Output DC-DC Converters
|
CANDD[C&D Technologies]
|
P6AU-2415E P6AU-0505 P6AU-0505E P6AU-0512E P6AU-05 |
Input voltage:5V, output voltage 3.3V (300mA), 1KV isolated 1W unregulated single output Input voltage:5V, output voltage 15V (70mA), 1KV isolated 1W unregulated single output Input voltage:5V, output voltage 7.2V (140mA), 1KV isolated 1W unregulated single output 1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT SIP4 1KV交隔W的未稳压单输出学校改善工 Input voltage:5V, output voltage 12V (100mA), 1KV isolated 1W unregulated single output
|
PEAK[PEAK electronics GmbH] Electronic Theatre Controls, Inc.
|
NTH0505M NTH0509M NTH0512M NTH0515M NTH1212M NTH12 |
Isolated 2W Dual Output SM DC-DC Converters Isolated 2W Dual Output SM DC/DC Converters
|
CANDD[C&D Technologies]
|
NMA0515S |
ISOLATED 1W DUAL OUTPUT DC-DC CONVERTERS
|
ETC
|
24D12.500 |
Dual Output Isolated DC/DC converter (Out
|
Calex Electronics Limited
|