PART |
Description |
Maker |
PBSS5160DS PBSS5160DS115 PBSS5160DS-15 |
60 V, 1 A PNP/PNP low VCEsat (BISS) transistor 60 V, 1 A PNP low VCEsat (BISS) transistor; Package: SOT457 (SC-74); Container: Tape reel smd 1000 mA, 60 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
MSB92T1G |
PNP Silicon General Purpose High Voltage Transistor SS SC59 HV XSTR PNP 300V 150 mA, 300 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Rectron Semiconductor
|
CA3096_04 CA3096 CA3096A CA3096AE CA3096AM CA3096A |
NPN/PNP Transistor Array, High Voltage, Enhanced Icbo, Iceo and Vce(sat) NPN/PNP Transistor Array, High Voltage, General Purpose, Relaxed Parameters NPN/PNP Transistor Arrays 50 mA, 35 V, 5 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR, MS-012AC 50 mA, 35 V, 5 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR, MS-001BB
|
INTERSIL[Intersil Corporation]
|
BC327-16 BC328-16 BC327 BC327-25 BC327-40 BC328-40 |
Si-Epitaxial PlanarTransistors 800 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE/ SWITCHING) Amplifier Transistors(PNP) PNP general purpose transistor
|
KEC(Korea Electronics) Diotec Semiconductor AG DIOTEC[Diotec Semiconductor] Motorola Inc Philips Semiconductors
|
ZXT13P12DE6 ZXT13P12DE6TA ZXT13P12DE6TC |
12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR 4000 mA, 12 V, PNP, Si, SMALL SIGNAL TRANSISTOR 4000 mA, 12 V, PNP, Si, SMALL SIGNAL TRANSISTOR SOT-23, 6 PIN PNP Low Sat Transistor
|
Zetex Semiconductor PLC Diodes, Inc. Diodes Incorporated ZETEX[Zetex Semiconductors]
|
ZXTD1M832TC ZXTD1M832 ZXTD1M832TA |
MPPSTM Miniature Package Power Solutions DUAL 12V PNP LOW SATURATION SWITCHING TRANSISTOR 4000 mA, 12 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR Dual PNP Low Sat Transistor
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors]
|
2SA965 2SA965O 2SA965Y |
TRANSISTOR SILICON PNP TRIPLE DIFFUSED TYPE. DRIVER STAGE AND POWER AMPLIFIER APPLICATIONS TOSHIBA TRANSISTOR SILICON PNP EPITAXIAL TYPE (PCT PROCESS) TRANSISTOR | BJT | PNP | 120V V(BR)CEO | 800MA I(C) | TO-92VAR 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset
|
TOSHIBA[Toshiba Semiconductor]
|
FMMTA92 FMMTA93 FMMTA92TA FMMTA92R |
200 mA, 300 V, PNP, Si, SMALL SIGNAL TRANSISTOR SOT23 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR PNP High Voltage Transistor
|
ZETEX PLC Diodes Incorporated ZETEX[Zetex Semiconductors]
|
2SB857 2SB857-B-T6CK 2SB857-B-T6CR 2SB857-B-T6CT 2 |
SILICON PNP TRANSISTOR 硅PNP晶体 SILICON PNP TRANSISTOR 4 A, 100 V, PNP, Si, POWER TRANSISTOR, TO-252
|
??『绉???′唤?????? UNISONIC TECHNOLOGIES CO LTD Unisonic Technologies Co., Ltd. 友顺科技股份有限公司 UTC[Unisonic Technologies]
|
ZXTP23015CFHTA ZETEXSEMICONDUCTOR-ZXTP23015CFH07 |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 15V, SOT23, PNP medium power transistor 5000 mA, 15 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Incorporated
|