PART |
Description |
Maker |
19073-0085 19073-0096 19073-0094 19073-0087 19073- |
CONN RING TERM #8 14-16AWG 2.5 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL RING AVIKRIMP TAPED (BB-839-08T) 2.5 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL RING AVIKRIMP (BB-839-08) 2.5 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL #10 RING TERMINAL 100/PKG 2.5 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL BB-837-06T RING AVIKRIMP TAPED 2.5 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL
|
Molex, Inc.
|
19198-0047 19144-0004 19147-0103 19147-0105 19198- |
SPADE AVIKRIMP (C-841-08) 5 mm2, COPPER ALLOY, FORK TERMINAL SPADE INSULKRIMP TAPED (AA-235-08XT) 0.8 mm2, COPPER ALLOY, FORK TERMINAL SPADE VERSAKRIMP (191470103) 5 mm2, COPPER ALLOY, FORK TERMINAL SPADE VERSAKRIMP (C-341-08) 5 mm2, COPPER ALLOY, FORK TERMINAL SPADE AVIKRIMP TAPED (C-841-10T) 5 mm2, COPPER ALLOY, FORK TERMINAL SPADE KRIMPTITE TAPED (AA-135-06T) 0.8 mm2, COPPER ALLOY, FORK TERMINAL CONN TONGUE SPADE #8 18-22AWG 0.8 mm2, COPPER ALLOY, FORK TERMINAL 2 mm2, COPPER ALLOY, FORK TERMINAL
|
Molex, Inc. ITT, Corp. MOLEX INC
|
19044-0164 19054-0092 19044-0184 19054-0091 19070- |
RING KRIMPTITE H/D TAPED (B-128-10HDT) 2 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP H/D (B-228-08HDX) 2 mm2, COPPER ALLOY, WIRE TERMINAL Standard RingTongue Krimptite#3/8Awg14-16 2 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP H/D TAPED (B-228-06HDXT) 2 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP (BB-225-14X) 2 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP (BB-218-56X) 2 mm2, COPPER ALLOY, WIRE TERMINAL
|
Molex, Inc.
|
AA-135-06 BB-807-06 AA-135-10T |
1 mm2, COPPER ALLOY, TIN FINISH, FORK TERMINAL 2 mm2, COPPER ALLOY, TIN FINISH, FORK TERMINAL 1 mm2, COPPER ALLOY, WIRE TERMINAL
|
MOLEX INC
|
33000-0002 |
MX150 BLD TERM TIN 16-20AWG B WIND 1 mm2, COPPER ALLOY, TIN FINISH, WIRE TERMINAL
|
Molex, Inc.
|
PN18-10R-C PN18-10R-M PN18-56R-M |
Ring Tongue Solderless Terminal; Wire Size (AWG):22-18; Stud Size:#10; Insulator Color:Red; Mounting Hole Dia:.20"; Overall Length:0.88"; Overall Width:0.31"; Pack Quantity:100 1.5 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL Fork Tongue Solderless Terminal; Wire Size (AWG):16-14; Stud Size:#10; Insulator Color:Red; Overall Length:0.88"; Overall Width:0.31"; Pack Quantity:1000 1.5 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL 1.5 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL ROHS COMPLIANT
|
Panduit, Corp.
|
YA8C-TC10 |
10 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL
|
Abracon, Corp.
|
PMNF1-6F-M |
1.5 mm2, COPPER ALLOY, TIN FINISH, FORK TERMINAL
|
PANDUIT CORP
|
AA-322-10 |
1.5 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL
|
MOLEX INC
|
PN14-5SLF-3K PN18-5SLF-3K |
2.5 mm2, COPPER ALLOY, TIN FINISH, FORK TERMINAL 1.5 mm2, COPPER ALLOY, TIN FINISH, FORK TERMINAL
|
Panduit, Corp.
|
AA-122-14 |
1.5 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL
|
MOLEX INC
|
L974 |
107.26 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL
|
THOMAS & BETTS CORP
|
|