PART |
Description |
Maker |
OP-27EIH OP-27EIJ8 OP-27EIN8 OP-27GIH OP-27GIN8 OP |
OP-AMP, 3000 uV OFFSET-MAX, MBCY8 METAL CAN, TO-5, 8 PIN OP-AMP, 80 uV OFFSET-MAX, CDIP8 HERMETIC SEALED, CERDIP-8 OP-AMP, PDIP8 PLASTIC, DIP-8 OP-AMP, MBCY8 METAL CAN, TO-5, 8 PIN OP-AMP, CDIP8 HERMETIC SEALED, CERDIP-8 OP-AMP, 80 uV OFFSET-MAX, PDIP8 PLASTIC, DIP-8 OP-AMP, 180 uV OFFSET-MAX, MBCY8 METAL CAN, TO-5, 8 PIN OP-AMP, 750 uV OFFSET-MAX, PDIP8 PLASTIC, DIP-8 OP-AMP, 250 uV OFFSET-MAX, PDIP8 PLASTIC, DIP-8 OP-AMP, 500 uV OFFSET-MAX, PDIP8 PLASTIC, DIP-8 OP-AMP, 60 uV OFFSET-MAX, MBCY DUAL OP-AMP, 150 uV OFFSET-MAX, PDIP DUAL OP-AMP, 100 uV OFFSET-MAX, PDSO DUAL OP-AMP, 1500 uV OFFSET-MAX, PDIP8
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
IR21093S IR21093 |
DUAL MOSFET DRIVER|CMOS|SOP|8PIN|PLASTIC DUAL MOSFET DRIVER|CMOS|DIP|8PIN|PLASTIC HALF-BRIDGE DRIVER
|
International Rectifier
|
SP3232EEY-L SP3232EEA-L/TR SP3222EEA-L |
DUAL LINE TRANSCEIVER, PDSO16 LEAD FREE, PLASTIC, TSSOP-16 DUAL LINE TRANSCEIVER, PDSO16 LEAD FREE, PLASTIC, SSOP-16 DUAL LINE TRANSCEIVER, PDSO20
|
Exar, Corp. EXAR CORP
|
87939-4001 0879394001 |
2.54mm (.100) Pitch C-Grid? Header, Surface Mount, Dual Row Dual Body, with Plastic Pegs, 40 Circuits, 0.75μm (30μ) Gold (Au) Selective Plating, 6.40mm(.251)
|
Molex Electronics Ltd.
|
HD74LS114 HD74LS163AFP HD74LS163AP HD74LS163ARP |
COUNTER|UP|4-BIT BINARY|LS-TTL|TSSOP|16PIN|PLASTIC COUNTER|UP|4-BIT BINARY|LS-TTL|DIP|16PIN|PLASTIC COUNTER|UP|4-BIT BINARY|LS-TTL|SOP|16PIN|PLASTIC Dual J-K Negative-edge-triggered Flip-Flops(with Preset, Common Clear and Common Clock)
|
HITACHI[Hitachi Semiconductor]
|
0039299024 39-29-9024 5566-02B2GS |
4.20mm (.165) Pitch Mini-Fit Jr. Header, Dual Row, Vertical, with Snap-in Plastic 4.20mm (.165) Pitch Mini-Fit Jr. Header, Dual Row, Vertical, with Snap-in Plastic Selective Plating, with Drain Holes
|
Molex Electronics Ltd.
|
BYV29F-400 BYV29F-300 BYV29F |
Dual Ultrafast Plastic Rectifiers
|
EIC[EIC discrete Semiconductors]
|
EL5236ISZ EL5236IYZ-T7 EL5236IYZ-T13 EL5237IYZ-T13 |
Dual Ultra Low Noise Wideband Amplifiers Voltage Noise: 1.5nV/√Hz OP-AMP, PDSO8 3 MM, ROHS COMPLIANT, PLASTIC, MO-187AA, MSOP-8 OP-AMP, PDSO10 3 MM, ROHS COMPLIANT, PLASTIC, MO-187BA, MSOP-10
|
Intersil Corporation Intersil, Corp.
|
DMYT-CJS-RSRS-1 DMOT-CJS-RSRS-1 |
DUAL COLOR LED, YELLOW/TRUE GREEN 3.20 X 2.80 MM, 1.80 MM HEIGHT, ROHS COMPLIANT, PLASTIC PACKAGE-4 DUAL COLOR LED, ORANGE/TRUE GREEN 3.20 X 2.80 MM, 1.80 MM HEIGHT, ROHS COMPLIANT, PLASTIC PACKAGE-4
|
DOMINANT Opto Technologies Sdn. Bhd.
|
FEPF16GT-E345 TO-263AB |
Dual Common Cathode Ultrafast Plastic Rectifier
|
Vishay Siliconix
|
|