PART |
Description |
Maker |
1N1202C S2580 S25160 1N1199C 1N1203C 1N1204C 1N120 |
Standard Rectifier (trr more than 500ns) SILICON POWER RECTIFIER CONN L/FORK INSUL 12-10 AWG #6
|
MICROSEMI[Microsemi Corporation]
|
HAT1038R HAT1038RJ HAT1038RD |
Power switching MOSFET Silicon P Channel Power MOS FET High Speed Power Switching
|
HITACHI[Hitachi Semiconductor]
|
19007-0032 19005-0001 19005-0015 19007-0029 19007- |
.187X.020 FIQD FLAG EXP. TAPED (BB-2224X 2 mm2, PUSH-ON TERMINAL Female Disconnect Solderless Terminal; Wire Size (AWG):18-22; Tab Width:0.250"; Insulator Color:Pink; Terminal Insulation:Nylon; Gender:Female 0.8 mm2, PUSH-ON TERMINAL .250X.032 FEM.FIQD COUPLER TP (C-2265T) 5 mm2, PUSH-ON TERMINAL CONN .187 FLAG INSUL 14-16AWG 2 mm2, PUSH-ON TERMINAL .250X.032 FIQD FLAG STRIP(AA-2220Z) RoHS Compliant: Yes 0.8 mm2, PUSH-ON TERMINAL CONN .250 FLAG INSUL 18-22AWG 0.8 mm2, PUSH-ON TERMINAL .187X.020 FIQD FLAG (AA-2222) 0.8 mm2, PUSH-ON TERMINAL .187X.032 FIQD FLAG (BB-2225) 2 mm2, PUSH-ON TERMINAL CONN .250 MALE INSUL 14-16AWG 2 mm2, TAB TERMINAL 190070020
|
Molex, Inc. MOLEX INC
|
2SJ549 2SJ549L 2SJ549S |
Power switching MOSFET Silicon P Channel MOS FET High Speed Power Switching 硅P通道MOS FET的高速电源开
|
HITACHI[Hitachi Semiconductor] Hitachi,Ltd.
|
2SK2885L 2SK2885S 2SK2885 |
Power switching MOSFET Silicon N Channel MOS FET High Speed Power Switching
|
HITACHI[Hitachi Semiconductor]
|
2SJ553 2SJ553L 2SJ553S |
Power switching MOSFET Silicon P Channel MOS FET High Speed Power Switching
|
HITACHI[Hitachi Semiconductor]
|
LTC1430ISPBF LTC1430-15 |
High Power Step-Down Switching Regulator Controller Isolated Flyback Switching Regulator with 9V Output SWITCHING CONTROLLER, 300 kHz SWITCHING FREQ-MAX, PDSO16
|
Linear Technology, Corp.
|
2SB1202L-X-T6C-K 2SB1202L-X-TM3-T 2SB1202L-R-TN3-K |
HIGH CURRENT SWITCHING APPLICATION 3 A, 50 V, PNP, Si, POWER TRANSISTOR, TO-252 HIGH CURRENT SWITCHING APPLICATION 大电流开关应 HIGH CURRENT SWITCHING APPLICATION 3 A, 50 V, PNP, Si, POWER TRANSISTOR, TO-126 HIGH CURRENT SWITCHING APPLICATION 3 A, 50 V, PNP, Si, POWER TRANSISTOR, TO-251
|
UTC[Unisonic Technologies] 友顺科技股份有限公司 Unisonic Technologies Co., Ltd. UNISONIC TECHNOLOGIES CO LTD ??『绉???′唤??????
|
MP4501 |
N CHANNEL MSO TYPE (HIGH POWER HIGH SPEED SWITCHING APPLICATIONS HAMMER DRIVE, PULSE MOTOR DRIVE AND INDUCTIVE LOAD SWITCHING)
|
TOSHIBA[Toshiba Semiconductor]
|
LTC1697 LTC1697EMS LTC1697EMSPBF |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS High Efficiency Low Power 1W CCFL Switching Regulator
|
LINEAR TECHNOLOGY CORP
|
2N2222ADCSM |
High Speed Medium Power NPN Switching Transistor In Hermetic Cermic Surface Mount Package For High Reliability Application(高速、中等功率、开关型NPN晶体管(高可靠性、陶瓷表贴封装)) DUAL HIGH SPEED, MEDIUM POWER NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
|
TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
MP4303 |
Power Transistor Module Silicon NPN Epitaxial Type (Darlington power transistor 4 in 1) High Power Switching Applications. Hammer Drive, Pulse Motor Drive and Inductive Load Switching.
|
TOSHIBA
|