PART |
Description |
Maker |
CL31A106KOHNNNE |
Multi Layer Ceramic Capacitor
|
Samsung
|
CL31C332FBFNNNE |
Multi-layer Ceramic Capacitor
|
Samsung semiconductor
|
MCCA000483 MCCA000269 |
Multi Layer Ceramic Capacitor
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
CL05A104KA5NNNC |
Multi Layer Ceramic Capacitor (MLCC)
|
Samsung semiconductor
|
CL21B473KBCNNNC |
Multi Layer Ceramic Capacitor (MLCC)
|
Samsung semiconductor
|
CL21B105KBFNNNE |
Multi Layer Ceramic Capacitor (MLCC)
|
Samsung semiconductor
|
CL31B105KAHNNNE |
Multi Layer Ceramic Capacitor (MLCC)
|
Samsung semiconductor
|
28LV010RPDE-25 28LV010RT1DE-25 28LV010RT2DE-25 28L |
3.3V 1 Megabit (128K x 8-Bit) EEPROM 3.3V 1 Megabit (128K x 8-Bit) EEPROM 128K X 8 EEPROM 3V, 200 ns, DFP32 3.3V 1 Megabit (128K x 8-Bit) EEPROM 128K X 8 EEPROM 3V, 200 ns, DIP32 3.3V 1 Megabit (128K x 8-Bit) EEPROM 3.3V兆位28K的8位)的EEPROM CAP-ARR 200PF X4 100V 10% NP0(C0G) SMD-0508 PLATED-NI/SN TR-7 1K/REEL CAP ARRAY, 2 X 10NF 50V 0508X7RCAP ARRAY, 2 X 10NF 50V 0508X7R; Capacitance:10nF; Voltage rating, DC:50V; Capacitor dielectric type:Ceramic Multi-Layer; Series:W2A; Tolerance, :10%; Tolerance, -:10%; Temp, op. max:125(degree C); CAP ARRAY, 2 X 22NF 16V 0405X5RCAP ARRAY, 2 X 22NF 16V 0405X5R; Capacitance:22nF; Voltage rating, DC:16V; Capacitor dielectric type:Ceramic Multi-Layer; Series:W1A; Tolerance, :20%; Tolerance, -:20%; Temp, op. max:85(degree C); CAP ARRAY, 2 X 15PF 50V 0405NPOCAP ARRAY, 2 X 15PF 50V 0405NPO; Capacitance:0.015nF; Voltage rating, DC:50V; Capacitor dielectric type:Ceramic Multi-Layer; Series:W1A; Tolerance, :10%; Tolerance, -:10%; Temp, op. max:125(degree C); CAP ARRAY, 2 X 680PF 50V 0405NPOCAP ARRAY, 2 X 680PF 50V 0405NPO; Capacitance:0.68nF; Voltage rating, DC:50V; Capacitor dielectric type:Ceramic Multi-Layer; Series:W1A; Tolerance, :10%; Tolerance, -:10%; Temp, op. max:125(degree C); CAP ARRAY, 4 X 100PF 50V 0508NPOCAP ARRAY, 4 X 100PF 50V 0508NPO; Capacitance:0.1nF; Voltage rating, DC:50V; Capacitor dielectric type:Ceramic Multi-Layer; Series:W2A; Tolerance, :10%; Tolerance, -:10%; Temp, op. max:125(degree C); CAP ARRAY, 2 X 10NF 16V 0405X7RCAP ARRAY, 2 X 10NF 16V 0405X7R; Capacitance:10nF; Voltage rating, DC:16V; Capacitor dielectric type:Ceramic Multi-Layer; Series:W1A; Tolerance, :20%; Tolerance, -:20%; Temp, op. max:125(degree C); Ceramic Capacitor Array; Capacitor Type:Chip Array; Capacitance:22pF; Capacitance Tolerance: /- 10%; Voltage Rating:50VDC; Capacitor Dielectric Material:Multilayer Ceramic; Package/Case:0405; Termination:SMD RoHS Compliant: Yes CAP ARRAY, 2 X 1000PF 50V 0405X7RCAP ARRAY, 2 X 1000PF 50V 0405X7R; Capacitance:1nF; Voltage rating, DC:50V; Capacitor dielectric type:Ceramic Multi-Layer; Series:W1A; Tolerance, :10%; Tolerance, -:10%; Temp, op. max:125(degree C);
|
Maxwell Technologies, Inc
|
CI160808-1N0D CI160808-1N2D CI160808-1N5D CI160808 |
Multi-Layer Chip Inductors 1 ELEMENT, 0.018 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD Multi-Layer Chip Inductors 1 ELEMENT, 0.15 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD Multi-Layer Chip Inductors 1 ELEMENT, 0.027 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD Multi-Layer Chip Inductors 1 ELEMENT, 0.18 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD Multi-Layer Chip Inductors 1 ELEMENT, 0.0022 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD Multi-Layer Chip Inductors 1 ELEMENT, 0.0012 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD Multi-Layer Chip Inductors 1 ELEMENT, 0.0068 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
Bourns Inc. Bourns, Inc.
|
DAU01R103M-TA DAF01W103K DAF01R103M DAF01W103M DAF |
CERAMIC MULTI-LAYER AXIAL DA
|
Dubilier
|
DA01 |
CERAMIC MULTI-LAYER AXIAL
|
Dubilier
|
MCH558FN107ZP MCH55 MCH552FN107KP MCH552FN107MP MC |
Multi-layer ceramic chip capacitors
|
ROHM[Rohm]
|
|