PART |
Description |
Maker |
S6846 S10053 S6809 |
MOSFET, Switching; VDSS (V): 600; ID (A): 11; Pch : -; RDS (ON) typ. (ohm) @10V: 0.58; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 1450; toff (µs) typ: -; Package: LDPAK (S)- (1) Light modulation photo IC 光调制照片集成电
|
Hamamatsu Photonics
|
S8119 |
MOSFET, Switching; VDSS (V): 60; ID (A): 1.5; Pch : 0.8; RDS (ON) typ. (ohm) @10V: -; RDS (ON) typ. (ohm) @4V[4.5V]: [0.173]; RDS (ON) typ. (ohm) @2.5V: 0.207; Ciss (pF) typ: 200; toff (µs) typ: 0.035; Package: MPAK 图片集成电路光开
|
Hamamatsu Photonics K.K.
|
S4707-01 |
MOSFET, Switching; VDSS (V): 600; ID (A): 21; Pch : 150; RDS (ON) typ. (ohm) @10V: 0.315; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 2600; toff (µs) typ: 0.107; Package: TO-3P
|
Hamamatsu Photonics
|
73056 |
TNC Plug, 50 Ohm, Crimp Type, RG58, 141
|
Pomona Electronics
|
S5573 |
MOSFET, Switching; VDSS (V): 600; ID (A): 30; Pch : 200; RDS (ON) typ. (ohm) @10V: 0.2; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V
|
Hamamatsu Photonics
|
CPL-259-1 |
UHF Straight Crimp Type Plug -Crimp Contact
|
ETC[ETC]
|
1-1337491-0 1-1337493-0 1-1478041-0 1-1478045-0 1- |
BNC ELBOW PLUG URM70 75 BNC BULKHEAD SOCKET 75 BNC STR AD J-J 75 OHM BNC BULK AD J-J 75 OHM BNC STR AD J-J 50 OHM BNC INS BULK AD J-J 50 BNC BULK AD J-J 50 OHM BNC INS BULK AD J-J 75 BNC STR PCB SOCK SQ 50 BNC STR PLUG URM70 BNC STR PLUG URM202 BNC STR PLUG BT2003 BNC STR PLUG BT2002 BNC ELBOW PLUG RG59 BNC TEE AD J-P-J 50 OHM BNC STRAIGHT PLUG RG174 插头直插头RG174 BNC ELBOW PLUG RG58 50 插头弯头插头RG58 50
|
TE Connectivity, Ltd.
|
R125172001 R125272000 |
SMA R/A PLUG CRIMPSMA R/A PLUG CRIMP; Impedance:50R; Cable type:2.6/50 S; Coaxial cable type:RG174 A/U, RG142, RG188 A/U, RG316/U, URM95, URM109, URM116, KX3B, KX22A CABLE TERMINATED, MALE, SMA CONNECTOR, CRIMP, PLUG SMA FLANGE JACK CRIMPSMA FLANGE JACK CRIMP; Impedance:50R; Cable type:2.6/50 S; Coaxial cable type:RG174 A/U, RG142, RG188 A/U, RG316/U, URM95, URM109, URM116, KX3B, KX22A PANEL MOUNT, CABLE TERMINATED, FEMALE, SMA CONNECTOR, CRIMP, JACK
|
Radiall S.A.
|
PE4252 |
75 Ohm SMC Plug Right Angle Connector Crimp/Solder Attachment
|
Pasternack Enterprises,...
|
PE4658 |
75 Ohm SMC Plug Connector Crimp/ Solder Attachment For RG59, RG62
|
Pasternack Enterprises, Inc.
|
SKDH146-L100 SKDH146_12-L100 SKDH146_16-L100 SKDH1 |
MOSFET; ID (A): 0.03; VDS (V): 6; Pch : 0.25; |yfs| (S) typ: 29/29; PG (dB) typ: 30/30; Ciss (pF) typ: 2.1/2.1; NF (dB) typ: 1.1/1.1; IDSS (mA): Package: CMPAK-6 3-Phase Bridge Rectifier IGBT braking chopper
|
Semikron International
|