PART |
Description |
Maker |
2N7002BKS |
60 V, 300 mA dual N-channel Trench MOSFET 60 V, 300 mA dual N-channel Trench MOSFET
|
NXP Semiconductors
|
FDD16AN08A0 FDD16AN08A0NL |
Discrete Automotive N-Channel UltraFET Trench MOSFET, 75V, 50A, 0.016 Ohms @ VGS = 10V, TO-252/DPAK Package 9 A, 75 V, 0.016 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA N-Channel UltraFET Trench MOSFET 75V/ 50A/ 16m N-Channel UltraFET ?Trench MOSFET 75V, 50A, 16mOhm N-Channel UltraFET Trench MOSFET 75V, 50A, 16mз N-Channel UltraFET Trench MOSFET 75V, 50A, 16m?/a>
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FDD3672 FDD3672NL |
N-Channel UltraFET Trench MOSFET 100V/ 44A/ 28m N-Channel UltraFET Trench MOSFET 100V, 44A, 28mз Discrete Commercial N-Channel UltraFET Trench MOSFET, 100V, 44A, 0.028 Ohms @ VGS = 10V, TO-252/DPAK Package N-Channel UltraFET Trench MOSFET 100V, 44A, 28mOhm
|
FAIRCHILD[Fairchild Semiconductor]
|
CM300DU-24F |
Trench Gate Design Dual IGBTMOD?/a> 300 Amperes/1200 Volts Trench Gate Design Dual IGBTMOD⑩ 300 Amperes/1200 Volts Trench Gate Design Dual IGBTMOD 300 Amperes/1200 Volts
|
POWEREX[Powerex Power Semiconductors]
|
ISL9N303AS3ST ISL9N303AS3 ISL9N303AP3 N303AS N303A |
N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2mз 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2mз 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB RECTIFIER SCHOTTKY DUAL COMMON-CATHODE 30A 40V 250A-Ifsm 0.55Vf 1A-IR D2PAK 800/REEL-13 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-Channel Logic Level UltraFET Trench MOSFETs 30V / 75A / 3.2m N-Channel Logic Level UltraFET Trench MOSFETs 30V 75A 3.2m N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2m?/a>
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
APT30M70SVRG APT30M70BVRG |
Power MOSFET; Package: D3 [S]; ID (A): 48; RDS(on) (Ohms): 0.07; BVDSS (V): 300; 48 A, 300 V, 0.07 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET; Package: TO-247 [B]; ID (A): 48; RDS(on) (Ohms): 0.07; BVDSS (V): 300; 48 A, 300 V, 0.07 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AD
|
Microsemi, Corp.
|
R6200230 R6202250 R6201050 R6201850 R6201040 R6200 |
500 A, 400 V, SILICON, RECTIFIER DIODE General Purpose Rectifier (300-500 Amperes Average 2400 Volts) 通用整流器(300-500安培平均2400伏特 300 A, 2200 V, SILICON, RECTIFIER DIODE HERMETIC SEALED PACKAGE-2 300 A, 1200 V, SILICON, RECTIFIER DIODE 300 A, 200 V, SILICON, RECTIFIER DIODE
|
Powerex Power Semicondu... POWEREX INC Powerex, Inc. POWEREX[Powerex Power Semiconductors] Powerex Power Semiconductor...
|
RFP8P06E RFD8P06ESM RFD8P06E FN3937 RFD8P06 |
From old datasheet system 8A/ 60V/ 0.300 Ohm/ P-Channel Power MOSFETs 8A, 60V, 0.300 Ohm, P-Channel Power MOSFETs 8 A, 60 V, 0.3 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-252AA
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
SFX9130J |
10 AMP /100 Volts 300 mΩ P-Channel MOSFET 10 AMP /100 Volts 300 mヘ P-Channel MOSFET 10 AMP /100 Volts 300 mOMH P-Channel MOSFET
|
SSDI[Solid States Devices, Inc]
|
FDT86244 |
150V N-Channel Power TrenchMOSFET N-Channel Power Trench MOSFET N-Channel Power Trench MOSFET
|
Fairchild Semiconductor
|
|