PART |
Description |
Maker |
HCNW4506300 HCPL-4506300 |
SCHMITT-TRIGGER-OUTPUT OPTOCOUPLER 施密特触发器输出光耦合
|
Avago Technologies, Ltd.
|
HCPL-5301300 HCPL-5300300 HCPL-530K300 5962-968520 |
SCHMITT-TRIGGER-OUTPUT OPTOCOUPLER Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers 智能功率模块和门极驱动光电耦合器接口密封气
|
Avago Technologies, Ltd.
|
BR100/03LLD |
Silicon Bi-directional Trigger Device
|
Philips Semiconductors NXP
|
SLC800-H SLC800 |
A highly advanced linear optocoupler device
|
SOLID STATE OPTRONICS
|
CNY-2.S CNY-2-MS CNY-2-MSR2 CNY-2-MSR2V CNY-2-MSV |
Phototransistor Optocouplers Triac; Thyristor Type:Snubberless; Peak Repetitive Off-State Voltage, Vdrm:800V; On State RMS Current, IT(rms):12A; Gate Trigger Current (QI), Igt:50mA; Current, It av:12A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:800V; On-State RMS Current, IT(rms):12A; Gate Trigger Current (QI), Igt:50mA; Current, It av:12A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes Triac; Thyristor Type:Snubberless; Peak Repetitive Off-State Voltage, Vdrm:800V; On State RMS Current, IT(rms):12A; Gate Trigger Current (QI), Igt:35mA; Current, It av:12A; Gate Trigger Current Max, Igt:35mA RoHS Compliant: Yes 2.2 UFD.16WVDC.20%.3216.CASE A.TANT Hook-Up Wire; Conductor Size AWG:20; Jacket Color:Black; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 3173; CSA Type CL1251; Conductor Material:Copper; Jacket Material:XLPE Polyethylene; Leaded Process Compatible:Yes RoHS Compliant: Yes Multiconductor Paired EIA Industrial RS-485 Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER DIP-6 Phototransistor Optocouplers 光电晶体管光电耦合 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER SURFACE MOUNT PACKAGE-6 Triac; Thyristor Type:Logic Level; Peak Repetitive Off-State Voltage, Vdrm:1000V; On State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:10mA; Current, It av:16A; Gate Trigger Current Max, Igt:10mA RoHS Compliant: Yes 光电晶体管光电耦合 Triac; Thyristor Type:Snubberless; Peak Repetitive Off-State Voltage, Vdrm:400V; On State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:50mA; Current, It av:16A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes 光电晶体管光电耦合 Triac; Thyristor Type:Snubberless; Peak Repetitive Off-State Voltage, Vdrm:400V; On State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:35mA; Current, It av:16A; Gate Trigger Current Max, Igt:35mA RoHS Compliant: Yes 光电晶体管光电耦合 Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:600V; On State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:50mA; Current, It av:16A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes 光电晶体管光电耦合 Triac; Thyristor Type:Logic Level; Peak Repetitive Off-State Voltage, Vdrm:400V; On State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:10mA; Current, It av:16A; Gate Trigger Current Max, Igt:10mA RoHS Compliant: Yes 光电晶体管光电耦合 Triac; Thyristor Type:Logic Level; Peak Repetitive Off-State Voltage, Vdrm:800V; On State RMS Current, IT(rms):12A; Gate Trigger Current (QI), Igt:5mA; Current, It av:12A; Gate Trigger Current Max, Igt:5mA RoHS Compliant: Yes 光电晶体管光电耦合 Triac; Thyristor Type:Logic Level; Peak Repetitive Off-State Voltage, Vdrm:800V; On State RMS Current, IT(rms):12A; Gate Trigger Current (QI), Igt:10mA; Current, It av:12A; Gate Trigger Current Max, Igt:10mA RoHS Compliant: Yes 光电晶体管光电耦合 Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:400V; On State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:50mA; Current, It av:16A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes 光电晶体管光电耦合 Phototransistor Optocouplers 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation http:// Fairchild Semiconductor, Corp.
|
66156-204 66156 66156-103 66156-104 66156-203 |
SINGLE CHANNEL OPTOCOUPLER PHOTODIODE OUTPUT COAXIAL OR BULKHEAD MOUNT PACKAGES SPECIALTY OPTOELECTRONIC DEVICE
|
Micropac Industries, Inc. MICROPAC[Micropac Industries]
|
HCPL-576X 5962-8947701 5962-8947701PA 5962-8947701 |
Hermetically Sealed Optocoupler. AC/DC to Logic Interface 密封光耦AC / DC的逻辑接口 AC/DC to Logic Interface Hermetically Sealed Optocouplers 5962-8947701YA · Hermetically sealed Optocoupler, AC/DC to Logic Interface 5962-8947702KPA · Hermetically sealed Optocoupler, AC/DC to Logic Interface 5962-8947701XA · Hermetically sealed Optocoupler, AC/DC to Logic Interface 5962-8947701YC · Hermetically sealed Optocoupler, AC/DC to Logic Interface 5962-8947701PC · Hermetically sealed Optocoupler, AC/DC to Logic Interface 5962-8947701PA · Hermetically sealed Optocoupler, AC/DC to Logic Interface HCPL-576K-100 · Hermetically Sealed Optocoupler, AC/DC to Logic Interface 5962-8947702KPC · Hermetically sealed Optocoupler, AC/DC to Logic Interface 5962-8947702KXA · Hermetically sealed Optocoupler, AC/DC to Logic Interface 5962-8947702KYA · Hermetically sealed Optocoupler, AC/DC to Logic Interface 5962-8947702KYC · Hermetically sealed Optocoupler, AC/DC to Logic Interface HCPL-5760 · Hermetically Sealed Optocoupler, AC/DC to Logic Interface HCPL-576K · Hermetically sealed Optocoupler, AC/DC to Logic Interface
|
International Rectifier, Corp. Avago Technologies, Ltd. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
HCPL-814-W00E HCPL-814 HCPL-814-000E HCPL-814-00AE |
1 CHANNEL AC INPUT-TRANSISTOR OUTPUT OPTOCOUPLER AC Input Phototransistor Optocoupler High Density Mounting Type HCPL-814-000E · Lead Free General Purpose Phototransistor Optocoupler HCPL-814 · Phototransistor Optocoupler
|
AGILENT TECHNOLOGIES INC HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
D2W415DD D2W415CD D2W415CG D2W415CF D2W415DG D2W41 |
250 MHz, General Purpose Voltage Feedback Op Amps Gain 2 Stable TRIGGER OUTPUT SOLID STATE RELAY Single, Low Power, 350 MHz Voltage Feedback Amplifier TRIGGER OUTPUT SOLID STATE RELAY 10Arms 120,240Vrms TRIGGER OUTPUT SOLID STATE RELAY Long Life Miniature Relay, PCB Type TRIGGER OUTPUT SOLID STATE RELAY 15Arms 120,240Vrms TRIGGER OUTPUT SOLID STATE RELAY 1 Arms 120,240 Vrms TRIGGER OUTPUT SOLID STATE RELAY
|
Nihon Inter Electronics, Corp. NIHON INTER ELECTRONICS CORP
|
FOD815 FOD815.W FOD815.300W |
1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER LEAD FREE, DIP-4 4-Pin High Operating Temperature Photodarlington Optocoupler
|
Fairchild Semiconductor, Corp.
|
MOC3163 MOC3061 MOC3063SR2VM FAIRCHILDSEMICONDUCTO |
6-PIN DIP ZERO-CROSS PHOTOTRIAC DRIVER OPTOCOUPLER (600V PEAK) 1 CHANNEL TRIAC OUTPUT WITH ZERO CRSVR OPTOCOUPLER
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation
|
|