PART |
Description |
Maker |
PE4243 PE4243-EK 4243-02 4243 4243-00 4243-01 |
SPDT UltraCMOS RF Switch SPDT UltraCMOSRF Switch SPDT UltraCMOS⑩ RF Switch
|
PEREGRINE[Peregrine Semiconductor Corp.]
|
ADG1419 ADG1419BCPZ-REEL7 ADG1419BRMZ ADG1419BRMZ- |
2.1 Ω Max On Resistance ±15 V/12 V/±5 V iCMOS SPDT Switch; Package: Micro SOIC; No of Pins: 8; Temperature Range: Ind SGL POLE DOUBLE THROW SWITCH, PDSO8 2.1 Ω On Resistance, ±15 V/ 12 V/±5 V iCMOS SPDT Switch 2.1 楼? On Resistance, 隆戮15 V/ 12 V/隆戮5 V iCMOS SPDT Switch
|
Analog Devices, Inc.
|
DG333ADW-E3 DG333ADW-T1-E3 DG333ADQ-T1-E3 DG333ALD |
Precision Quad SPDT Analog Switch PRECISION QUAD SPDT ANALOG - Tape and Reel Analog Switch Quad SPDT 20-Pin SOIC W T/R Analog Switch Quad SPDT 20-Pin PDIP Precision Quad SPDT Analog Switch
|
Vishay Siliconix
|
PE4245G-06DFN PE424508 4245-00 4245-51 PE4245-06DF |
SPDT UltraCMOS垄芒 RF Switch SPDT UltraCMOS RF Switch
|
Peregrine Semiconductor Corp.
|
ADG779 ADG779BKS ADG779BKS-R2 |
CMOS, Low Voltage 2.5 Ohms SPDT Switch / 2:1 Mux CMOS 1.8 V to 5.5 V, 2.5 ohm SPDT Switch/2:1 Mux In Tiny SC70 Package
|
AD[Analog Devices]
|
E62-00A E61-00H E61-00A THECHERRYCORP-E61-01R E61- |
SWITCH SNAP SPDT 10A QC TERM SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 1.82mm, PANEL MOUNT SWITCH LEVER SPDT 5A QC TERM SWITCH SNAP SPDT 5A QC TERM SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 1.82mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 4.06mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 0.25A, 30VDC, 10.9mm, THROUGH HOLE-STRAIGHT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 4.68mm, PANEL MOUNT
|
ZF Electronics, Corp. THE CHERRY CORP
|
UPG2214TB-E4-A |
50 MHz - 3000 MHz RF/MICROWAVE SGL POLE DOUBLE THROW SWITCH, 0.65 dB INSERTION LOSS 2-WIRE FACTORY PROGRAMMED W/TIN PLATING NECs W LOW VOLTAGE L/ S-BAND SPDT SWITCH NECs ?W LOW VOLTAGE L, S-BAND SPDT SWITCH
|
NEC Corp.
|
PE4220 PE4220-EK 4220-52 4220 4220-00 4220-21 4220 |
SPDT UltraCMOS RF Switch DC - 2500 MHz SPDT UltraCMOSRF Switch DC - 2500 MHz SPDT UltraCMOS⑩ RF Switch DC - 2500 MHz
|
PEREGRINE[Peregrine Semiconductor Corp.]
|
MAX4736EUB MAX4736EGC MAX4736 |
Automotive Catalog 3.3-V CAN Transceivers 8-SOIC -40 to 125 0.8 Low-Voltage Single-Supply Dual SPDT Analog Switch "0.8|?, Low-Voltage, Single- Supply, Dual SPDT Analog Switch" 0.8, Low-Voltage, Single-Supply, Dual SPDT Analog Switch From old datasheet system 0.8з, Low-Voltage, Single-Supply, Dual SPDT Analog Switch
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
PE4273-EK 273 4273-00 4273-01 4273-02 4273-51 4273 |
SPDT Broadband UltraCMOS?/a> DC - 3 GHz RF Switch SPDT Broadband UltraCMOS DC - 3 GHz RF Switch SPDT Broadband UltraCMOSDC - 3 GHz RF Switch SPDT Broadband UltraCMOS⑩ DC - 3 GHz RF Switch
|
http:// PEREGRINE[Peregrine Semiconductor Corp.]
|
PE4237 PE4237-EK 4237 4237-00 4237-01 4237-02 4237 |
SPDT UltraCMOS?/a> RF Switch DC - 4000 MHz SPDT UltraCMOSRF Switch DC - 4000 MHz SPDT UltraCMOS⑩ RF Switch DC - 4000 MHz SPDT UltraCMOS RF Switch DC - 4000 MHz
|
PEREGRINE[Peregrine Semiconductor Corp.]
|
PI3A3160 |
3.0V, SOTiny?/a> 0.4?/a> Dual SPDT Analog Switch 3.0V/ SOTiny 0.4 Dual SPDT Analog Switch 3.0V, SOTiny 0.4 Dual SPDT Analog Switch 3.0V, SOTiny⑩ 0.4з Dual SPDT Analog Switch 3.0V, SOTiny0.4з Dual SPDT Analog Switch
|
Pericom Technology PERICOM[Pericom Semiconductor Corporation] Pericom Semiconductor Corp.
|