PART |
Description |
Maker |
DPA4111 |
Solid-State PC Board Relay; Output Device:SCR; Output Voltage Min:20Vrms; Output Voltage Max:140Vrms; Load Current Max:1A; Switching:Zero Cross; Output Current Max:1A; Output Current Min:0.025Arms; Output Type:SCR RoHS Compliant: Yes
|
CRYDOM CORP
|
AS1375-BTDT-33 |
1A Quiescent Current, 200mA LDO
|
ams AG
|
A705 A705NFT-210 A705NFT-230 A705NFT-250 A705NFT-2 |
200mA ~ 300mA ADVANCED CURRENT REGULATOR
|
ADDtek Corp
|
MAX4789EUST MAX4790EUST MAX4791EUST MAX4792EUST MA |
200mA/250mA/300mA Current-Limit Switches
|
Maxim Integrated Produc... Maxim Integrated Products
|
DTA115 DTA115EE DAT115EKA DAT115ESA DAT115EUA DTA1 |
Digital transistors (built-in resistors) 数字晶体管(内置电阻 Switch Mode Power Supply; Output Power:5W; No. of Outputs:1; Output 1 VDC :5VDC; Output Current 1:1A; Power Supply Mounting:PC Board; Leaded Process Compatible:No; Output Current:1A; Output Power Max:5W; Output Voltage:5VDC RoHS Compliant: Yes From old datasheet system
|
Rohm Co., Ltd. Rohm CO.,LTD.
|
XC62FJ |
10V Input, 200mA Low Consumption Current Regulator
|
Torex Semiconductor
|
ST16R820 |
Voltage Regulator IC; Output Current:300mA; Package/Case:8-MSOP; Supply Voltage Max:6V; Current Rating:300mA; Leaded Process Compatible:No; Output Current Max:300mA; Output Voltage Max:5V; Output Voltage Min:1.5V 智能卡有544字节的EEPROM非接联系MCU应用 Smartcard MCU With 544 Bytes EEPROM for Contactless/Contact Applications
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
MAX16910CATA8/V MAX16910DATA8/VT |
200mA, Automotive, Ultra-Low Quiescent Current, Linear Regulator
|
MAXIM - Dallas Semiconductor
|
LTC3129-1 |
15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3μA Quiescent Current
|
Linear Technology
|
P6MU-2415EH52 P6MU-0505EH52 P6MU-0512EH52 P6MU-120 |
Input voltage:5V, output voltage 5V (200mA), 5.2KV isolated 1W unregulated single output Input voltage:12V, output voltage 12V (84mA), 5.2KV isolated 1W unregulated single output Input voltage:5V, output voltage 12V (84mA), 5.2KV isolated 1W unregulated single output Input voltage:24V, output voltage 15V (67mA), 5.2KV isolated 1W unregulated single output Input voltage:12V, output voltage 5V (200mA), 5.2KV isolated 1W unregulated single output Input voltage:24V, output voltage 5V (200mA), 5.2KV isolated 1W unregulated single output Input voltage:24V, output voltage 12V (84mA), 5.2KV isolated 1W unregulated single output 5.2 KV ISOLATED 1W UNREGULATED SINGLE OUTPUT DIP14 5.2千伏隔震1W的未稳压单输出DIP14
|
http:// PEAK[PEAK electronics GmbH]
|
BP5035A5 |
AC100V input, −5V/200mA output
|
Rohm CO.,LTD. ROHM[Rohm]
|