PART |
Description |
Maker |
P8SG-XXXXEH30M P8SG-0505EH30M P8SG-1205EH30M P8SG- |
Input voltage:24V, output voltage 7.2V (200mA), 3KV isolated 1.5W regulated single output 3 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24 3千伏隔震1.5糯稳压单输出DIP24
|
PEAK[PEAK electronics GmbH]
|
PZ8GG-1515EH30 PZ8GG-0505EH30 PZ8GG-0512EH30 PZ8GG |
Input voltage:15V, output voltage 12V (125mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage 15V (100mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage 12V (125mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage 5V (300mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage 15V (100mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage 12V (125mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage 5V (300mA), 3KV isolated 1.5W regulated single output Input voltage:15V, output voltage 5V (300mA), 3KV isolated 1.5W regulated single output PZ8GgxxxxEH30 3 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT SIP12 PZ8GgxxxxEH30 3 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT SIP12
|
PEAK[PEAK electronics GmbH]
|
WDD15-15S4U |
DC - DC CONVERTER 15W SINGLE & DUAL OUTPUT
|
Chinfa Electronics Ind. Co., Ltd.
|
IDD15-03S3U IDD15-03S1U |
DC - DC CONVERTER 13 ~ 15W SINGLE & DUAL OUTPUT
|
Chinfa Electronics Ind....
|
SKE15 SKE15A-05 SKE15A-12 SKE15A-15 SKE15A-24 SKE1 |
15W DC-DC Regulated Single Output Converter
|
Mean Well Enterprises Co., Ltd.
|
SKM15 SKM15C-05 SKM15C-12 SKM15C-15 |
15W DC-DC Regulated Single Output Converter
|
Mean Well Enterprises Co., Ltd.
|
TDD15-03S2 TDD15-03S3 TDD15-15S2 TDD15-15S3 TDD15- |
DC - DC CONVERTER 12 ~ 15W SINGLE & DUAL OUTPUT
|
Chinfa Electronics Ind. Co., Ltd.
|
NES-15-15 NES-15-12 |
15W Single Output Switching Power Supply
|
Mean Well Enterprises Co., ...
|
EPS-1513 |
15W SINGLE OUTPUT SWTICHING POWER SUPPLY
|
Mean Well Enterprises Co., Ltd.
|
EPS-15 |
15W SINGLE OUTPUT SWITCHING POWER SUPPLY
|
Mean Well Enterprises Co., Ltd.
|