PART |
Description |
Maker |
2SB1516F5/NP 2SA1727F5/NP 2SD1918F5/NP 2SD1767T101 |
3000 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR 500 mA, 400 V, PNP, Si, SMALL SIGNAL TRANSISTOR 1500 mA, 160 V, NPN, Si, SMALL SIGNAL TRANSISTOR 0.7 A, 80 V, NPN, Si, POWER TRANSISTOR 3000 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR 5 A, 20 V, PNP, Si, POWER TRANSISTOR 1 A, 32 V, NPN, Si, POWER TRANSISTOR 2000 mA, 100 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
International Rectifier, Corp. Dielectric Laboratories, Inc.
|
DS201 |
3000 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
NXP SEMICONDUCTORS
|
UZTX1056ASTOB |
3000 mA, 160 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
DIODES INC
|
FPN330AD26Z |
3000 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-226AE
|
FAIRCHILD SEMICONDUCTOR CORP
|
DXT651-13 |
3000 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR GREEN, PLASTIC PACKAGE-3
|
Diodes, Inc.
|
2SB1229-AQ 2SB1229-AA 2SD1348-LS 2SB986-CD 2SB985- |
2000 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 4 A, 50 V, NPN, Si, POWER TRANSISTOR, TO-126 4 A, 50 V, PNP, Si, POWER TRANSISTOR, TO-126 3000 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-226 3000 mA, 10 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 2000 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 1000 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-226
|
SANYO SEMICONDUCTOR CO LTD
|
FPN560 FPN560A FPN560AD26Z FPN560AD75Z FPN560AD27Z |
NPN Low Saturation Transistor 3000 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-226
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
2SD231810 2SD2318 2SD2318TLV |
3000 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR CPT3, SC-63, 3 PIN High-current gain Power Transistor (60V, 3A)
|
Rohm
|
2SC2673C1 2SA1555TL2B 2SD1919TL3 2SD1919TL2 2SC202 |
1000 mA, 32 V, NPN, Si, SMALL SIGNAL TRANSISTOR 300 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR 2000 mA, 32 V, NPN, Si, SMALL SIGNAL TRANSISTOR 150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
|
MMBTA0511 MMBTA05-TP |
NPN Small Signal General Purpose Amplifier Transistors TRANSISTOR NPN GP 60V SOT23 500 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Micro Commercial Components, Corp.
|
DDTC114WE DDTC114WE-7 DDTC114YE DDTC114YE-7 DDTC12 |
SNAP LOCK CABLE MARKER - W 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR 4-Indent D-Sub Crimper; For Use With:4-Indent Closed-Barrel D-Sub Contacts; Color:Red; Series:1440; Wire Size (AWG):20-12 RoHS Compliant: Yes npn型预偏置信号小的SOT - 523表面贴装晶体 NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR npn型预偏置信号小的SOT - 523表面贴装晶体 NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
|
Diodes, Inc. Diodes Inc. DIODES[Diodes Incorporated]
|
|