PART |
Description |
Maker |
CL31A226MQCLNNC |
Multi Layer Ceramic Capacitor
|
Samsung
|
MCCA000483 MCCA000269 |
Multi Layer Ceramic Capacitor
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
CL10A106KP8NNNC |
Multi Layer Ceramic Capacitor (MLCC)
|
Samsung semiconductor
|
CL05B104KO5NNNC |
Multi Layer Ceramic Capacitor (MLCC)
|
Samsung semiconductor
|
28LV010RPDE-25 28LV010RT1DE-25 28LV010RT2DE-25 28L |
3.3V 1 Megabit (128K x 8-Bit) EEPROM 3.3V 1 Megabit (128K x 8-Bit) EEPROM 128K X 8 EEPROM 3V, 200 ns, DFP32 3.3V 1 Megabit (128K x 8-Bit) EEPROM 128K X 8 EEPROM 3V, 200 ns, DIP32 3.3V 1 Megabit (128K x 8-Bit) EEPROM 3.3V兆位28K的8位)的EEPROM CAP-ARR 200PF X4 100V 10% NP0(C0G) SMD-0508 PLATED-NI/SN TR-7 1K/REEL CAP ARRAY, 2 X 10NF 50V 0508X7RCAP ARRAY, 2 X 10NF 50V 0508X7R; Capacitance:10nF; Voltage rating, DC:50V; Capacitor dielectric type:Ceramic Multi-Layer; Series:W2A; Tolerance, :10%; Tolerance, -:10%; Temp, op. max:125(degree C); CAP ARRAY, 2 X 22NF 16V 0405X5RCAP ARRAY, 2 X 22NF 16V 0405X5R; Capacitance:22nF; Voltage rating, DC:16V; Capacitor dielectric type:Ceramic Multi-Layer; Series:W1A; Tolerance, :20%; Tolerance, -:20%; Temp, op. max:85(degree C); CAP ARRAY, 2 X 15PF 50V 0405NPOCAP ARRAY, 2 X 15PF 50V 0405NPO; Capacitance:0.015nF; Voltage rating, DC:50V; Capacitor dielectric type:Ceramic Multi-Layer; Series:W1A; Tolerance, :10%; Tolerance, -:10%; Temp, op. max:125(degree C); CAP ARRAY, 2 X 680PF 50V 0405NPOCAP ARRAY, 2 X 680PF 50V 0405NPO; Capacitance:0.68nF; Voltage rating, DC:50V; Capacitor dielectric type:Ceramic Multi-Layer; Series:W1A; Tolerance, :10%; Tolerance, -:10%; Temp, op. max:125(degree C); CAP ARRAY, 4 X 100PF 50V 0508NPOCAP ARRAY, 4 X 100PF 50V 0508NPO; Capacitance:0.1nF; Voltage rating, DC:50V; Capacitor dielectric type:Ceramic Multi-Layer; Series:W2A; Tolerance, :10%; Tolerance, -:10%; Temp, op. max:125(degree C); CAP ARRAY, 2 X 10NF 16V 0405X7RCAP ARRAY, 2 X 10NF 16V 0405X7R; Capacitance:10nF; Voltage rating, DC:16V; Capacitor dielectric type:Ceramic Multi-Layer; Series:W1A; Tolerance, :20%; Tolerance, -:20%; Temp, op. max:125(degree C); Ceramic Capacitor Array; Capacitor Type:Chip Array; Capacitance:22pF; Capacitance Tolerance: /- 10%; Voltage Rating:50VDC; Capacitor Dielectric Material:Multilayer Ceramic; Package/Case:0405; Termination:SMD RoHS Compliant: Yes CAP ARRAY, 2 X 1000PF 50V 0405X7RCAP ARRAY, 2 X 1000PF 50V 0405X7R; Capacitance:1nF; Voltage rating, DC:50V; Capacitor dielectric type:Ceramic Multi-Layer; Series:W1A; Tolerance, :10%; Tolerance, -:10%; Temp, op. max:125(degree C);
|
Maxwell Technologies, Inc
|
CI160808-1N0D CI160808-1N2D CI160808-1N5D CI160808 |
Multi-Layer Chip Inductors 1 ELEMENT, 0.018 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD Multi-Layer Chip Inductors 1 ELEMENT, 0.15 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD Multi-Layer Chip Inductors 1 ELEMENT, 0.027 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD Multi-Layer Chip Inductors 1 ELEMENT, 0.18 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD Multi-Layer Chip Inductors 1 ELEMENT, 0.0022 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD Multi-Layer Chip Inductors 1 ELEMENT, 0.0012 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD Multi-Layer Chip Inductors 1 ELEMENT, 0.0068 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
Bourns Inc. Bourns, Inc.
|
DA01 |
CERAMIC MULTI-LAYER AXIAL
|
Dubilier
|
CTLL1608K-68NK CTLL1608J-22NJ CTLL1608J-27NJ CTLL1 |
Multi-layer Chip Inductors - Ceramic
|
Central Technologies
|
DRU21C102KBTA DRA21C102KBTA DRE21C102KBTA DRU21W10 |
CAPACITORS CERAMIC MULTI-LAYER RADIAL DR
|
Dubilier
|
ILC0402ER10NJ ILC0402ER10NK ILC0402ER12NJ ILC0402E |
Surface Mount, Multi Layer High Frequency Ceramic Inductor
|
http:// Vishay Siliconix
|
CDR11BP100AGYS CDR11BP101AGYS CDR11BP102AGYS CDR11 |
CAPACITOR, CERAMIC, MULTILAYER, 50 V, BP, 0.00001 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, MULTILAYER, 50 V, BP, 0.0001 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, MULTILAYER, 50 V, BP, 0.001 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, MULTILAYER, 50 V, BP, 0.00075 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, MULTILAYER, 50 V, BP, 0.000075 uF, SURFACE MOUNT CHIP CAP 2200PF 50V 5% X7R SMD-1111 WAFFLE-PAK BASE/BARR/SOLDER MICROWAVE R-MIL-PRF-55681 CAPACITOR, CERAMIC, MULTILAYER, 50 V, BP, 0.0022 uF, SURFACE MOUNT
|
AVX, Corp.
|
DSU0402R104KN DSB0402R104KN DSU0402R104ZN DSU1210R |
SURFACE MOUNT CERAMIC SMD MULTI-LAYER HIGH CAPACITANCE DS SURFACE MOUNT CERAMIC SMD MULTI-LAYER HIGH CAPACITANCE DS
|
Dubilier
|
|