PART |
Description |
Maker |
S8550-B S8550-C S8550-D S8550-B-BP |
PNP Silicon Transistors 500 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Micro Commercial Components
|
2N2696 |
500 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-206AA Bipolar PNP Device in a Hermetically sealed TO18 Metal
|
SEMELAB LTD Seme LAB
|
BC178PM1TA BC178PM1TC ZTX503Q ZTX503L |
200 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR TO-92 STYLE, E-LINE PACKAGE-3 500 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Zetex Semiconductor PLC Diodes, Inc. ZETEX PLC
|
MPSA92RL1G MPSA93RLRMG MPSA93G MPSA92G MPSA92RLRPG |
High Voltage Transistors Small Signal High Voltage PNP; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Bulk; Qty per Container: 5000 500 mA, 200 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal High Voltage PNP; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Ammunition Box; Qty per Container: 2000 500 mA, 200 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal High Voltage PNP; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Bulk; Qty per Container: 5000 500 mA, 300 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal High Voltage PNP; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Ammunition Box; Qty per Container: 2000 500 mA, 300 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Rectron Semiconductor
|
BC640 BC640-16G BC640ZL1G BC640G |
High Current Transistors General Purpose Transistor PNP; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Ammunition Box; Qty per Container: 2000 500 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 General Purpose Transistor PNP; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Bulk; Qty per Container: 5000 500 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
ON Semiconductor
|
2SA970GR BCX79-10 2SA984F 2SA1266 2SA1266O |
100 mA, 120 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 500 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 150 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
|
BCV46-T BCV26 BCV26-T |
500 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB PNP Darlington transistors 500 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB PNP Darlington transistors
|
NXP SEMICONDUCTORS NXP Semiconductors N.V.
|
FMMTA55 FMMTA55TA FMMTA55RTC |
500 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
DIODES INC ZETEX PLC
|
KSA1150OBU |
500 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
FAIRCHILD SEMICONDUCTOR CORP
|
JC327-40 |
500 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
NXP SEMICONDUCTORS
|
|