PART |
Description |
Maker |
EXC-24CB102U EXC24CP121U EXC24CP121U-12 EXC24CP221 |
2 mode Noise Filters 2 mode Noise Filters Burst/radiation noise fi ltering for audio circuits
|
Panasonic Semiconductor
|
AN-940 |
Low Noise Amplifier Selection Guide for Optimal Noise Performance
|
Analog Devices
|
MGA-17516-BLKG MGA-17516-TR1G |
Low Noise, High Linearity Match Pair Low Noise Amplifier
|
AVAGO TECHNOLOGIES LIMITED
|
ILC7084AIM5ADJX ILC7083 ILC7083AIK30X ILC7083AIKAD |
RES 2.1K-OHM 5% 0.125W 200PPM THICK-FILM SMD-0805 5K/REEL-7IN-PA 2.5 V-12 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO5 JT 32C 32#20 SKT PLUG 3 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO8 150mA SOT-23 Low Noise CMOS RF-LDO?/a> Regulator 150mA SOT-23 Low Noise CMOS RF-LDO Regulator 150mA SOT-23 Low Noise CMOS RF-LDO⑩ Regulator 150mA SOT-23 Ultra Low Noise CMOS RF-LDO
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
ST-4 |
MINI-NOISE DIODES 10 KHZ TO 3 GHZ 0.00001 GHz - 3 GHz, SILICON, NOISE DIODE
|
Micronetics, Inc.
|
M5238AFP M5238AL M5238AP M5238P M5238FP |
DUAL LOW-NOISE J-FET INPUT OPERATIONAL AMPLIFIERS 双路低噪声J - FET输入运算放大 DUAL LOW NOISE JFET INPUT OPERATIONAL AMPLIFIERS CRYSTAL 30.000 MHZ 10PF SMD 双低噪声JFET输入运算放大 Dual Low Noise J-Fet Input Operational Amplifier
|
MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
EL2228 |
Dual, Op Amp, 80MHz, AV=1, Low Noise 4.9nV/√Hz, 2.5-12VDC Dual Low Noise Amplifier
|
Intersil Corporation
|
2SC5434 2SC5434-T1 |
Reduced noise high frequency amplification transistor NPN EPITAXIAL SILICON TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION High-Frequecy Low-Noise Amplifier NPN Transistor(高频低噪声放大器NPN晶体
|
NEC[NEC] NEC Corp.
|
HA2-5137883 HA7-5137883 HA-5137_883 HA4-5137883 FN |
DIODE SCHOTTKY DUAL COMMON-CATHODE 30V 350mW 0.38V-vf 200mA-IFM 1mA-IF 0.2uA-IR SOT-23 3K/REEL 60MHz/ Ultra Low Noise/ Precision Operational Amplifier 60MHz, Ultra Low Noise, Precision Operational Amplifier 60MHz Ultra Low Noise Precision Operational Amplifier From old datasheet system
|
INTERSIL[Intersil Corporation]
|
SP6203 SP6203EM5- SP6205ER-3.3 SP6205ER-3.0 SP6205 |
Low Noise, 300mA and 500mA CMOS LDO Regulators Low Noise, 300mA and 500mA CMOS LDO Regulators 低噪音,00mA00mA的CMOS LDO稳压 Low Noise, 300mA and 500mA CMOS LDO Regulators 低噪音,00mA500mA的CMOS LDO稳压 Circular Connector; No. of Contacts:37; Series:LJT06R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:15; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:15-35 低噪音,00mA00mA的CMOS LDO稳压 CRYSTALS 10/15 -20 70 18PF 19.6608MHZ ATCUT FUND HC-49/US Low Noise / 300mA and 500mA CMOS LDO Regulators Low Noise 300mA and 500mA CMOS LDO Regulators
|
Advanced Semiconductor, Inc. SIPEX[Sipex Corporation]
|
TL071M TL071I TL071C TL071B TL071_01 TL071A TL071A |
LOW NOISE SINGLE JFET OP-AMPS LOW NOISE J-FET SINGLE OPERATIONAL AMPLIFIERS
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
LT3015 LT3080 LT3080-1 LT1175 LT1185 LT1764A LT196 |
1.5A, Low Noise, Negative Linear Regulator Dual 150mA Positive/Negative Low Noise
|
Linear Technology
|