PART |
Description |
Maker |
10N70-Q |
N-CHANNEL POWER MOSFE
|
Unisonic Technologies
|
FDMA1032CZ FDMA1032CZ08 |
20V Complementary PowerTrench? MOSFE 20V Complementary PowerTrench㈢ MOSFE
|
Fairchild Semiconductor
|
IRC640 |
200V Single N-Channel HEXFET Power MOSFET in a TO-220 5-Pin (HEXSense) package Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=18A)
|
IRF[International Rectifier]
|
IRFD210 |
200V Single N-Channel HEXFET Power MOSFET in a HEXDIP package Power MOSFET(Vdss=200V, Rds(on)=1.5ohm, Id=0.60A)
|
International Rectifier
|
FQB5N20L FQI5N20L FQI5N20 FQI5N20LTU |
200V LOGIC N-Channel MOSFET 4.5 A, 200 V, 1.25 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA 200V N-Channel Logic Level QFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
APT20M38SVR APT20M38SVRG |
200V 67A 0.038W Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs. POWER MOS V 200V 67A 0.038 Ohm
|
Microsemi Corporation ADPOW[Advanced Power Technology]
|
IRF9610S IRF9610STRL IRF9610STRR |
-200V Single P-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=-200V, Rds(on)=3.0ohm, Id=-1.8A) Power MOSFET(Vdss=-200V/ Rds(on)=3.0ohm/ Id=-1.8A) CAP 3.9PF 50V /-0.1PF C0G SMD-0402 TR-7-PA SN100 HIGH-FREQ 功率MOSFET(减振钢板基本\u003d-00V,的Rds(on)\u003d 3.0ohm,身份证\u003d- 1.8A
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRFU210 IRFR210 IRFU210PBF IRFR210TRL IRFR210TRR |
200V Single N-Channel HEXFET Power MOSFET in a D-Pak package 200V Single N-Channel HEXFET Power MOSFET in a I-Pak package Power MOSFET(Vdss=200V, Rds(on)=1.5ohm, Id=2.6A)
|
IRF[International Rectifier]
|
IRFR9210 IRFU9210 |
-200V Single P-Channel HEXFET Power MOSFET in a I-Pak package Power MOSFET(Vdss=-200V, Rds(on)=3.0ohm, Id=-1.9A) HEXFET? Power MOSFET
|
IRF[International Rectifier]
|