PART |
Description |
Maker |
2N2904 JANTX2N2905A JAN2N2904 JAN2N2905 2N2904A 2N |
600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-39 PNP Transistor PNP SWITCHING SILICON TRANSISTOR 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-5 3 Pin 1.5A Fixed 12V Positive Voltage Regulator 3-TO-220 0 to 125 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-5 600 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-205AD
|
MICROSEMI CORP-LAWRENCE http:// MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
PZT2907AT1G |
Small Signal Switch PNP; Package: SOT-223 (TO-261) 4 LEAD; No of Pins: 4; Container: Tape and Reel; Qty per Container: 1000 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-261AA
|
Rectron Semiconductor
|
2SA1627AL-L-T60-K |
1000 mA, 600 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-126
|
UNISONIC TECHNOLOGIES CO LTD
|
JANS2N2906A JAN2N2907A JANTX2N2907A JANTX2N2907AL |
PNP SMALL SIGNAL SILICON TRANSISTOR 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR 64 x 18 asynchronous FIFO memory 56-SSOP 0 to 70 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Transistor
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
2SB1331T105/PQ 2SB1306/P 2SB1306T103/QR 2SB1306/QR |
2 A, 32 V, PNP, Si, POWER TRANSISTOR 5 A, 20 V, PNP, Si, POWER TRANSISTOR, TO-92L 2000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92L 1000 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92L 700 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92L 100 mA, 400 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92L 1000 mA, 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92L 700 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92LS
|
|
2N5401 2N5401RL1 2N5401RLRA 2N5401RLRAG 2N5401RLRM |
Amplifier Transistors 600 mA, 150 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Amplifier PNP
|
ONSEMI[ON Semiconductor]
|
MMST2907A-7-F |
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc.
|
KSB564A KSB564AYTA_NL KSB564ACGBU KSB564ACGTA KSB5 |
Audio Frequency Power Amplifier 1000 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 PNP Epitaxial Silicon Transistor
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
KSB1116LTA |
PNP Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Ammo 1000 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
BCX53-10 |
1000 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
INFINEON TECHNOLOGIES AG
|
BCX69-10E6433 |
1000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
SIEMENS A G
|
|