PART |
Description |
Maker |
DA2J10800L |
Silicon epitaxial planar type For small current recitification High reverse voltage VR
|
Panasonic Semiconductor
|
SLA-360 |
High luminance, small LEDs (Φ3, Φ3.1 mm) High luminance, small LEDs (フ3, フ3.1 mm) High luminance/ small LEDs (3/ 3.1 mm) High luminance, small LEDs (, .1 mm) High luminance, small LEDs (3, 3.1 mm) 高亮度,小型LED(フ3,フ三点一毫米
|
ROHM[Rohm] Rohm CO.,LTD. Rohm Co., Ltd.
|
2SA2082 |
Small-signal device - Small-signal transistor - High-Speed Switch·VCO and High Freq.
|
Panasonic
|
2SC4691 |
Small-signal device - Small-signal transistor - High-Speed SwitchVCO and High Freq.
|
Panasonic
|
KB491D |
Small surface mounting type, Low reverse current and low forward voltage
|
TY Semiconductor Co., Ltd
|
1SS392 |
Small package Low forward voltage :VF =0.54V(Typ). Low reverse current :IR =5 A(Max).
|
TY Semiconductor Co., L...
|
MMBZ5230BLT3 MMBZ5224BL MMBZ5224BLT1 MMBZ5221BL MM |
Small Signal 4.7V 5% Zener 2.8V 2.4V Zener Small Signal 27V 5% Zener 43V 5% Zener 47V 5% 51V Zener Zener 62V 5% 60V Zener Small Signal 6.8V 5% Small Signal 25V 5% Small Signal 9.1V 5% Zener Voltage Regulator 30V 5% Small Signal 16V 5% Small Signal Zener 36V 5% Small Signal 20V 5%
|
ON Semiconductor
|
FR015L3EZ |
Low-Side Reverse Bias / Reverse Polarity Protector
|
Fairchild Semiconductor
|
FR011L5J |
Low-Side Reverse Bias / Reverse Polarity Protector
|
Fairchild Semiconductor
|
2SC5632 |
Small-signal device - Small-signal transistor - High-Frequency Amplifiers and Others Silicon NPN epitaxial planar type
|
PANASONIC[Panasonic Semiconductor]
|
BC848CW BC846W-BC850W BC848AW Q62702-C2306 Q62702- |
High Speed CMOS Logic Dual 4-Input AND Gate 14-SOIC -55 to 125 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR High Speed CMOS Logic Presettable Synchronous 4-Bit Binary Up/Down Counters with Asynchronous Reset 16-PDIP -55 to 125 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR High Speed CMOS Logic Hex D-Type Flip-Flop with Reset 16-SOIC -55 to 125 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN Silicon AF Transistor (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage) From old datasheet system
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|