PART |
Description |
Maker |
ASM3P2762AG-08TT ASM3I2762A-06OR ASM3I2762A-08SR A |
Low Power Peak EMI Reducing Solution 13 MHz, OTHER CLOCK GENERATOR, PDSO8 Octal Bus Transceivers With 3-State Outputs 20-BGA MICROSTAR JUNIOR -40 to 85 Octal Bus Transceivers With 3-State Outputs 20-SO -40 to 85 Octal Bus Transceivers With 3-State Outputs 20-TSSOP -40 to 85 PS MEDICAL 28W 12V 2.3A PWR SPLY SWITCHING 28V 0.7A CONNECTOR ACCESSORY Circular Connector; No. of Contacts:21; Series:MS27467; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:23; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:23-21 RoHS Compliant: No
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
FST34X2245QSPXNL FST34X2245_05 FST34X2245 FST34X22 |
32-Bit Bus Switch with 25 Ohm Series Resistor in Outputs 32-Bit Bus Switch with 25ohm Series Resistors in Outputs CBT/FST/QS/5C/B SERIES, QUAD 8-BIT DRIVER, TRUE OUTPUT, PDSO80
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
HLD15ZGE HLD15YEB HLD15YED HLD15YGB HLD15YGE HLD15 |
HLD SERIES - 60 WATT 恒基地产系列- 60 CONNECTOR ACCESSORY
|
Infineon Technologies AG POWER-ONE[Power-One]
|
TON15-2410 TON15-4813 TON15 TON15-2411 TON15-2412 |
DC/DC Converters - TON 15 Series, 15 Watt CONNECTOR ACCESSORY
|
http:// TRACO ELECTRONIC AG.
|
74F2645 74F2645SC |
Octal Bus Transceiver with 25ヘ Series Resistors in the Outputs From old datasheet system Octal Bus Transceiver with 25 Series Resistors in the Outputs Octal Bus Transceiver with 25-Ohm Series Resistors in the Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
0457140003 45714-0003 |
12.90mm (.508) Pitch EXTreme PowerEdge? Connector, 4 Segments (8 Total Contacts), Press-Fit, Mates to a 1.57mm (.062) Thick Card Edge or Bus Bar Tab
|
Molex Electronics Ltd.
|
74ALVCF322835 74ALVCF322835G 74ALVCF322835GX |
BUFFER/DRIVER|DUAL|18-BIT|AVC/ALVC-CMOS|BGA|114PIN|PLASTIC ALVC/VCX/A SERIES, DUAL 18-BIT DRIVER, TRUE OUTPUT, PBGA114 Low Voltage 36-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26з Series Resistors in Outputs 低电6位通用总线输出.6V的容错和26з电阻的输出驱动器系列 Low Voltage 36-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26 Series Resistors in Outputs Low Voltage 36-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26-Ohm Series Resistors in Outputs
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
SSC SSCSMNN1.6BCAA3 SSCSMNN1.6BCAA5 SSCSMNN1.6BCAB |
TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Analog output,SIP,60 mbar to 10 bar TruStability Silicon Pressure Sensors: SSC Series- standard Accuracy -2% Total Error Band, Analog Output,SIP,60 mbar to 10 bar TruStability Silicon Pressure Sensors: SSC Series- standard Accuracy -2% Total Error Band, Analog Output,SIP,60 mbar to 10 bar
|
Honeywell Solid State Electronics Center Honeywell Solid State E...
|
HD74ALVC1G125VSE HD74ALVC1G125 |
Standard IC>General-Purpose Logics>Uni-Logic 74ALVC 1G/2G Series>74ALVC1G Series Bus Buffer Gate with 3-state Output
|
Renesas Electronics Corporation
|
HD74ALVC2G125 HD74ALVC2G125USE |
Standard IC>General-Purpose Logics>Uni-Logic 74ALVC 1G/2G Series>74ALVC2G Series Dual Bus Buffer with 3-state Output
|
Renesas Electronics Corporation
|
HD74ALVC2G240USE HD74ALVC2G240 |
Standard IC>General-Purpose Logics>Uni-Logic 74ALVC 1G/2G Series>74ALVC2G Series Dual Bus Buffer Inverted with 3-state Output
|
Renesas Electronics Corporation
|