PART |
Description |
Maker |
KI1902DL |
Drain-source voltage Vds 20V Gate-source voltage Vgs -12V
|
TY Semiconductor Co., L...
|
5N20V |
Drain-Source Voltage VDS 20 V Gate-Source Voltage VGS -12 V
|
TY Semiconductor Co., Ltd
|
KI9926A |
Drain-Source Voltage VDS 20 V Gate-Source Voltage VGS -12 V
|
TY Semiconductor Co., Ltd
|
KI1302DL |
Drain-source voltage VDS 30 V Gate-source voltage VGS -20 V
|
TY Semiconductor Co., Ltd
|
KI1553DL |
PIN Configuration Drain-Source Voltage Vds 20V
|
TY Semiconductor Co., L...
|
PST993 PST993C PST993D PST993E PST993F PST993G PST |
MOSFET; Transistor Polarity:P Channel; Drain Source Voltage, Vds:-20V; Continuous Drain Current, Id:-2.2A; On-Resistance, Rds(on):0.1ohm; Rds(on) Test Voltage, Vgs:-4.5V; Package/Case:SOT-23; Leaded Process Compatible:No MOSFET, P, SOT-23; Transistor type:MOSFET; Current, Id cont:2.2A; Resistance, Rds on:0.1R; Voltage, Vgs Rds on measurement:4.5V; Case style:SOT-23 (TO-236); Current, Id max:2.2A; Current, Idm pulse:10A; Marking, SMD:L1; Pins, No. RoHS Compliant: Yes MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:20V; Continuous Drain Current, Id:2.1A; On-Resistance, Rds(on):0.085ohm; Rds(on) Test Voltage, Vgs:4.5V; Package/Case:SOT-23; Leaded Process Compatible:No System Reset
|
MITSUMI ELECTRIC CO LTD ETC[ETC] Mitsumi Electronics, Corp.
|
AM29LV017D-120WCI AM29LV017D-120EC AM29LV017D-120W |
MOSFET; Drain Source Voltage, Vds:20V; Continuous Drain Current, Id:93A; On Resistance, Rds(on):5.7mohm; Rds(on) Test Voltage, Vgs:10V; Leaded Process Compatible:No; Package/Case:DPAK; Peak Reflow Compatible (260 C):No RoHS Compliant: No MOSFET; Drain Source Voltage, Vds:20V; Continuous Drain Current, Id:93A; On-Resistance, Rds(on):5.7mohm; Rds(on) Test Voltage, Vgs:10V; Continuous Drain Current - 100 Deg C:66A; Continuous Drain Current - 25 Deg C:93A RoHS Compliant: Yes x8 Flash EEPROM 20V Single N-Channel HEXFET Power MOSFET in a I-Pak package 20V Single N-Channel HEXFET Power MOSFET in a D-Pak package x8闪存EEPROM
|
Advanced Linear Devices, Inc.
|
ST63P56 ST6356 ST6357 ST6327 ST6326 ST63PXX ST6306 |
MOSFET; Transistor Polarity:P Channel; Drain Source Voltage, Vds:-20V; Continuous Drain Current, Id:-3.8A; On-Resistance, Rds(on):0.062ohm; Rds(on) Test Voltage, Vgs:-4.5V; Package/Case:8-1206; Leaded Process Compatible:No 8位微控制器HCMOS背驮式电视应 (ST63Pxx) 8 Bit HCMOS Piggyback MCUs for TV Applications 8-BIT HCMOS PIGGYBACK MCUs FOR TV APPLICATIONS
|
STMicroelectronics N.V. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
ADM6711 ADM6711LAKS ADM6711MAKS ADM6711RAKS ADM671 |
XSTR, FET BS170TMOS SWITCHING PHOTO TRANSISTOR, NPN, SILICON; Channels, No. of:1; Output type:Transistor; Current, input:50mA; Voltage, output max:70V; Case style:3-TO-18; Mounting type:Through Hole RoHS Compliant: Yes 微处理器监控电路4引脚SC70 Microprocessor Supervisory Circuit in 4-Lead SC70 微处理器监控电路4引脚SC70 RES 1K-OHM 5% 0.063W 200PPM THK-FILM SMD-0603 TR-7-PA SENSOR, OPTICAL, TRANSISTOR O/P; RoHS Compliant: Yes MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:60V; Continuous Drain Current, Id:0.5A; On-Resistance, Rds(on):2mohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:TO-92; Drain-Source Breakdown Voltage:60V RoHS Compliant: No Microprocessor Supervisory Circuit in 4-Lead SC70, Active-Low Push-Pull Output Microprocessor Supervisory Circuit in 4-Lead SC70, Active-Low Open-Drain Output
|
Analog Devices, Inc. AD[Analog Devices]
|
SST4117 SST4118 SST4119 2N4117A 2N4118A 2N4118 2N4 |
MOSFET; Transistor Polarity:Dual P Channel; Drain Source Voltage, Vds:-12V; Continuous Drain Current, Id:-6.4A; On-Resistance, Rds(on):35mohm; Rds (SST4117 - SST4119) N-Channel JFET General Purpose Amplifier N-Channel JFET General Purpose Amplifier N-CHANNEL, Si, SMALL SIGNAL, JFET, TO-72
|
CALOGIC[Calogic, LLC] Calogic LLC Calogic LLC
|
HCS04MS FN3046 HCS04D HCS04DMSR HCS04HMSR HCS04K H |
From old datasheet system Radiation Hardened Hex Inverter JFET; Transistor Polarity:N Channel; Breakdown Voltage, V(br)gss:-50V; Zero Gate Voltage Drain Current Min, Idss:0.5mA; Zero Gate Voltage Drain Current Max, Idss:12mA; Gate-Source Cutoff Voltage Max, Vgs(off):-1.5V
|
INTERSIL[Intersil Corporation]
|