PART |
Description |
Maker |
5B35-N-CUSTOM 5B35 5B35-01 5B35-02 5B35-03 5B35-04 |
Isolated Linearized 4-Wire RTD Input ISOLATED LINEARIZED 4-WIRE RDT INPUT Isolated 4 Wire RTD Input Signal Conditioning Module; Package: IOS MODULE; No of Pins: 14; Temperature Range: Commercial SPECIALTY ANALOG CIRCUIT, XMA
|
Analog Devices, Inc. AD[Analog Devices]
|
3B40-00 3B40-01 3B40-02 3B40-03 3B41-03 3B40 3B41 |
Isolated Wideband Voltage Input SPECIALTY ANALOG CIRCUIT, XMA Isolated Wide Bandwidth millivolt Input Signal Conditioning Module Isolated Wide Bandwidth Volt Input Signal Conditioning Module
|
Analog Devices, Inc. AD[Analog Devices]
|
5B47-K-05 5B47-K-04 5B47-J-01 5B47-J-02 5B47-J-03 |
Isolated, Linearized Thermocouple Input SPECIALTY ANALOG CIRCUIT, XMA Isolated Linearized Thermocouple Input Signal Conditioning Module
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
VRPB-15E VRPB-15E33L |
NON-ISOLATED DC/DC CONVERTERS 4.5 V - 13.2 V Input 0.9 V - 5.0 V/15 A Output 非隔离式DC / DC转换.5 13.2 V输入0.9 V 5.0V/15 A输出 NON-ISOLATED DC/DC CONVERTERS 4.5 V - 13.2 V Input 0.9 V - 5.0 V/15 A Output 1-OUTPUT 48.5 W DC-DC REG PWR SUPPLY MODULE
|
Bel Fuse, Inc.
|
X7AH-07A1A0 S7AH-07A1A0 V7AH-07A1A0 |
NON-ISOLATED DC/DC CONVERTERS 12 V Input 0.9 V-3.3 V/7 A Output 1-OUTPUT 23.1 W DC-DC REG PWR SUPPLY MODULE NON-ISOLATED DC/DC CONVERTERS 12 V Input 0.9 V-3.3 V/7 A Output 非隔离式DC / DC转换2 V输入0.9 V.3 7 A输出
|
Bel Fuse, Inc. BEL[Bel Fuse Inc.]
|
3B37-J-01 3B37-X-00 3B37 3B37-B-06 3B37-E-04 3B37- |
Isolated Thermocouple Input Signal Conditioning Module Isolated, Thermocouple Input
|
AD[Analog Devices]
|
7B35 7B35-01-1 7B35-01-2 |
Isolated Process Current Input Signal Conditioning Module with Isolated 24 V Loop Power Isolated Process Current Input with Loop Power
|
Analog Devices
|
VRBC-16F1AL VRBC-16F1A0 VRBC-16F1AW VRBC-16F1AX |
NON-ISOLATED DC/DC CONVERTERS 2.4 V - 5.5 V Input 0.75 V - 3.63 V/16A Output 1-OUTPUT 58.1 W DC-DC REG PWR SUPPLY MODULE NON-ISOLATED DC/DC CONVERTERS 2.4 V - 5.5 V Input 0.75 V - 3.63 V/16A Output 非隔离式DC / DC转换.4 5.5 V输入0.75 3.63 V/16A输出
|
Bel Fuse, Inc. Bel Fuse Inc.
|
PN6CU-4812E PN6CU-0505E PN6CU-0512E PN6CU-1205E PN |
Input voltage: 48V, output voltage 12V (84mA), 1KV isolated 1W unregulated single output Input voltage: 48V, output voltage 5V (200mA), 1KV isolated 1W unregulated single output Input voltage: 24V, output voltage 3.3V (303mA), 1KV isolated 1W unregulated single output Input voltage: 24V, output voltage 12V (84mA), 1KV isolated 1W unregulated single output Input voltage: 24V, output voltage 5V (200mA), 1KV isolated 1W unregulated single output Input voltage: 12V, output voltage 12V (84mA), 1KV isolated 1W unregulated single output Input voltage: 12V, output voltage 5V (200mA), 1KV isolated 1W unregulated single output Input voltage: 5V, output voltage 12V (84mA), 1KV isolated 1W unregulated single output Input voltage: 5V, output voltage 5V (200mA), 1KV isolated 1W unregulated single output PN6CU-XXXXE 1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT SIP7 PN6CU - XXXXE 1KV交隔W的未稳压单输出SIP7
|
PEAK[PEAK electronics GmbH]
|
P6MU-2415EH52 P6MU-0505EH52 P6MU-0512EH52 P6MU-120 |
Input voltage:5V, output voltage 5V (200mA), 5.2KV isolated 1W unregulated single output Input voltage:12V, output voltage 12V (84mA), 5.2KV isolated 1W unregulated single output Input voltage:5V, output voltage 12V (84mA), 5.2KV isolated 1W unregulated single output Input voltage:24V, output voltage 15V (67mA), 5.2KV isolated 1W unregulated single output Input voltage:12V, output voltage 5V (200mA), 5.2KV isolated 1W unregulated single output Input voltage:24V, output voltage 5V (200mA), 5.2KV isolated 1W unregulated single output Input voltage:24V, output voltage 12V (84mA), 5.2KV isolated 1W unregulated single output 5.2 KV ISOLATED 1W UNREGULATED SINGLE OUTPUT DIP14 5.2千伏隔震1W的未稳压单输出DIP14
|
http:// PEAK[PEAK electronics GmbH]
|
P6MU-2415EH40 P6MU-0505EH40 P6MU-0512EH40 P6MU-120 |
Input voltage: 5V, output voltage 12V (84mA), 4KV isolated 1W unregulated single output Input voltage:12V, output voltage 12V (84mA), 4KV isolated 1W unregulated single output Input voltage:24V, output voltage 5V (200mA), 4KV isolated 1W unregulated single output Input voltage:24V, output voltage 15V (67mA), 4KV isolated 1W unregulated single output Input voltage:24V, output voltage 12V (84mA), 4KV isolated 1W unregulated single output 4 KV ISOLATED 1W UNREGULATED SINGLE OUTPUT DIP14 4千伏隔震1W的未稳压单输出DIP14 Input voltage: 5V, output voltage 5V (200mA), 4KV isolated 1W unregulated single output
|
Electronic Theatre Controls, Inc. PEAK[PEAK electronics GmbH]
|
PHD32UYY PHD32UDD PHD32UDC PHD32UDB PHD32VDB PHD32 |
PHD32 Series . 32A Non-Isolated DC/DC Converter 5V/ 3.3V Input Dual Output PHD32 Series . 32A Non-Isolated DC/DC Converter 5V 3.3V Input Dual Output Reed Switch; Pull-In Amp Turns Max:19; Pull-In Amp Turns Min:10; Circuitry:SPST-NO; Switching Current Max:0.5A; Switching Voltage Max:180VDC; Mounting Type:PCB; Body Length:13.5mm; Breakdown Voltage Min:180V PHD32系列。第32A非隔离式DC / DC转换器为5V.3V输入双输 PHD32 Series . 32A Non-Isolated DC/DC Converter 5V, 3.3V Input Dual Output PHD32系列。第32A非隔离式DC / DC转换器为5V3.3V输入双输 PHD32 Series . 32A Non-Isolated DC/DC Converter 5V, 3.3V Input Dual Output PHD32系列。第32A非隔离式DC / DC转换器为5V.3V输入双输
|
POWER-ONE[Power-One] Motorola Mobility Holdings, Inc. AME, Inc. Electronic Theatre Controls, Inc. Hitachi,Ltd.
|