PART |
Description |
Maker |
MSK5030-5.0B |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?掳C to 85?掳C
|
MS KENNEDY CORP
|
STR-W6765 |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C
|
Allegro MicroSystems, Inc.
|
MC33166TVG |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C
|
ON Semiconductor
|
ADC-800 |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 15-BIT PLUS SIGN A/D CONVERTER WITH MICROPROCESSOR INTERFACE
|
ETC List of Unclassifed Manufacturers
|
LTC1560-1 |
1MHz/500kHz Continuous Time Low Noise, Lowpass Elliptic Filter
|
Linear Technology
|
LTC1560-1 LTC1560-1C LTC1560-1CS8 LTC1560-1I LTC15 |
From old datasheet system 1MHz/500kHz Continuous Time/ Low Noise/ Lowpass Elliptic Filter 1MHz/500kHz Continuous Time, Low Noise, Lowpass Elliptic Filter Advanced,Self-Calibrating, Precision, Dual Operational Amplifier 8-CDIP -55 to 125 Advanced,Self-Calibrating, Precision, Dual Operational Amplifier 10-CFP -55 to 125 Advanced,Self-Calibrating, Precision, Dual Operational Amplifier 20-LCCC -55 to 125
|
Linear Technology Corporation
|
LT1977 1977F LT1977EFE LT1977IFE 1977IFE |
High Voltage 1.5A, 500kHz Step-Down Switching Regulator with 100uA Quiescent Current From old datasheet system High Voltage 1.5A, 500kHz Step-Down Switching Regulator with 100μA Quiescent Current
|
LINER[Linear Technology]
|
AAT1155IKS-1.0-T1 AAT1155IKS-2.5-T1 AAT1155IKS-1.8 |
1MHz 2.5A Step-Down DC/DC Converter 1MHz.5A降压型DC / DC转换
|
Advanced Analogic Technologies, Inc.
|
LT1370CR LT1370CR-PBF LT1370-15 |
500kHz High Efficiency
6A Switching Regulator 500kHz High Efficiency 6A Switching Regulator
|
Linear Technology
|
NB634EL NB634EL-LF-Z |
High Efficiency 5A, 24V, 500kHz Synchronous Step-down Converter
|
MPS Industries, Inc.
|