PART |
Description |
Maker |
5962F0254201QXC 5962F0254201VXC ISL7124SRH ISL7124 |
Operational Amplifier 运算放大 Single-Event Hardened, Single Supply, Quad Operational Amplifier Operational Amplifier, Single-Event Rad-Hard, Single Supply, Quad, 0.3V/s Slew Rate Single-Event Hardened/ Single Supply/ Quad Operational Amplifier 1.0 Amp Power Operational Amplifier
|
Brady, Corp. Intersil Corporation
|
L165 1317 L165V |
3A POWER OPERATIONAL AMPLIFIER From old datasheet system Voltage-Feedback Operational Amplifier
|
http:// STMicroelectronics
|
BA15532 BA15532F BA15532N BA15532/F/N |
Standard Linear LSIs > Operational amplifier > Operational amplifier Dual high slew rate, low noise operational amplifier Dual high slew rate/ low noise operational amplifier
|
ROHM[Rohm] Rohm CO.,LTD.
|
GS8170LW36C-250 GS8170LW72C-200 GS8170LW72C-300 GS |
Low-Noise Operational Amplifier 8-SOIC -40 to 85 18Mb sigma 1x1Lp CMOS I/O Late Write SigmaRAM Low-Noise Operational Amplifier 8-PDIP -40 to 85 35.7西格x1Lp的CMOS的I / O后写入SigmaRAM Low-Noise Operational Amplifier 8-SO -40 to 85 35.7西格x1Lp的CMOS的I / O后写入SigmaRAM
|
Electronic Theatre Controls, Inc.
|
NJM2059 NJM2059D NJM2059M NJM2059V NJM2059L |
Dual operational amplifier QUAD OPERATIONAL AMPLIFIER 四运算放大器
|
NJRC[New Japan Radio] New Japan Radio Co., Ltd.
|
KBPC1501 KBPC1504 KBPC15005 KBPC1508 |
Dual Advanced LinCMOS(TM) Rail-To-Rail Operational Amplifier 8-PDIP 0 to 70 Rail-To-Rail Low Power Advanced LinCMOS(TM) Dual Operational Amplifier 10-CFP -55 to 125 TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER Advanced LinCMOS(TM) Rail-To-Rail Quad Operational Amplifier 14-TSSOP -40 to 125
|
DC Components Co., Ltd.
|
HS-2600RH 5962D9567101VPC HS7B-2600RH-Q HS7-2600RH |
Radiation Hardened Wideband/ High Impedance Operational Amplifier Radiation Hardened Wideband, High
Impedance Operational Amplifier(抗辐射宽带、高阻抗运算放大 CONNECTOR ACCESSORY Radiation Hardened Wideband, High Impedance Operational Amplifier OP-AMP, 12 MHz BAND WIDTH, CDIP8 Radiation Hardened Wideband, High Impedance Operational Amplifier OP-AMP, 6000 uV OFFSET-MAX, CDIP8
|
Intersil Corporation Intersil, Corp. http://
|
3885 M38851F3-HP M38850F3-HP M38851F1-HP M38850F1- |
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 5-SOT-23 -40 to 125 CAP 680PF 50V 10% X7R SMD-0402 TR-13 PLATED-NI/SN Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 PLCC Socket; Number of Contacts:32; Terminal Type:PCB Surface Mount; Contact Plating:Tin Over Nickel; Mounting Type:Surface Mount ACCU-F/P CRYSTAL, SM, CX-49G, 8MHZ; Frequency, output:8000kHz; Accuracy: /-50ppm; Temperature, operating range:-10(degree C) to 70(degree C); Capacitance, load:12pF; Crystal case type:10.8 x 4.5; Series:CX49GFWB; Temperature RoHS Compliant: Yes Automotive Catalog 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier With Shutdown 5-SOT-23 -40 to 125 Dual 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier 8-PDIP -40 to 125 Dual 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-MSOP 0 to 70 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-TSSOP -40 to 125 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-SOIC
|
Renesas Electronics Corporation. Renesas Electronics, Corp. http://
|
ALD1722 ALD1722DA ALD1722E ALD1722EDA ALD1722EPA A |
EPAD⑩ OPERATIONAL AMPLIFIER EPAD OPERATIONAL AMPLIFIER
|
ALD[Advanced Linear Devices]
|
CD4093BC CD4093BCM CD4093BCN CD4093 |
Quadruple Operational Amplifier 14-SO -40 to 125 Quad 2-Input NAND Schmitt Trigger Quadruple Operational Amplifier 14-SOIC -40 to 125 输入与非施密特触发器
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
AD547JH AD547LH AD547SCHIPS AD542 AD544 AD542LH AD |
Initial offset voltage: 2.0mV; high performance BiFET operational amplifier Initial offset voltage: 1.0mV; high performance BiFET operational amplifier High Performance,BiFET Operational Amplifiers(高性能,BiFET运算放大 High Performance, BiFET Operational Amplifiers OP-AMP, 500 uV OFFSET-MAX, 1 MHz BAND WIDTH, UUC High Performance/ BiFET Operational Amplifiers MLT Series Linear Position Transducer, 127,0 mm [5.0 in] Electrical Travel, 1.0 % Linearity, Item Number F38000105 , CAMERAS, MEMORY BACK-UP, PAGERS AND WATCHES RoHS Compliant: NA
|
ANALOG DEVICES INC Analog Devices, Inc. http://
|