PART |
Description |
Maker |
SI8822 |
VDS (V) = 20V ID = 7A (VGS=10V) Drain-Source Voltage VDS 20 V
|
TY Semiconductor Co., L...
|
KI4953DY |
100per Rg Tested Drain-Source Voltage Vds -30V Gate-Source Voltage Vgs -20V
|
TY Semiconductor Co., Ltd
|
KI5903DC |
Drain-Source Voltage Vds -20V Gate-Source Voltage Vgs -12V
|
TY Semiconductor Co., Ltd
|
KI4980DY |
Drain-Source Voltage Vds 80V Gate-Source Voltage Vgs -20V
|
TY Semiconductor Co., Ltd
|
FTD2011 |
Drain-Source Voltage VDS 20 V Gate-Source Voltage VGS -10 V
|
TY Semiconductor Co., Ltd
|
AN79L05 AN79L05M AN79LXXM AN79L04 AN79L05_M AN79L0 |
3-pin negative output voltage regulator (100 mA type) 3-pin negative output voltage regulator (100 mA type) 5 V FIXED NEGATIVE REGULATOR, PBCY3 3-pin negative output voltage regulator (100 mA type) 3针负输出电压调节器(100毫安型) MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:75V; Continuous Drain Current, Id:60A; On-Resistance, Rds(on):7mohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:5-D2-PAK; Leaded Process Compatible:No MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:40V; Continuous Drain Current, Id:60A; On-Resistance, Rds(on):0.0065ohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:5-D2-PAK; Leaded Process Compatible:No MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:40V; Continuous Drain Current, Id:60A; On-Resistance, Rds(on):5.5mohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:5-D2-PAK; Leaded Process Compatible:No General-Purpose Linear IC - Voltage Regulater - 3-Pin Regulator MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:30V; Continuous Drain Current, Id:50A; On-Resistance, Rds(on):0.017ohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:5-D2-PAK; Leaded Process Compatible:No
|
Panasonic, Corp. Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|
KI4511DY |
TrenchFET Power MOSFET Drain-Source Voltage Vds 20V
|
TY Semiconductor Co., Ltd
|
KI4501ADY |
TrenchFET Power MOSFET Drain-Source Voltage Vds 30V
|
TY Semiconductor Co., Ltd
|
AM29LV017D-120WCI AM29LV017D-120EC AM29LV017D-120W |
MOSFET; Drain Source Voltage, Vds:20V; Continuous Drain Current, Id:93A; On Resistance, Rds(on):5.7mohm; Rds(on) Test Voltage, Vgs:10V; Leaded Process Compatible:No; Package/Case:DPAK; Peak Reflow Compatible (260 C):No RoHS Compliant: No MOSFET; Drain Source Voltage, Vds:20V; Continuous Drain Current, Id:93A; On-Resistance, Rds(on):5.7mohm; Rds(on) Test Voltage, Vgs:10V; Continuous Drain Current - 100 Deg C:66A; Continuous Drain Current - 25 Deg C:93A RoHS Compliant: Yes x8 Flash EEPROM 20V Single N-Channel HEXFET Power MOSFET in a I-Pak package 20V Single N-Channel HEXFET Power MOSFET in a D-Pak package x8闪存EEPROM
|
Advanced Linear Devices, Inc.
|
SP8830 SP8830ADG SP8830BDG DES9157201 DES9157201AC |
1.5GHz ÷ 10 Prescaler 1.5GHz 10 Prescaler 1.5GHz ± 10 Prescaler MOSFET; Transistor Polarity:P Channel; Drain Source Voltage, Vds:-30V; Continuous Drain Current, Id:13A; On-Resistance, Rds(on):15mohm; Rds(on) Test
|
Mitel Semiconductor MITEL[Mitel Networks Corporation]
|
AP131 AP131-50Y AP131-15W AP131-15Y AP131-16W AP13 |
1.5A Fast Ultra Low Dropout Linear Regulators 1.5A的快速超低压差线性稳压器 MOSFET; Transistor Polarity:P Channel; Drain Source Voltage, Vds:-55V; Continuous Drain Current, Id:75A; On-Resistance, Rds(on):8mohm; Rds(on) Test Voltage, Vgs:-10V; Package/Case:TO-220; Leaded Process Compatible:No 300mA低压差线性稳压器,带有关 MOSFET, N D-PAK;; Transistor type:MOSFET; Transistor polarity:N Channel; Voltage, Vds max:30V; Case style:TO-252 (D-Pak); Current, Id cont:63A; Current, Idm pulse:50A; Power, Pd:65.2W; Resistance, Rds on:0.0095R; LED Lamp; Color:Blue; Luminous Intensity (MSCP):210ucd; Voltage Rating:3.9V; LED Color:Blue; Leaded Process Compatible:Yes; Mounting Type:Through Hole; Terminal Type:Radial Leaded LED Lamp; Color:Blue; Luminous Intensity (MSCP):15ucd; Voltage Rating:3.9V; LED Color:Blue; Leaded Process Compatible:Yes; Mounting Type:Through Hole; Terminal Type:Radial Leaded LED Lamp; Color:Blue; Luminous Intensity (MSCP):50ucd; Voltage Rating:3.9V; LED Color:Blue; Leaded Process Compatible:Yes; Mounting Type:Through Hole; Terminal Type:Radial Leaded MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:20V; Continuous Drain Current, Id:85A; On-Resistance, Rds(on):3mohm; Rds(on) Test Voltage, Vgs:4.5V; Package/Case:TO-220AB; Leaded Process Compatible:Yes MOSFET, P TO-220MOSFET, P TO-220; Transistor type:MOSFET; Transistor polarity:P; Voltage, Vds max:30V; Case style:TO-220AB; Current, Id cont:70A; Current, Idm pulse:240A; Power, Pd:187W; Resistance, Rds on:0.007R; Pin SENSOR, OPTICAL, PHOTOTRANSISTOR O/P; RoHS Compliant: Yes MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:20V; Continuous Drain Current, Id:85A; On-Resistance, Rds(on):0.003ohm; Rds(on) Test Voltage, Vgs:4.5V; Package/Case:TO-220; Leaded Process Compatible:No Optical Sensor (Switch) Reflective; Optocoupler Output Type:Transistor; Leaded Process Compatible:Yes; Voltage Rating:32V MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:60V; Continuous Drain Current, Id:70A; On-Resistance, Rds(on):14mohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:TO-220; Leaded Process Compatible:No LED Lamp; Color:Yellow; Luminous Intensity (MSCP):2.5; Viewing Angle:60; Forward Current:7mA; Forward Voltage:2.2V; LED Color:Yellow; Leaded Process Compatible:Yes; Lens Style:(L x W x D) 3 x 2.8 x 1.65 mm; Lens Width:3mm MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:150V; Continuous Drain Current, Id:85A; On-Resistance, Rds(on):21mohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:TO-220; Leaded Process Compatible:No Optical Sensor (Switch) Transmissive / Slotted Interrupter; Optocoupler Output Type:Transistor; Leaded Process Compatible:Yes; Voltage Rating:70V Optical Sensor (Switch) Reflective; Optocoupler Output Type:Transistor; Leaded Process Compatible:Yes; Voltage Rating:70V LED Lamp; Color:Yellow; Luminous Intensity (MSCP):50; Viewing Angle:60; Voltage Rating:2V; Forward Current:30mA; Forward Voltage:2V; LED Color:Yellow; Leaded Process Compatible:Yes; Mounting Type:Surface Mount MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:60V; Continuous Drain Current, Id:75A; On-Resistance, Rds(on):8mohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:TO-220; Leaded Process Compatible:No LED Lamp; Color:Green; Luminous Intensity (MSCP):1.6; Viewing Angle:60; Forward Current:7mA; Forward Voltage:1.9V; LED Color:Green; Leaded Process Compatible:Yes; Lens Style:(L x W x D) 3 x 2.8 x 1.65 mm; Lens Width:3 MOSFET, N TO-220AB 300mA Low Dropout Linear Regulator with Shutdown
|
Diodes, Inc. TE Connectivity, Ltd. ANACHIP[Anachip Corp] ETC[ETC]
|
|