PART |
Description |
Maker |
AD1819 AD1819B AD1819B-15 |
AC97 SoundPort Codec AC?7 SoundPort Codec ECONOLINE: RD & RC - Dual Output from a Single Input Rail- 1kVDC & 2kVDC Isolation- Power Sharing on Output- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 86% AC7 SoundPort Codec
|
Analog Devices, Inc.
|
TLV320ALC31 |
LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
|
http://
|
AK4545 AK4545VQ |
AC97 Codec Rev2.1 S/PDIF Transmitter AC97 AUDIO CODEC WITH SRC AND DIT
|
AKM Asahi Kasei Microsystems
|
YMF753 YMF753-S |
AC97 Revision2.2 Audio CODEC with Digital Audio I/F
|
ETC YAMAHA CORPORATION
|
AD1986A AD1986ABSTZ AD1986ABSTZ-REEL AD1986AJCP AD |
AC 隆炉97 and HD Audio SoundMAX Codec AC ?7 and HD Audio SoundMAX Codec
|
Analog Devices
|
AK4543 AK4543VQ |
AC?7 Rev 2.1 Multimedia Audio CODEC AC97 Rev 2.1 Multimedia Audio CODEC AC’97 Rev 2.1 Multimedia Audio CODEC
|
AKM[Asahi Kasei Microsystems]
|
AD74111 AD74111YRU AD74111YRUZ-REEL AD74111YRU-REE |
2.5 V, 24-Bit Sigma-Delta Mono CODEC Low Cost, Low Power Mono Audio Codec
|
Analog Devices, Inc.
|
WM8581 WM8581SERV WM8581SEFT WM8581SEFV |
Multichannel CODEC with S/PDIF Transceiver From old datasheet system multi-channel audio CODEC with S/PDIF transceiver.
|
WOLFSON[Wolfson Microelectronics plc]
|
AD1988A AD1988BJSTZ AD1988AJSTZ AD1988AJSTZ-RL AD1 |
High Definition Audio SoundMAX? Codec High Definition Audio SoundMAX㈢ Codec
|
AD[Analog Devices]
|
SP3243UCY/TR SP3223UCY/TR SP3243UCR/TR SP3243UET/T |
Surround-Sound CODEC IC; IC Function:Surround-Sound CODEC IC; Package/Case:52-MQFP; Leaded Process Compatible:No; No. of Bits:24; Operating Temp. Max:85 C; Operating Temp. Min:-40 C; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors Surround-Sound CODEC IC; IC Function:Surround-Sound CODEC IC; Package/Case:52-MQFP; IC Generic Number:42438; Leaded Process Compatible:No; Number Surround-Sound CODEC IC; IC Function:Surround-Sound CODEC IC; Package/Case:64-LQFP; Leaded Process Compatible:No; No. of Bits:24; No. of Channels:8 Surround-Sound CODEC IC; IC Function:Surround-Sound CODEC IC; Package/Case:64-LQFP; IC Generic Number:CS42416; Leaded Process Compatible Surround-Sound CODEC IC; IC Function:Surround-Sound CODEC IC; Package/Case:28-SSOP; Leaded Process Compatible:No; No. of Bits:24; No. of Channels:3 Audio CODEC IC; IC Function:Audio Codec; Package/Case:52-MQFP; Leaded Process Compatible:No; No. of Channels:6; Operating Temp. Max:85 C; Operating Temp. Min:-40 C; Peak Reflow Compatible (260 C):No; Sink Output Current:10uA RoHS Compliant: Yes High Speed Intelligent 3.0V to 5.5V RS-232 Transceivers
|
http:// Sipex Corporation
|
MSM7732-01 MSM7732-01LA MSM7732-01LB MSM7732-01MB |
Audio CODEC
|
OKI electronic componets
|
UDA1342TS UDA1342 |
Audio CODEC
|
NXP Semiconductors N.V.
|