PART |
Description |
Maker |
GCM21BR71C335KA73L GCM21BR71C335KA73K |
φ180, 330mm Embossed taping
|
Murata Manufacturing Co., Ltd.
|
GRM1555C1H330JZ01D GRM1555C1H330JZ01W |
φ180, 330 mm Paper taping
|
Murata Manufacturing Co., Ltd.
|
HMK107BJ224MA-TE |
Standard packaging quantity (minimum) Taping paper 4000pcs
|
Taiyo Yuden (U.S.A.), I...
|
R1210N361D-TR R1210N361C-TL R1210N361D-TL R1210N36 |
PWM step-up DC/DC converter. Output voltage 2.3V. Oscillator frequency 100kHz with a frequency change-over cicuit. Taping specification TL PWM step-up DC/DC converter. Output voltage 2.3V. Oscillator frequency 100kHz with a frequency change-over cicuit. Standard taping specification TR PWM step-up DC/DC converter. Output voltage 2.3V. Oscillator frequency 100kHz without a frequency change-over cicuit. Standard taping specification TR PWM step-up DC/DC converter. Output voltage 2.3V. Oscillator frequency 180kHz without a frequency change-over cicuit. Taping specification TL PWM step-up DC/DC converter. Output voltage 2.3V. Oscillator frequency 180kHz without a frequency change-over cicuit. Standard taping specification TR PWM step-up DC/DC converter. Output voltage 2.4V. Oscillator frequency 100kHz with a frequency change-over cicuit. Taping specification TL PWM step-up DC/DC converter. Output voltage 2.4V. Oscillator frequency 100kHz with a frequency change-over cicuit. Standard taping specification TR PWM step-up DC/DC converter. Output voltage 2.4V. Oscillator frequency 100kHz without a frequency change-over cicuit. Standard taping specification TR PWM step-up DC/DC converter. Output voltage 2.4V. Oscillator frequency 180kHz without a frequency change-over cicuit. Standard taping specification TR PWM step-up DC/DC converter. Output voltage 2.5V. Oscillator frequency 100kHz with a frequency change-over cicuit. Standard taping specification TR PWM step-up DC/DC converter. Output voltage 2.5V. Oscillator frequency 100kHz without a frequency change-over cicuit. Taping specification TL PWM step-up DC/DC converter. Output voltage 2.5V. Oscillator frequency 100kHz with a frequency change-over cicuit. Taping specification TL PWM step-up DC/DC converter. Output voltage 2.4V. Oscillator frequency 180kHz without a frequency change-over cicuit. Taping specification TL PWM step-up DC/DC converter. Output voltage 2.4V. Oscillator frequency 100kHz without a frequency change-over cicuit. Taping specification TL PWM step-up DC/DC converter. Output voltage 2.3V. Oscillator frequency 100kHz without a frequency change-over cicuit. Taping specification TL PWM Step-up DC/DC Converter CAP 22PF 200V 5% NP0(C0G) DIP-2 TUBE-PAK S-MIL-PRF-39014/22 CAP 0.47UF 50V 10% X7R DIP-2 TUBE-PAK R-MIL-PRF-39014/22 SWITCHING REGULATOR, 216 kHz SWITCHING FREQ-MAX, PDSO5 SMPS Controller 开关电源控制器
|
Ricoh Co., Ltd. EPCOS AG Maxim Integrated Products, Inc. RICOH electronics devic...
|
MP3-X2PCM100.001/20/250VACREEL16.5/360 MP3-X2PCM10 |
CAPACITOR, METALLIZED PAPER, 0.001 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, METALLIZED PAPER, 0.0022 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, METALLIZED PAPER, 0.0047 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, METALLIZED PAPER, 0.0015 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, METALLIZED PAPER, 0.047 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, METALLIZED PAPER, 0.015 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, METALLIZED PAPER, 0.0033 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, METALLIZED PAPER, 1 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, METALLIZED PAPER, 0.1 uF, THROUGH HOLE MOUNT RADIAL LEADED
|
Yageo, Corp.
|
IMX7 110IMX7-03-9 110IMX7-05-05-9 110IMX7-05-9 110 |
7 Watt DC-DC Converters GT 3C 3#16S PIN PLUG Paper Capacitor; Voltage Rating:3000VDC; Capacitor Dielectric Material:Paper; Capacitance:1uF; Capacitance Tolerance: /- 10%; Lead Pitch:34.93mm; Leaded Process Compatible:No; Package/Case:C; Peak Reflow Compatible (260 C):No RoHS Compliant: No Paper Capacitor; Voltage Rating:3000VDC; Capacitor Dielectric Material:Paper; Capacitance:0.5uF; Capacitance Tolerance: /- 10%; Lead Pitch:20.64mm; Leaded Process Compatible:Yes; Package/Case:A; Series:T; Termination:Screw RoHS Compliant: Yes Paper Capacitor; Voltage Rating:3000VDC; Capacitor Dielectric Material:Paper; Capacitance:0.5uF; Capacitance Tolerance: /- 10%; Lead Pitch:20.64mm; Leaded Process Compatible:No; Package/Case:A; Peak Reflow Compatible (260 C):No RoHS Compliant: No CAPACITOR, TANTALUM, 10/20V 10%, 6032, SMD Paper Capacitor; Voltage Rating:5000VDC; Capacitor Dielectric Material:Paper; Capacitance:0.5uF; Capacitance Tolerance: /- 10%; Lead Pitch:34.93mm; Leaded Process Compatible:No; Package/Case:C; Peak Reflow Compatible (260 C):No RoHS Compliant: No AC/DC CAPACITANCE=0.25 VOLT=2000 RoHS Compliant: Yes Paper Capacitor; Voltage Rating:2000VDC; Capacitor Dielectric Material:Paper; Capacitance:5uF; Capacitance Tolerance: /- 10%; Lead Pitch:34.93mm; Leaded Process Compatible:Yes; Package/Case:D; Series:T; Termination:Screw RoHS Compliant: Yes CAPACITORS
|
http:// POWER-ONE[Power-One]
|
MP3-Y14700/250/20LL35MM MP3-Y1820/250/20LL35MM MP3 |
CAPACITOR, METALLIZED PAPER, 0.0047 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, METALLIZED PAPER, 0.00082 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, METALLIZED PAPER, 0.0027 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, METALLIZED PAPER, 0.0012 uF, THROUGH HOLE MOUNT RADIAL LEADED
|
Rhombus Industries, Inc.
|
195-5360-75 195-2710-00-SE102 195-5360-74 A-2510-3 |
PAPER ROLL SE102 CHART RECORDER 2 CHANNEL AC PAPER ROLL SE122 CHART RECORDER 2 CHANNEL DC 纸卷SE102 PEN BLUE PK 3 笔蓝激 PEN RED PK 3 笔红激
|
Molex, Inc.
|
ZTTCSMT ZTTCSMX ZTTCCMG ZTACSMX ZTACVMX ZTACVMT ZT |
Redial Taping Dimensions
|
Token Electronics Industry Co., Ltd.
|
RH5RHXX2B RH5RHXX3B RH5RHXX1A RH5RH691A-T1 RH5RH69 |
PWM Set-up DC/DC Converter PWM step-up DC/DC converter. Output voltage 6.9V. Internal Lx Tr. driver (oscillator frequency 50kHz). Taping type T1 PWM step-up DC/DC converter. Output voltage 6.9V. Internal Lx Tr. driver (oscillator frequency 50kHz). Taping type T2 PWM step-up DC/DC converter. Output voltage 6.9V. External Tr. driver (oscillator frequency 100kHz). Taping type T1 PWM step-up DC/DC converter. Output voltage 6.9V. External Tr. driver (oscillator frequency 100kHz). Taping type T2 PWM step-up DC/DC converter. Output voltage 6.9V. Internal Tr./External Tr. (selectively available) (oscillator frequency 100kHz, with chip enable function). Taping type T1 PWM step-up DC/DC converter. Output voltage 4.0V. Internal Lx Tr. driver (oscillator frequency 50kHz). Taping type T1 PWM step-up DC/DC converter. Output voltage 4.0V. Internal Lx Tr. driver (oscillator frequency 50kHz). Taping type T2 PWM step-up DC/DC converter. Output voltage 4.0V. External Tr. driver (oscillator frequency 100kHz). Taping type T1 PWM step-up DC/DC converter. Output voltage 4.0V. External Tr. driver (oscillator frequency 100kHz). Taping type T2 PWM step-up DC/DC converter. Output voltage 4.0V. Internal Tr./External Tr. (selectively available) (oscillator frequency 100kHz, with chip enable function). Taping type T1 PWM step-up DC/DC converter. Output voltage 4.0V. Internal Tr./External Tr. (selectively available) (oscillator frequency 100kHz, with chip enable function). Taping type T2 PWM step-up DC/DC converter. Output voltage 4.1V. Internal Lx Tr. driver (oscillator frequency 50kHz). Taping type T1 PWM step-up DC/DC converter. Output voltage 4.1V. Internal Lx Tr. driver (oscillator frequency 50kHz). Taping type T2 PWM step-up DC/DC converter. Output voltage 4.1V. External Tr. driver (oscillator frequency 100kHz). Taping type T1 PWM step-up DC/DC converter. Output voltage 7.0V. Internal Lx Tr. driver (oscillator frequency 50kHz). Taping type T2 PWM step-up DC/DC converter. Output voltage 7.0V. Internal Lx Tr. driver (oscillator frequency 50kHz). Taping type T1 PWM step-up DC/DC converter. Output voltage 7.0V. External Tr. driver (oscillator frequency 100kHz). Taping type T1 PWM step-up DC/DC converter. Output voltage 7.0V. External Tr. driver (oscillator frequency 100kHz). Taping type T2 PWM step-up DC/DC converter. Output voltage 7.0V. Internal Tr./External Tr. (selectively available) (oscillator frequency 100kHz, with chip enable function). Taping type T1 PWM step-up DC/DC converter. Output voltage 7.0V. Internal Tr./External Tr. (selectively available) (oscillator frequency 100kHz, with chip enable function). Taping type T2 PWM step-up DC/DC converter. Output voltage 7.1V. Internal Lx Tr. driver (oscillator frequency 50kHz). Taping type T1 PWM step-up DC/DC converter. Output voltage 7.1V. Internal Lx Tr. driver (oscillator frequency 50kHz). Taping type T2 PWM step-up DC/DC converter. Output voltage 7.1V. External Tr. driver (oscillator frequency 100kHz). Taping type T1 PWM step-up DC/DC converter. Output voltage 7.1V. External Tr. driver (oscillator frequency 100kHz). Taping type T2 PWM step-up DC/DC converter. Output voltage 7.1V. Internal Tr./External Tr. (selectively available) (oscillator frequency 100kHz, with chip enable function). Taping type T1 PWM step-up DC/DC converter. Output voltage 7.1V. Internal Tr./External Tr. (selectively available) (oscillator frequency 100kHz, with chip enable function). Taping type T2 PWM step-up DC/DC converter. Output voltage 7.2V. Internal Lx Tr. driver (oscillator frequency 50kHz). Taping type T2 PWM step-up DC/DC converter. Output voltage 7.2V. Internal Lx Tr. driver (oscillator frequency 50kHz). Taping type T1 PWM step-up DC/DC converter. Output voltage 7.2V. External Tr. driver (oscillator frequency 100kHz). Taping type T1 PWM step-up DC/DC converter. Output voltage 7.2V. External Tr. driver (oscillator frequency 100kHz). Taping type T2 PWM step-up DC/DC converter. Output voltage 7.2V. Internal Tr./External Tr. (selectively available) (oscillator frequency 100kHz, with chip enable function). Taping type T2 PWM step-up DC/DC converter. Output voltage 7.2V. Internal Tr./External Tr. (selectively available) (oscillator frequency 100kHz, with chip enable function). Taping type T1 PWM step-up DC/DC converter. Output voltage 7.3V. Internal Lx Tr. driver (oscillator frequency 50kHz). Taping type T1 PWM step-up DC/DC converter. Output voltage 7.3V. Internal Lx Tr. driver (oscillator frequency 50kHz). Taping type T2 PWM step-up DC/DC converter. Output voltage 7.3V. External Tr. driver (oscillator frequency 100kHz). Taping type T2 PWM step-up DC/DC converter. Output voltage 7.3V. External Tr. driver (oscillator frequency 100kHz). Taping type T1 PWM step-up DC/DC converter. Output voltage 5.9V. Internal Tr./External Tr. (selectively available) (oscillator frequency 100kHz, with chip enable function). Taping type T1 PWM step-up DC/DC converter. Output voltage 6.0V. Internal Lx Tr. driver (oscillator frequency 50kHz). Taping type T1 PWM step-up DC/DC converter. Output voltage 6.0V. External Tr. driver (oscillator frequency 100kHz). Taping type T1 PWM step-up DC/DC converter. Output voltage 6.0V. External Tr. driver (oscillator frequency 100kHz). Taping type T2 PWM step-up DC/DC converter. Output voltage 6.0V. Internal Tr./External Tr. (selectively available) (oscillator frequency 100kHz, with chip enable function). Taping type T1 PWM step-up DC/DC converter. Output voltage 6.0V. Internal Tr./External Tr. (selectively available) (oscillator frequency 100kHz, with chip enable function). Taping type T2
|
Ricoh
|
2-316289-0 2-917797-0 8-316289-0 5-917797-0 7-9177 |
ON TAPING (EMBOSS) 0.5mm PITCH Fine Mate CONN.
|
Tyco Electronics
|
|