PART |
Description |
Maker |
S807SERIES S80750 S80728 |
(S807 Series) High Precision Voltage Detector From old datasheet system Series High-Precision Voltage Detector
|
Seiko
|
MAX4506 MAX4507 MAX4507EWN MAX4507CAP MAX4507EAP M |
Fault-Protected, High-Voltage Signal-Line Protectors OCTAL 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO18 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT08; Number of Contacts:4; Connector Shell Size:8; Connecting Termination:Solder; Circular Shell Style:Right Angle Plug Fault-Protected / High-Voltage Signal-Line Protectors Fault-protected, high-voltage, signal-line protector
|
Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
2SC4583 |
High-Voltage High-Speed Switching Transistors / HFX Series
|
Shindengen
|
PS2514L-1 PS2514L-1-V PS2514L-1Y-A PS2514L-1Y-F3-A |
HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
|
California Eastern Labs
|
IRF252 IRF253 IRF250 IRF254 IRF251 IRFP251 IRFP253 |
HIGH VOLTAGE POWER MOSFET DIE N-CHANNEL ENHANCEMENT MODE HIGH RUGGEDNESS SERIES
|
IXYS[IXYS Corporation]
|
15KPA120A-HR 15KPA40A-HR 15KPA30A-HR |
The 15KPA-HR High Reliability Series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
|
Littelfuse
|
15KPA120A-HRA 15KPA40A-HRA 15KPA110A-HRA 15KPA30A- |
The 15KPA-HRA High Reliability Series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
|
Littelfuse
|
5KP180A-HRA 5KP85A-HRA 5KP48A-HRA 5KP15A-HRA |
The 5KP-HRA High Reliability Series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
|
Littelfuse
|
KB817C KB817CD KB817 KB817AB KB817AC KB817AD KB817 |
High Isolation Voltage Photocoupler GENERAL PURPOSE HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER
|
Kingbright Electronic KINGBRIGHT[Kingbright Corporation] Kingbright, Corp.
|
WPGT-2RXXXX |
High Voltage Series
|
worldproducts
|
2SC3950 |
RTS Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 12V; Output Voltage (Vdc): 15V; Power: 2W; Assembly; High Power Density; Optional Continuous Short Circuit Protected; Efficiency to 85% High-Definition CRT Display Video Output Driver Applications
|
Sanyo Electric Co.,Ltd. Sanyo Semicon Device
|