PART |
Description |
Maker |
RAD-ANT-VAN-MKT |
Mounting material for wall mounting of OMNI omnidirectional antenna with protection against vandals
|
PHOENIX CONTACT
|
2200160 |
Mounting foot for 122 mm UM-PRO profiles for mounting on DIN rails
|
PHOENIX CONTACT
|
KTD2005 |
Low ON resistance 2.5V drive Mounting height 1.1mm Composite type, facilitating high-density mounting.
|
TY Semiconductor Co., Ltd
|
PVB |
SMD soldering process
|
C&K Components
|
0710219 |
Header, nominal current: 12 A, rated voltage: 320 V, pitch: 5.08 mm, no. of positions: 6, mounting: Direct mounting - DFK-MSTB 2,5/ 6-GF-5,08
|
Phoenix Contact
|
0707057 |
Header, nominal current: 12 A, rated voltage: 320 V, pitch: 5.08 mm, no. of positions: 8, mounting: Direct mounting - DFK-MSTB 2,5/ 8-G-5,08
|
Phoenix Contact
|
0707206 |
Header, nominal current: 12 A, rated voltage: 320 V, pitch: 5.0 mm, no. of positions: 13, mounting: Direct mounting - DFK-MSTB 2,5/13-G
|
Phoenix Contact
|
AN4211 |
Guidelines for soldering MEMS microphones
|
STMicroelectronics
|
HZ1206D102R-10 |
LAND PATTERNS FOR REFLOW SOLDERING
|
List of Unclassifed Manufacturers
|
GP1S33 |
Subminiature, Reflow Soldering Type Photointerrupter
|
SHARP[Sharp Electrionic Components]
|