PART |
Description |
Maker |
FSF2510 FSF2210 FSN1410 FSN1606 IRF540 |
N Channel MOSFET; Package: TO-254; trr (nsec): 600; t(on) (nsec): 100; ID (A): 25; RDS(on) (Ohms): 0.07; PD (W): 125; BVDSS (V): 100; Rq: 1; VSD (V): 2.3 SMALL SIGNAL, FET N Channel MOSFET; Package: TO-254; trr (nsec): 300; t(on) (nsec): 23; ID (A): 22; RDS(on) (Ohms): 0.1; PD (W): 100; BVDSS (V): 100; Rq: 1.3; VSD (V): 2.5 22 A, 100 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET N Channel MOSFET; Package: TO-257; trr (nsec): 250; t(on) (nsec): 14; ID (A): 14; RDS(on) (Ohms): 0.18; PD (W): 50; BVDSS (V): 100; Rq: 2; VSD (V): 2.5 14 A, 100 V, 0.18 ohm, N-CHANNEL, Si, POWER, MOSFET N Channel MOSFET; Package: TO-257; trr (nsec): 220; t(on) (nsec): 21; ID (A): 16; RDS(on) (Ohms): 0.07; PD (W): 50; BVDSS (V): 60; Rq: 2; VSD (V): 1.8 16 A, 60 V, 0.07 ohm, N-CHANNEL, Si, POWER, MOSFET 28 A, 100 V, 0.077 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Microsemi, Corp. STMicroelectronics N.V. MICROSEMI CORP
|
FDP100N10 |
N-Channel PowerTrenchMOSFET 75 A, 100 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-Channel PowerTrench㈢ MOSFET N-Channel PowerTrench? MOSFET
|
Fairchild Semiconductor, Corp.
|
OM6215SS OM6214SS OM6216SS OM6217SS |
30 A, 100 V, 0.065 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET TWO POWER MOSFETS IN HERMETIC ISOLATED SIP PACKAGE 100V Dual N-Channel MOSFET in a S-6 package 400V Dual N-Channel MOSFET in a S-6 package 500V Dual N-Channel MOSFET in a S-6 package 200V Dual N-Channel MOSFET in a S-6 package
|
List of Unclassifed Manufacturers ETC International Rectifier
|
IRF5EA1310 IRF5EA1310PBF |
23 A, 100 V, 0.036 ohm, 4 CHANNEL, N-CHANNEL, Si, POWER, MOSFET 100V Single N-Channel Hi-Rel MOSFET in a 28-pin LCC package
|
International Rectifier
|
MTP10N10EL MTP10N10ELG |
Power MOSFET 10 Amps, 100 Volts, Logic Level; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 10 A, 100 V, 0.22 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB Power MOSFET 10 A, 100 V, Logic Level, N−Channel TO−220
|
ON Semiconductor
|
ZVP2110GTA ZXMP10A08GTA |
MOSFET P-CH 100V 310MA SOT223 0.31 A, 100 V, 8 ohm, P-CHANNEL, Si, POWER, MOSFET 2.1 A, 100 V, 0.576 ohm, P-CHANNEL, Si, POWER, MOSFET
|
Zetex Semiconductor PLC DIODES INC
|
IRF5M5210 IRF5M5210D IRF5M5210UPBF IRF5M5210-15 |
-100V Single P-Channel Hi-Rel MOSFET in a TO-254AA package 34 A, 100 V, 0.07 ohm, P-CHANNEL, Si, POWER, MOSFET POWER MOSFET P-CHANNEL(Vdss=-100V, Rds(on)=0.07ohm, Id=-34A) Avalanche Energy Ratings
|
IRF[International Rectifier]
|
IRHG6110 IRHG63110 IRHG6110P IRHG6110N IRHG6110PBF |
Simple Drive Requirements 100V Dual 2N- and 2P- Channel MOSFET in a MO-036AB package -100V 100kRad Hi-Rel Dual 2N and 2P -Channel TID Hardened MOSFET in a MO-036AB package RADIATION HARDENED POWER MOSFET 100V, Combination 2N-2P-CHANNEL RAD-Hard HEXFET MOSFET TECHNOLOGY 1 A, 100 V, 0.7 ohm, 4 CHANNEL, N AND P-CHANNEL, Si, POWER, MOSFET, MO-036AB
|
IRF[International Rectifier]
|
ZXMN10A07Z ZXMN10A07ZTA |
TV 6C 6#20 SKT PLUG RECP 1000 mA, 100 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 100V N-CHANNEL ENHANCEMENT MODE MOSFET
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors]
|
PPFL3103E |
N Channel MOSFET; Package: SMD-.5; ID (A): 40; RDS(on) (Ohms): 0.02; PD (W): 100; BVDSS (V): 30; Rq: 1.25; 56 A, 30 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Microsemi, Corp.
|
FQP33N10L |
100V LOGIC N-Channel MOSFET 33 A, 100 V, 0.055 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FQI55N10 FQB55N10 |
100V N-Channel MOSFET 55 A, 100 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
|