PART |
Description |
Maker |
ADUM6132 ADUM6132ARWZ ADUM6132ARWZ-RL |
Isolated Half-Bridge Driver with Integrated Isolated High-Side Supply
|
Analog Devices
|
TP78LU5.0-0.5 TP78LU12-0.5 TP78LU15-0.5 TP78LU24-0 |
Wide Input Non-Isolated,Regulated Single Output ,non-isolated DC/DC converters
|
Toppower Electronic Tec...
|
ADUM613208 ADUM6132ARWZ ADUM6132ARWZ-RL ADUM6132 |
Isolated Half-Bridge Gate Driver with Integrated Isolated High-Side Supply
|
Analog Devices
|
AN296 |
USING THE Si3400 AND Si3401 POE PD CONTROLLERS IN ISOLATED AND NON-ISOLATED DESIGNS
|
Silicon Laboratories
|
CRE1 CRE1S0505MC CRE1S0505MEC CRE1S0505S3C CRE1S05 |
Isolated 1W Single Output Isolated DC-DC Converters
|
Murata Power Solutions ...
|
BTB08 BTA08 |
Discrete Triacs(Non-Isolated/Isolated)
|
Sirectifier Semiconductors Sirectifier Global Corp.
|
BTA26 BTB26 |
Discrete Triacs(Non-Isolated/Isolated)
|
Sirectifier Global Corp. Sirectifier Semiconductors
|
5B34-01 5B34-02 5B34-03 5B34-04 5B34-N-01 5B34 5B3 |
Isolated Linearized RTD Input Isolated Linearized RTD Input SPECIALTY ANALOG CIRCUIT, XMA Isolated 2-, 3-, or 4-Wire RTD Input Signal Conditioning Module
|
Analog Devices, Inc. AD[Analog Devices]
|
S7AH-03A S7AH-03A150 S7AH-03A180 V7AH-03A500 S7AH- |
Non-Isolated DC/DC Converters 非隔离式DC / DC转换 NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5V - 5.0V Output / 3A
|
Bel Fuse, Inc. BEL[Bel Fuse Inc.]
|
P8SG-XXXXZH30M P8SG-0505ZH30M P8SG-053R6ZH30M P8SG |
Input voltage:24V, output voltage /-7.2V ( /-100mA), 3KV isolated 1.5W regulated single output Input voltage:24V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated single output Input voltage:24V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage /-3.6V ( /-200mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 3千伏隔震1.5糯稳压双输出DIP24
|
PEAK[PEAK electronics GmbH]
|