PART |
Description |
Maker |
LM7905 IP120AIG-05 IP120R-05 LM7915 LM7912 LM7905A |
1.5 AMP NEGATIVE VOLTAGE REGULATOR 5 V FIXED NEGATIVE REGULATOR, PSFM3 1.5 AMP NEGATIVE VOLTAGE REGULATOR 5 V FIXED NEGATIVE REGULATOR, MBFM2 5 V FIXED NEGATIVE REGULATOR, CBCC3 12 V FIXED NEGATIVE REGULATOR, MBFM2 FIXED NEGATIVE REGULATOR, SFM3
|
Seme LAB TT electronics Semelab, Ltd. SEMELAB LTD
|
IP3R17AK-05 IP3R17AK-12 IP3R17AK-15 IP1R1705-G IP1 |
Circular Connector; MIL SPEC:MIL-C-26482, Series I; Body Material:Aluminum Alloy; Series:MS3126; No. of Contacts:8; Connector Shell Size:16; Connecting Termination:Crimp; Circular Shell Style:Straight Plug RoHS Compliant: No 3 AMP FIXED NEGATIVE VOLTAGE REGULATORS 5 V FIXED NEGATIVE REGULATOR, MBFM2 GIGATRUE 550 CAT PATCH CABLE NO BOOT 7FT BEIGE 12 V FIXED NEGATIVE REGULATOR, MBFM2 3 AMP Fixed Negative Voltage Regulator(3 A 12V负稳压器) Analog IC Negative Fixed Voltage Regulator 负固定电压稳压器
|
SEMELAB LTD TT electronics Semelab, Ltd. Semelab(Magnatec) TT electronics Semelab Limited SEME-LAB[Seme LAB] NXP Semiconductors N.V.
|
IP79M05 IP79M15J IP120M IP120M-05 IP120M-12 IP120M |
0.5A, 15V Negative Voltage Regulator 0.5 AMP,Negative Voltage Reglator(0.5 A,15V负稳压器) 0.5 AMP,Negative Voltage Reglator(0.5 A,12V负稳压器) XO 50MHZ 50PPM 3.3V SMD-7050 TR-7-PL Circular Connector; No. of Contacts:22; Series:MS27474; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:12; Circular Contact Gender:Pin; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:12-35 RoHS Compliant: No XO 25MHZ 50PPM 3.3V SMD-7050 TR-7-PL RES-ARRAY 10K-OHM 8-ELEMENT 5% 0.5W CONCAVE THK-FILM SMD-6416 TR-7-PA 0.5安培负电压稳压器 0.5 AMP NEGATIVE VOLTAGE REGULATOR 0.5安培负电压稳压器 Voltage Regulator 15 V FIXED NEGATIVE REGULATOR, MBCY3 Voltage Regulator 5 V FIXED NEGATIVE REGULATOR, MBCY3 XO 48MHZ 50PPM 3.3V SMD-7050 TR-7-PL 0.5安培负电压稳压器 Voltage Regulator 电压调节 0.5 AMP,Negative Voltage Reglator(0.5 A,5V负稳压器) 0.5安培,负电压Reglator.5甲,5V的负稳压器) 0.5 AMP NEGATIVE VOLTAGE REGULATOR 12 V FIXED NEGATIVE REGULATOR, MBCY3 0.5A, 12V Negative Voltage Regulator
|
SEME-LAB[Seme LAB] TT electronics Semelab Limited Semelab(Magnatec) TT electronics Semelab, Ltd. SEMELAB LTD
|
42117-018 42117-015 42117-024 42117-030 42117 4211 |
NEGATIVE HIGH TEMPERATURE FIXED VOLTAGE REGULATOR 12 V FIXED NEGATIVE REGULATOR, MSFM3 ** MISC CRYSTALS **
|
Micropac Industries, Inc. MICROPAC[Micropac Industries]
|
MSK5332-10D MSK5332-5.0ES MSK5332-15U MSK5332-15HT |
NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR 负,3安培,低压差稳压 NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR 5 V FIXED NEGATIVE LDO REGULATOR, 1.2 V DROPOUT, PSIP3 NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR 5 V FIXED NEGATIVE LDO REGULATOR, 1.3 V DROPOUT, PSFM3 NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR 5 V FIXED NEGATIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR 5.2 V FIXED NEGATIVE LDO REGULATOR, 1.2 V DROPOUT, PSSO3 NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR 5.2 V FIXED NEGATIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3
|
M.S. Kennedy, Corp. MS KENNEDY CORP
|
KA7908TU |
3-Terminal 1A Negative Voltage Regulator; Package: TO-220; No of Pins: 3; Container: Rail 8 V FIXED NEGATIVE REGULATOR, PSFM3
|
Fairchild Semiconductor, Corp.
|
LM7908-39 SEMELABLTD-LM7908-TO39 LM7908-SM LM7815A |
8 V FIXED NEGATIVE REGULATOR, MBCY3 8 V FIXED NEGATIVE REGULATOR, CBCC3 15 V FIXED POSITIVE REGULATOR, MBFM2 15 V FIXED POSITIVE REGULATOR, PSFM3 15 V FIXED POSITIVE REGULATOR, MBCY3 24 V FIXED POSITIVE REGULATOR, PSFM3 24 V FIXED POSITIVE REGULATOR, CBCC3 15 V FIXED POSITIVE REGULATOR, MSFM3
|
SEMELAB LTD
|
OM1915NTM OM1912NTM OM1905STM OM1915STM OM1912STM |
Hi-Rel Fixed Voltage 3-Terminal Negative Regulator ISOLATED HERMETIC FIXED VOLTAGE NEGATIVE REGULATORS APPROVED TO DESC DRAWINGS Three Terminal, Fixed Voltage, 1.5Amp Precision Negative Regulators(1.5 A5V,三端精密型固定负电压稳压器) Three Terminal, Fixed Voltage, 1.5Amp Precision Negative Regulators(1.5 A15V,三端精密型固定负电压稳压器) Three Terminal, Fixed Voltage, 1.5Amp Precision Negative Regulators(1.5 A12V,三端精密型固定负电压稳压器)
|
International Rectifier List of Unclassifed Manufacturers
|
UA7915CDA UA7915CU UA7918CDA |
FIXED NEGATIVE REGULATOR, MBFM2 FIXED NEGATIVE REGULATOR, PSFM3
|
|
LM7910CT LM7924CT LM7909CT LM7905CT09 LM7906CT LM7 |
3-Terminal 1A Negative Voltage Regulator; Package: TO-220; No of Pins: 3; Container: Rail 12 V FIXED NEGATIVE REGULATOR, SFM3 3-Terminal 1A Negative Voltage Regulator
|
Fairchild Semiconductor, Corp.
|