PART |
Description |
Maker |
IRFPF30 |
900V Single N-Channel HEXFET Power MOSFET in a TO-247AC package HEXFET? Power MOSFET Power MOSFET(Vdss=900V, Rds(on)=3.7ohm, Id=3.6A) 功率MOSFET(减振钢板基本\u003d 900V,的Rds(on)\u003d 3.7ohm,身份证\u003d 3.6A
|
International Rectifier, Corp.
|
FQAF11N90C |
900V N-Channel Advance Q-FET C-series 900V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
FQPF9N90C FQP9N90C |
900V N-Channel Advance Q-FET C-Series 900V N-CHANNEL MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
STB6NC90Z STB6NC90Z-1 STP6NC90ZFP STP6NC90Z |
N-CHANNEL 900V - 1.55ohm - 5.4A TO-220/FP/D?PAK/I?PAK Zener-Protected PowerMESH⑩III MOSFET N沟道900V - 1.55ohm - 5.4A TO-220/FP/D?巴基斯我?巴基斯坦齐保护的PowerMESH⑩三MOSFET N-CHANNEL 900V - 1.55 OHM - 5.4A TO-220/FP/DPAK/IPAK ZENER-PROTECTED POWERMESH III MOSFET N-CHANNEL 900V - 1.55ohm - 5.4A TO-220/FP/DPAK/IPAK Zener-Protected PowerMESHIII MOSFET N-CHANNEL 900V - 1.55ohm - 5.4A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH?III MOSFET
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
STF3HNK90Z STP3HNK90Z |
N-CHANNEL 900V - 3.5OHM - 3A - TO-220/TO-220FP ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 900V - 3.5W - 3A TO-220 - TO-220FP Zener-Protected SuperMESHTM Power MOSFET
|
ST Microelectronics STMicroelectronics
|
FQI3N90 FQB3N90 FQB3N90TM FQI3N90TU |
900V N-Channel MOSFET(漏源电压900V的N沟道增强型MOSFET) 900V N-Channel QFET
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
STW6NC90Z 7247 STW6NC90 |
N-CHANNEL 900V 2.1OHM 5.2A TO-247 ZENER-PROTECTED POWERMESH III MOSFET N-CHANNEL 900V - 2.1ohm - 5.2A TO-247 Zener-Protected PowerMESH?III MOSFET N-CHANNEL 900V 2.1OHM 5.2A TO-247 ZENER-PROTECTED POWERMESH III MOSFET From old datasheet system N-CHANNEL MOSFET N-CHANNEL 900V - 2.1ohm - 5.2A TO-247 Zener-Protected PowerMESH⑩III MOSFET N沟道900V - 2.1ohm - 5.2A47齐纳保护PowerMESH⑩三MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
FQP2N90 |
900V N-Channel MOSFET 2.2 A, 900 V, 7.2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
TSM3N90 TSM3N90CI TSM3N90CZ TSM3N90CH TSM3N90CP |
900V N-Channel Power MOSFET
|
Taiwan Semiconductor Company, Ltd
|
FQA5N90 |
900V N-Channel MOSFET 5.8 A, 900 V, 2.3 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
STW8NC90Z 7251 |
N-CHANNEL 900V 1.1OHM 7.6A TO-247 ZENER-PROTECTED POWERMESH III MOSFET N-CHANNEL 900V - 1.1 ohm - 7.6A TO-247 Zener-Protected PowerMESH?┥II MOSFET N-CHANNEL 900V 1.1OHM 7.6A TO-247 ZENER-PROTECTED POWERMESH III MOSFET From old datasheet system N-CHANNEL 900V - 1.1 ohm - 7.6A TO-247 Zener-Protected PowerMESH⑩III MOSFET N-CHANNEL 900V - 1.1 ohm - 7.6A TO-247 Zener-Protected PowerMESH?III MOSFET
|
ST Microelectronics 意法半导 STMICROELECTRONICS[STMicroelectronics]
|