PART |
Description |
Maker |
SP721ABP SP721APG SP721APTG SP721ABG SP721ABTG SP7 |
SP721 Series 3pF 4kV Diode Array
|
Littelfuse
|
ESDA6V1 ESDA14V2 ESDAXX |
Dual transil arr ay for ESD protection
|
Weitron Technology
|
F1826HD600 F1826CCD600 F1856HD600 F1856CAD1400 F18 |
THYRISTOR MODULE|DOUBLER|HALF-CNTLD|POSITIVE|600V V(RRM)|25A I(T) COMMON CATHODE DIODE ARRAY|MODULE-S THYRISTOR MODULE|DOUBLER|HALF-CNTLD|POSITIVE|600V V(RRM)|55A I(T) COMMON ANODE DIODE ARRAY|MODULE-S 共阳极二极管阵列|模块 THYRISTOR MODULE|DOUBLER|HALF-CNTLD|POSITIVE|1.4KV V(RRM)|40A I(T) 晶闸管模块|倍增|半CNTLD |阳性| 1.4KV五(无线资源管理)| 40A条疙(T THYRISTOR MODULE|SCR DOUBLER|1.4KV V(RRM)|40A I(T) 晶闸管模块|可控硅倍增| 1.4KV五(无线资源管理)| 40A条疙T THYRISTOR MODULE|DOUBLER|HALF-CNTLD|NEGATIVE|600V V(RRM)|25A I(T)
|
MtronPTI
|
6DI50B-050 6DI50B050 1DI200A140 2DI100A140 2DI30A1 |
TRANSISTOR | BJT POWER MODULE | 3-PH BRIDGE | DARLINGTON | 600V V(BR)CEO | 15A I(C) 5-Pin, Multiple-Input, Programmable Reset ICs TRANSISTOR | BJT POWER MODULE | HALF BRIDGE | DARLINGTON | 1.4KV V(BR)CEO | 100A I(C) TRANSISTOR | BJT POWER MODULE | DARLINGTON | 1.4KV V(BR)CEO | 200A I(C) 4-Wire Interfaced, 2.7V to 5.5V, 4-Digit 5 x 7 Matrix LED Display Driver Bipolar Transistor Modules
|
Fuji Electric Co., Ltd.
|
P6LU-XXXXEH40 P6LU-0505EH40 P6LU-0512EH40 P6LU-120 |
Input voltage:12V, output voltage 12V (84mA), 4KV isolated 1W unregulated single output Input voltage:24V, output voltage 12V (84mA), 4KV isolated 1W unregulated single output P6LU-XXXXEH40 4 KV ISOLATED 1W UNREGULATED SINGLE OUTPUT SIP7 P6LU - XXXXEH40 4千伏隔震1W的未稳压单输出SIP7 Input voltage:24V, output voltage 5V (200mA), 4KV isolated 1W unregulated single output Input voltage:5V, output voltage 5V (200mA), 4KV isolated 1W unregulated single output
|
Electronic Theatre Controls, Inc. PEAK[PEAK electronics GmbH]
|
C397 |
Thyristor SCR 1.4KV 8KA 3-Pin
|
New Jersey Semiconductor
|
TP05AC TP05AC220S09W TP05AC220S12W TP05AC220S15W T |
5W 4KV Isolation Wide Input AC/DC Converters
|
Toppower Electronic Tec...
|
STW3N150 STP3N150 STFW3N150 STFW3N15010 |
N-channel 1500 V, 6 Ω, 2.5 A, PowerMESH Power MOSFET in TO-220, TO-247, TO-3PF
|
STMicroelectronics
|
CMPD7000E |
SMD Switching Diode Dual: In Series ENHANCED SPECIFICATION SURFACE MOUNT DUAL, SILICON SWITCHING DIODE SERIES CONNECTION
|
Central Semiconductor Corp
|
BZV90-8V2 BZV90 BZV90-C11 BZV90-C16 BZV90-C20 BZV9 |
BZV90 series; Voltage regulator diodes From old datasheet system ECONOLINE: RQS & RQD - 1kVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 80% ZENER DIODE 1.3W SMD 8.2V ZENER DIODE 1.3W SMD 27V SMD/TO-223 1.3W Z-DIODE ZENER DIODE 1.3W SMD 5.6V ZENER DIODE 1.3W SMD 6.2V ZENER DIODE 1.3W SMD 5.1V 3 V supervisor with battery switchover 稳压二极管的1.3W贴片20V
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|