PART |
Description |
Maker |
SCD22L |
VOLTAGE 20V ~ 40V 2.0 AMP Low Vf Schottky B arrier Rectifiers
|
SeCoS Halbleitertechnologie GmbH SeCoS Halbleitertechnol...
|
SB020 SB030 SB040 |
Schottky Pack: R-1 SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 40V CURRENT: 0.6A
|
Gulf Semiconductor
|
UMMD07540 |
40V, 0.75 Amp Surface Mount Small Signal Schottky Barrier Rectifiers
|
SeCoS Halbleitertechnol...
|
CDBK0540-HF12 CDBK0540-HF |
Halogen Free Schottky Barrier Diodes, V-RRM=40V, V-R=40V, I-O=0.5A SMD Schottky Barrier Diode
|
Comchip Technology
|
CDBV3-00340S-G CDBV3-00340A-G |
Small Signal Schottky Diodes, V-RRM=40V, V-R=40V, I-O=30mA
|
Comchip Technology
|
CDBV6-00340TI-G |
Small Signal Schottky Diodes, V-RRM=40V, V-R=40V, I-O=30mA
|
Comchip Technology
|
CDBQC0240L-HF |
Halogen Free Low VF Schottky Barrier, V-RRM=40V, V-R=40V, I-O=0.2A
|
Comchip Technology
|
FS14NS-15 |
Surface Mount Schottky Rectifier Reverse Voltage 40V Forward Current 1A
|
GOOD-ARK Electronics
|
CBRHDSH1-200 CBRLD1SERIES |
SURFACE MOUNT HIGH DENSITY 1 AMP SILICON SCHOTTKY BRIDGE RECTIFIER 1.0A, 40V thru 200V Schottky Bridge Rectifier in the HD DIP package 1.0A, 200V thru 1000V Bridge Rectifi ers
|
Central Semiconductor Corp
|