PART |
Description |
Maker |
DMN601DWK07 DMN601DWK-7 |
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR 3.3V, Full Duplex, 10Mbps, EIA RS-485 Transceiver 305 mA, 60 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Diodes Incorporated http:// Diodes, Inc.
|
ST485X ST485AN |
LOW POWER RS-485/RS-422 TRANSCEIVER 低功RS-485/RS-422收发
|
STMicroelectronics N.V.
|
ST490 ST490A ST490ABD ST490ABDR ST490ABN ST490ACD |
LOW POWER HIGH SPEED RS-485/RS-422 TRANSCEIVER 低电源高RS-485/RS-422收发
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] http://
|
MAX3491 MAX3488 |
3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers(10Mbps,具关闭方全双工,RS-485/RS-422收发 3.3V供电0Mbps、限摆率、真RS-485/RS-422收发 3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers(0.25Mbps,?ㄥ?宸ワ?RS-485/RS-422?跺???
|
Maxim Integrated Products, Inc.
|
ISL848306 ISL8483IBZ ISL8483IBZ-T ISL8483IPZ ISL84 |
5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers(5V, 低功 高速或带有限斜率功能的RS-485/RS-422收发
|
INTERSIL[Intersil Corporation]
|
MAX3040 MAX3040CSE MAX3040CUE MAX3040CWE MAX3040ES |
±10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters QUAD LINE DRIVER, PDSO16 10kV ESD-Protected / Quad 5V RS-485/RS-422 Transmitters 【10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters "?0kV ESD-Protected, 2.5Mbps, 5V Quad RS- 485/422 Transmitter" "?0kV ESD Protected, 250kbps, 5V Quad RS- 485/422 Transmitter" "?0kV ESD-Protected, 20Mbps, 5V Quad RS-485/422 Transmitter" " ?à10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters" ±10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters ±10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
5962-9224704M3X 5962-9224704MLX 5962-9224701MLX 59 |
10-Bit Buffer/Driver Serially Controlled, Low-Voltage, 8-Channel Dual 4-Channel Multiplexers 3.3V Powered, 10Mbps and Slew-Rate Limited, True RS-485/RS-422 Transceivers 10位缓冲器/驱动
|
Electronic Theatre Controls, Inc.
|
ISL83083E ISL83086E ISL83085E ISL83082E ISL83080E |
±15kV ESD Protected, 5V, Full Fail-Safe, Fractional (1/8) Unit Load, RS-485/RS-422 Transceivers(±15kV ESD防护5V,全自动防护/8单元负载,RS-485/RS-422收发
|
Intersil Corporation
|
MAX483C/ MAX483C/D MAX485C/ MAX485C/D MAX1487C/D M |
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers 低功耗,限摆率限制RS-485/RS-422收发 Industrial CAN Transceiver with Ultra Low Power Sleep mode and Remote Bus Wake-up 8-SOIC -40 to 125
|
Maxim Integrated Products, Inc. http:// MAXIM INTEGRATED PRODUCTS INC
|
MAX3095 MAX3095CEE MAX3095CPE MAX3095CSE MAX3095EE |
±15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers 【15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers From old datasheet system ±15kV ESD-Protected, 10Mbps, 3V/5V,Quad RS-422/RS-485 Receivers 15kV ESD-Protected / 10Mbps / 3V/5V / Quad RS-422/RS-485 Receivers Video/Imaging Fixed-Point Digital Signal Processor 548-FC/CSP QUAD LINE RECEIVER, PDSO16 Replaced by TMS320C6455 : QUAD LINE RECEIVER, PDSO16
|
MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products, Inc.
|
MAX3295 MAX3284E MAX3281E MAX3295AUT-T MAX3280E MA |
20Mbps / 3.3V / SOT23 RS-485/ RS-422 Transmitters 20Mbps, 3.3V, SOT23 RS-485/ RS-422 Transmitters 32-Bit Digital Signal Controller with Flash 100-LQFP -40 to 85 32-Bit Digital Signal Controller with Flash 100-LQFP -40 to 125 ±15kV ESD保护2MbpsV.5V、SOT23封装、RS-485/RS-422真失效保护接收器
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|