PART |
Description |
Maker |
MGB19N35CL MGP19N35CL |
Ignition IGBT 19 Amps, 350 Volts(19A50V钳位电压,点火绝缘栅双极型晶体管(D2PAK封装 点火IGBT一十九安培50伏特,(9A50V钳位电压,点火绝缘栅双极型晶体管(采用D2PAK封装)) Ignition IGBT 19 Amps, 350 Volts(19A350V钳位电压,点火绝缘栅双极型晶体管(TO-220封装 19 A, 380 V, N-CHANNEL IGBT, TO-220AB Ignition IGBT 19 Amps, 350 Volts(19A锛?50V?充??靛?锛?????缂????????浣??锛?O-220灏??锛?
|
ON Semiconductor
|
SI1013R-T1-GE3 |
350 mA, 20 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
VISHAY SILICONIX
|
SXVVN0335N1 SXVN0335N1 SUPERTEXINC-SXVVN0335N2 |
3.5 A, 350 V, 2.5 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-3
|
SUPERTEX INC
|
IRFU321 |
3.1 A, 350 V, 1.8 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251AA
|
HARRIS SEMICONDUCTOR
|
NGD8205NT4G NGD8205AN NGD8205ANT4G NGD8205N12 |
Ignition IGBT 20 Amp, 350 Volt, N.Channel DPAK
|
ON Semiconductor
|
MGP15N35CL-D |
Ignition IGBT 15 Amps, 350 Volts N-Channel TO-220 and D2PAK
|
ON Semiconductor
|
MGP19N35CL-D |
Ignition IGBT 19 Amps, 350 Volts N-Channel TO-220 and D2PAK
|
ON Semiconductor
|
NX3008NBKS NX3008NBKS-15 |
30 V, 350 mA dual N-channel Trench MOSFET SMALL SIGNAL, FET
|
NXP Semiconductors N.V.
|
IRFZ30-005 IRFZ22-012 IRFZ25-012 IRF733-005PBF IRF |
30 A, 50 V, 0.05 ohm, N-CHANNEL, Si, POWER, MOSFET 14 A, 50 V, 0.12 ohm, N-CHANNEL, Si, POWER, MOSFET 16 A, 60 V, 0.12 ohm, N-CHANNEL, Si, POWER, MOSFET 4.5 A, 350 V, 1.5 ohm, N-CHANNEL, Si, POWER, MOSFET 9.2 A, 80 V, 0.27 ohm, N-CHANNEL, Si, POWER, MOSFET 28 A, 80 V, 0.077 ohm, N-CHANNEL, Si, POWER, MOSFET 2.6 A, 200 V, 2.4 ohm, N-CHANNEL, Si, POWER, MOSFET 50 A, 60 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET 10 A, 350 V, 0.55 ohm, N-CHANNEL, Si, POWER, MOSFET 3.3 A, 150 V, 1.5 ohm, N-CHANNEL, Si, POWER, MOSFET 5.6 A, 80 V, 0.54 ohm, N-CHANNEL, Si, POWER, MOSFET 30 A, 60 V, 0.05 ohm, N-CHANNEL, Si, POWER, MOSFET 13 A, 250 V, 0.34 ohm, N-CHANNEL, Si, POWER, MOSFET 18 A, 200 V, 0.18 ohm, N-CHANNEL, Si, POWER, MOSFET 4.4 A, 250 V, 1.1 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Bourns, Inc. Molex, Inc. VISHAY INTERTECHNOLOGY INC
|
FT18_TG FT18 FT18_HG FT18_IG FT18_SG FT18/SG FT18/ |
Frame Transfer CCD Image Sensor GIGABASE 350 CAT5E PATCH 10 FT, NON BOOT, PURPLE GIGABASE 350 CAT5E PATCH 5 FT, NON BOOT, PURPLE GIGABASE 350 CAT5E PATCH 15 FT, NON BOOT, PURPLE GIGABASE 350 CAT5E PATCH 4 FT, NON BOOT, PURPLE
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
WA8350.051OHMJA WA840.015OHMJA WA830.082OHMJA WA83 |
RESISTOR, WIRE WOUND, 2.5 W, 5 %, 350 ppm, 0.051 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, WIRE WOUND, 3 W, 5 %, 350 ppm, 0.015 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, WIRE WOUND, 2 W, 5 %, 350 ppm, 0.082 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, WIRE WOUND, 2.5 W, 5 %, 350 ppm, 0.082 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, WIRE WOUND, 2 W, 5 %, 350 ppm, 0.068 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, WIRE WOUND, 2 W, 5 %, 350 ppm, 0.091 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, WIRE WOUND, 2 W, 5 %, 350 ppm, 0.056 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, WIRE WOUND, 3 W, 5 %, 350 ppm, 0.013 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, WIRE WOUND, 2.5 W, 5 %, 350 ppm, 0.056 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, WIRE WOUND, 3 W, 5 %, 350 ppm, 0.012 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, WIRE WOUND, 2 W, 5 %, 350 ppm, 0.051 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, WIRE WOUND, 2.5 W, 5 %, 350 ppm, 0.091 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, WIRE WOUND, 2.5 W, 5 %, 350 ppm, 0.062 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, WIRE WOUND, 3 W, 5 %, 350 ppm, 0.011 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, WIRE WOUND, 2.5 W, 5 %, 350 ppm, 0.05 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, WIRE WOUND, 2 W, 5 %, 350 ppm, 0.05 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, WIRE WOUND, 2 W, 5 %, 350 ppm, 0.062 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, WIRE WOUND, 2.5 W, 5 %, 350 ppm, 0.068 ohm, THROUGH HOLE MOUNT AXIAL LEADED
|
Welwyn Components, Ltd.
|
|