PART |
Description |
Maker |
PE9223 |
GR874 TO BNC MALE
|
Pasternack Enterprises, Inc.
|
PE3182LF |
CABLE ASSEMBLY RG223/U GR874 TO BNC MALE
|
Pasternack Enterprises, Inc.
|
32AT102-2 |
CABLE TERMINATED, FEMALE-FEMALE-FEMALE, RF TEE ADAPTER, JACK
|
|
6260 |
RF Coaxial Connector Adapter; Convert From:N Female; Convert To:DIN Female; Approval Bodies:CE; Body Material:Brass; Contact Plating:Silver; Impedance:50ohm; Series:7/16 DIN and N RoHS Compliant: Yes FEMALE-FEMALE, RF STRAIGHT ADAPTER
|
Pomona Electronics
|
48201-6063 48201-6043 48201-6046 48201-6052 48201- |
9ckt D-Sub Female Fork Board Lock L/F 9 CONTACT(S), FEMALE, D SUBMINIATURE CONNECTOR, SOLDER 15ckt D-Sub Female Fork Board Lock L/F 15 CONTACT(S), FEMALE, D SUBMINIATURE CONNECTOR, SOLDER 25ckt D-Sub Female Fork Board Lock L/F 25 CONTACT(S), FEMALE, D SUBMINIATURE CONNECTOR, SOLDER Std D-sub Female Fork Lock 15P 15m L/F 15 CONTACT(S), FEMALE, D SUBMINIATURE CONNECTOR, SOLDER
|
Molex, Inc.
|
PE7214-50 |
50 dB Fixed Attenuator, N Female To N Female Directional Rated To 100 Watts Up To 6 GHz
|
Pasternack Enterprises, Inc.
|
PE7402 |
0 to 50 dB Dial Rotary Attenuator, N Female To N Female With 1 dB Step Rated To 2 Watts Up To 2.7 GHz
|
Pasternack Enterprises,...
|
PE2066 |
N FEMALE E-MALE-FEMALE RESISTIVE POWER DIVIDER, FREQUENCY RANGE: DC TO 18 GHz
|
Pasternack Enterprises,...
|
PE7359-50 |
50 dB Fixed Attenuator, SMA Female To 7/16 DIN Female Rated To 25 Watts Up To 6 GHz
|
Pasternack Enterprises, Inc.
|
951-01RA14-19S-50 |
19 CONTACT(S), ALUMINUM, CADMIUM PLATED, FEMALE-FEMALE, CIRCULAR ADAPTER
|
CONNECTEURS ELECTRIQUES DEUTSCH
|
10090929-S626LLF 10090929-S156XLF 10090929-S154LLF |
H/D D-SUB FEMALE STRAIGHT 44 CONTACT(S), FEMALE, D SUBMINIATURE CONNECTOR, SOLDER, SOCKET
|
FCI connector
|