PART |
Description |
Maker |
2SB564A |
Audio frequency power amplifier. Collector-base voltage Vcbo = -30V. Collector-emitter voltage Vceo = -25V. Emitter-base voltage Vebo = -5V. Collector dissipation Pc(max) = 800mW. Collector current Ic = -1.0A.
|
USHA India LTD
|
BC337 BC337-25 BC337-40 Q62702-C314-V3 BC337-16 BC |
Si-Epitaxial PlanarTransistors NPN Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage) NPN硅晶体管自动对焦(高电流增益高集电极电流低集电极发射极饱和电压)
|
Siemens Semiconductor G... Diotec Elektronische Infineon SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
HCF4001BEY HCF4001BM1 HCF4001M013TR HCF4001B |
RF Bipolar Transistor; Collector Emitter Voltage, Vceo:3V; Transistor Polarity:Dual P Channel; Power Dissipation:150W; C-E Breakdown Voltage:200V; DC Current Gain Min (hfe):35; Collector Current:15A; DC Current Gain Max (hfe):160 QUAD 2-INPUT NOR GATE
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
BSP60 BSP62 Q62702-P1166 Q62702-P1168 BSP60BSP62 B |
From old datasheet system PNP Silicon Darlington Transistors (High collector current Low collector-emitter saturation voltage)
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] Infineon
|
2SC5212 |
Small Signal Transistor Low collector saturation voltage VCE(sat)=0.2V typ. High collector current ICM=1A.
|
TY Semicondutor TY Semiconductor Co., Ltd
|
HDMP-1014 HDMP-1012 |
Bipolar Transistor; Collector Emitter Voltage, Vceo:400V; Transistor Polarity:N Channel; Power Dissipation:250W; C-E Breakdown Voltage:400V; DC Current Gain Min (hfe):10; Collector Current:50A; Package/Case:TO-3 Phase Lock Loop (PLL) IC; Number of Circuits:1; Package/Case:14-DIP; Mounting Type:Through Hole 4Low成本千兆速率发接收芯片
|
Agilent(Hewlett-Packard)
|
2SC3443 |
High hFE=150 to 800. High collector current (Ic=2A). High collector dissipation Pc=500mW.
|
TY Semiconductor Co., Ltd
|
BCP68-10 BCP68-16 Q62702-C2126 Q62702-C2128 Q62702 |
From old datasheet system NPN Silicon AF Transistor (For general AF application High collector current High current gain)
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
BC516 Q62702-C944 |
PNP Silicon Darlington Transistor (High current gain High collector current) From old datasheet system
|
Siemens Semiconductor G... Infineon SIEMENS[Siemens Semiconductor Group]
|
BDP948 BDP950 Q62702-D1338 Q62702-D1336 |
From old datasheet system PNP Silicon AF Power Transistor (For AF drivers and output stages High collector current High current gain)
|
Siemens Semiconductor G... SIEMENS AG SIEMENS[Siemens Semiconductor Group] SIEMENS A G
|
C62702-C941 C62702-C942 C62702-C943 |
PNP Silicon Darlington Transistors (High current gain High collector current)
|
SIEMENS AG Siemens Semiconductor Group
|