PART |
Description |
Maker |
IDT7130SA20PF IDT7130SA25PF IDT7130SA IDT7130SA25C |
Dual Integrated Solenoid Driver; Package: MLP 8x12; No of Pins: 18; Container: Tape & Reel 30V N-Channel PowerTrench SyncFET; Package: SOIC; No of Pins: 8; Container: Tape & Reel HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 25 ns, CQCC48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 55 ns, CQCC48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 35 ns, CQCC48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 100 ns, CQFP48 Single P-Channel Logic Level PowerTrench MOSFET; Package: SOIC; No of Pins: 8; Container: Tape & Reel 1K X 8 DUAL-PORT SRAM, 100 ns, PQCC52 Single P-Channel Logic Level PowerTrench MOSFET 1K X 8 DUAL-PORT SRAM, 100 ns, PQCC52 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 55 ns, CQFP48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 35 ns, PQFP64 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 35 ns, PDIP48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 25 ns, CDIP48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 100 ns, CDIP48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 高速每1000 × 8双端口静态RAM HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 35 ns, CDIP48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 35 ns, CQFP48 Asynchronous Communications Element With Autoflow Control 48-LQFP 0 to 70 高速每1000 × 8双端口静态RAM HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
|
http:// IDT[Integrated Device Technology] Integrated Device Technology, Inc. Integrated Device Techn...
|
29W040 M29W040 M29W040-120K5TR M29W040-100K5TR M29 |
4 Mbit 512Kb x8 / Uniform Block Low Voltage Single Supply Flash Memory Excalibur Low-Noise High-Speed Precision Operational Amplifier 8-SOIC Dual Low-Noise High-Speed Precision Operational Amplifier 8-SOIC High Speed High Drive Precision Operational Amplifier 8-CDIP -55 to 125 Excalibur Low-Noise High-Speed Precision Dual Operational Amplifier 8-SOIC High Speed High Drive Precision Dual Operational Amplifier 8-CDIP -55 to 125 ; Capacitance:180pF; Capacitance Tolerance: /- 5 %; Working Voltage, DC:300V; Package/Case:1210; Series:SQ; Dielectric Material:Ceramic; Leaded Process Compatible:Yes; Mounting Type:PCB Surface Mount High Speed High Drive Precision Dual Operational Amplifier 20-LCCC -55 to 125 4兆位512KB的8,统一座低电压单电源闪 CAP RF 2.0PF 250V 0603 SMD 4兆位512KB的8,统一座低电压单电源闪 4 Mbit 512Kb x8, Uniform Block Low Voltage Single Supply Flash Memory 4兆位512KB的8,统一座低电压单电源闪 CAP RF 27PF 250V 0603 SMD 4兆位512KB的8,统一座低电压单电源闪 CAP RF 1.8PF 250V 0603 SMD 4兆位512KB的8,统一座低电压单电源闪 CAP RF 24PF 250V 0603 SMD 4兆位512KB的8,统一座低电压单电源闪 CAP RF 22PF 250V 0603 SMD 4兆位512KB的8,统一座低电压单电源闪 High Speed High Drive Precision Dual Operational Amplifier 8-SOIC CAP RF 1.0PF 250V 0603 SMD Excalibur Low-Noise High-Speed Precision Operational Amplifier 8-PDIP 0 to 70 Dual Low-Noise High-Speed Precision Operational Amplifier 8-PDIP 512K X 8 FLASH 3V PROM, 150 ns, PQCC32 512K X 8 FLASH 3V PROM, 200 ns, PDSO32 512K X 8 FLASH 3V PROM, 120 ns, PQCC32
|
意法半导 STMicroelectronics N.V.
|
LTC1693 LTC1693-1CS8 LTC1693-2CS8 LTC1693-3CMS8 |
High Speed Single/Dual MOSFET Drivers
|
Linear Technology
|
ISL58292IN ISL5829EVAL1 ISL5829IN |
Dual 12-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter Dual 12-bit/ 3.3V/ 130/210MSPS/ CommLink TM High Speed D/A Converter 210MHz; 3.6V; 24mA; dual 12-bit, 3.3V, 130/210 MSPS, commLink high speed D/A converter. For quadrature transmit with IF range 0-80MHz, medical/test instrumentation and equipment, wireless communication systems, BWA infrastructure
|
http:// Intersil Corporation
|
MAX999AAUKT MAX999EUK-T MAX964EEE |
Single/Dual/Quad, Ultra-High-Speed, 3V/ 5V, Beyond-the-Rails Comparators
|
Maxim Integrated Products Maxim Integrated Produc...
|
FOD050LR2V FOD050LV FOD250LTV FOD250LS FOD250LV FO |
SO-8 1 Mbit/s Single-Channel High Speed Transistor Output Optocoupler 3.3V; Package: SOIC-W; No of Pins: 8; Container: Tape & Reel 1 CHANNEL LOGIC OUTPUT OPTOCOUPLER SO-8 1 Mbit/s Single-Channel High Speed Transistor Output Optocoupler 3.3V; Package: SOIC-W; No of Pins: 8; Container: Box 1 CHANNEL LOGIC OUTPUT OPTOCOUPLER 8-Pin DIP 1 Mbit/s Single-Channel High Speed Transistor Output Optocoupler 3.3V; Package: DIP-W; No of Pins: 8; Container: Bulk 1 CHANNEL LOGIC OUTPUT OPTOCOUPLER LVTTL/LVCMOS 3.3V High Speed Transistor Optocouplers 1 CHANNEL LOGIC OUTPUT OPTOCOUPLER FOD050L, FOD250L: Single Channel FOD053L: Dual Channel LVTTL/LVCMOS 3.3V High Speed Transistor Optocouplers
|
Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
AS1744 AS1744G AS1744V-T AS1745 AS1744G-T |
High-Speed, Low-Voltage, Dual, Single-Supply, 4? SPDT Analog Switches
|
ams AG
|
AS1744 AS1745V-T AS1744G AS1744G-T AS1744V-T AS174 |
High-Speed, Low-Voltage, Dual, Single-Supply, 4з, SPDT Analog Switches High-Speed, Low-Voltage, Dual, Single-Supply, 4蟹, SPDT Analog Switches
|
AMSCO[austriamicrosystems AG]
|
IDT7008L20J IDT7008L20JB IDT7008L20JI IDT7008S_L I |
64K x 8 Dual-Port RAM From old datasheet system IC,SRAM,64KX8,CMOS,LDCC,84PIN,PLASTIC HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM 64K X 8 DUAL-PORT SRAM, 20 ns, CPGA84 HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM 64K X 8 DUAL-PORT SRAM, 55 ns, PQCC84 HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM 64K X 8 DUAL-PORT SRAM, 20 ns, PQFP100
|
Integrated Device Techn... IDT[Integrated Device Technology] Integrated Device Technology Inc Integrated Device Technology, Inc.
|
IDT70T659S8BF IDT70T659S8BC IDT70T659S8BFI IDT70T6 |
High-speed 2.5V 128 x 36 asynchronous dual-port static RAM, 10ns High-speed 2.5V 128 x 36 asynchronous dual-port static RAM, 8ns High-speed 2.5V 128 x 36 asynchronous dual-port static RAM, 15ns JFET-Input Operational Amplifier 14-SOIC -40 to 85 256K X 36 DUAL-PORT SRAM, 12 ns, PQFP208 HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE 128K X 36 DUAL-PORT SRAM, 10 ns, PQFP208 JFET-Input Operational Amplifier 14-SOIC 0 to 70 高.5V56/128K.3V 5011 2.5V的接口36 ASYNCHRONO美国双端口静RAM HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE 128K X 36 DUAL-PORT SRAM, 12 ns, PBGA256 HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE 128K X 36 DUAL-PORT SRAM, 12 ns, PBGA208 JFET-Input Operational Amplifier 14-SOIC 0 to 70 128K X 36 DUAL-PORT SRAM, 12 ns, PQFP208 High-speed 2.5V 128 x 36 asynchronous dual-port static RAM, 12ns
|
Integrated Device Techn... Integrated Device Technology, Inc. IDT
|
AD8684ARUZ-REEL AD8682-15 AD8682 |
Dual Low Power, High Speed JFET Operational Amplifier Dual/Quad Low Power, High Speed Quad Low Power, High Speed JFET Operational Amplifiers; Package: TSSOP; No of Pins: 14; Temperature Range: Industrial QUAD OP-AMP, 4000 uV OFFSET-MAX, 3.5 MHz BAND WIDTH, PDSO14
|
Analog Devices, Inc.
|
|