PART |
Description |
Maker |
1N659 1N660 FDLL659 1N661 1N746 1N963 1N3600 FDLL6 |
Ultra fast low capacitance diode. Working inverse voltage 50 V. High speed high conductance diode. Working inverse voltage 175 V. General purpose low diode. Working inverse voltage 100V. 500 mW silicon linear diode. Max zener impedance 6.0 Ohm, max zener voltage 7.5 V (Iz 20mA). 500 mW silicon linear diode. Max zener impedance 17.0 Ohm, max zener voltage 5.1 V (Iz 20mA). 500 mW silicon linear diode. Max zener impedance 7.0 Ohm, max zener voltage 6.2 V (Iz 20mA). 500 mW silicon linear diode. Max zener impedance 23.0 Ohm, max zener voltage 3.9 V (Iz 20mA). 500 mW silicon linear diode. Max zener impedance 11.0 Ohm, max zener voltage 5.6 V (Iz 20mA). 500 mW silicon linear diode. Max zener impedance 24.0 Ohm, max zener voltage 3.6 V (Iz 20mA). 500 mW silicon linear diode. Max zener impedance 22.0 Ohm, max zener voltage 4.3 V (Iz 20mA). 500 mW silicon linear diode. Max zener impedance 5.0 Ohm, max zener voltage 6.8 V (Iz 20mA). 500 mW silicon linear diode. Max zener impedance 8.0 Ohm, max zener voltage 8.2 V (Iz 20mA). 500 mW silicon linear diode. Max zener impedance 17.0 Ohm, max zener voltage 10.0 V (Iz 20mA). General purpose low diode. Working inverse voltage 200V. General Purpose Diodes
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor] http://
|
IRFF430 FN1894 |
2.75A, 500V, 1.500 Ohm, N-Channel Power MOSFET 2.75 A, 500 V, 1.5 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-205AF 2.75A/ 500V/ 1.500 Ohm/ N-Channel Power MOSFET From old datasheet system
|
Intersil, Corp. Intersil Corporation
|
TS53YL500OHM/-20TR TS53YL50OHM/-20TR TS53YL20OHM/- |
RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.2 W, 500 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.2 W, 50 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.2 W, 20 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.2 W, 1000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.2 W, 10 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.2 W, 5000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.2 W, 500000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.2 W, 100000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.2 W, 10000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.2 W, 20000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.2 W, 200000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.2 W, 200 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.2 W, 100 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.2 W, 1000000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.2 W, 2000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.2 W, 50000 ohm
|
Vishay Intertechnology, Inc.
|
STW29NK50Z |
31 A, 500 V, 0.13 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AC N-CHANNEL 500 V - 0.105ohm - 31A TO-247 Zener-Protected SuperMESH MOSFET N-CHANNEL 500 V - 0.105 Ohm - 31A TO-247 Zener-Protected SuperMESH MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
CR1206-FX-4531ELF CR1206-FX-45R3ELF CR1206-FX-4533 |
CHIP RESISTOR RESISTOR, 0.25 W, 5 %, 200 ppm, 8.2 ohm, SURFACE MOUNT, 1206 Suitable for all types of soldering processes Three layer contacting process with nickel barrier prevents leaching and provides excellent solderability CR0603/CR0805/CR1206 - Chip Resistors Tight tolerances of bottom electrode width CHIP RESISTOR RESISTOR, 0.1 W, 1 %, 100 ppm, 16.2 ohm, SURFACE MOUNT, 0603 SMD Chip Resistors 3.09K ohm 1% RESISTOR, 0.1 W, 1 %, 100 ppm, 3090 ohm, SURFACE MOUNT, 0603 SMD Chip Resistors 2.26K 1% 1/10W RESISTOR, 0.1 W, 1 %, 100 ppm, 2260 ohm, SURFACE MOUNT, 0603 SMD Chip Resistors 4.53K ohm 1% RESISTOR, 0.1 W, 1 %, 100 ppm, 4530 ohm, SURFACE MOUNT, 0603 SMD Chip Resistors 3.83K ohm 1% RESISTOR, 0.1 W, 1 %, 100 ppm, 3830 ohm, SURFACE MOUNT, 0603 CHIP RESISTOR RESISTOR, 0.125 W, 5 %, 500 ppm, 2 ohm, SURFACE MOUNT, 0805 CHIP RESISTOR RESISTOR, 0.1 W, 5 %, 500 ppm, 2.7 ohm, SURFACE MOUNT, 0603 SMD Chip Resistors 1.47K 1% RESISTOR, 0.125 W, 1 %, 100 ppm, 1470 ohm, SURFACE MOUNT, 0805 CHIP RESISTOR RESISTOR, 0.25 W, 1 %, 100 ppm, 1070 ohm, SURFACE MOUNT, 1206 SMD Chip Resistors 27ohm 1% RESISTOR, 0.125 W, 1 %, 100 ppm, 27 ohm, SURFACE MOUNT, 0805 Standard Thick Film Chip Resistor: 10 ohms through 1 megohm, 1 %, 100 ppm, .100 W RESISTOR, 0.125 W, 1 %, 100 ppm, 68.1 ohm, SURFACE MOUNT, 0805 SMD Chip Resistors 8.2K ohm 1% RESISTOR, 0.1 W, 1 %, 100 ppm, 8200 ohm, SURFACE MOUNT, 0603 Standard Thick Film Chip Resistor: 10 ohms through 1 megohm, 1 %, 100 ppm, .100 W RESISTOR, 0.1 W, 1 %, 100 ppm, 33.2 ohm, SURFACE MOUNT, 0603 Standard Thick Film Chip Resistor: 10 ohms through 1 megohm, 1 %, 100 ppm, .100 W RESISTOR, 0.1 W, 1 %, 100 ppm, 4700 ohm, SURFACE MOUNT, 0603 SMD Chip Resistors 68.1K 1% RESISTOR, 0.125 W, 1 %, 100 ppm, 68100 ohm, SURFACE MOUNT, 0805 SMD Chip Resistors 182ohm 1% RESISTOR, 0.125 W, 1 %, 100 ppm, 182 ohm, SURFACE MOUNT, 0805 CHIP RESISTOR RESISTOR, 0.25 W, 1 %, 100 ppm, 11.8 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR RESISTOR, 0.1 W, 1 %, 100 ppm, 11.5 ohm, SURFACE MOUNT, 0603 CHIP RESISTOR RESISTOR, 0.1 W, 5 %, 200 ppm, 8200000 ohm, SURFACE MOUNT, 0603 CHIP RESISTOR RESISTOR, 0.1 W, 1 %, 100 ppm, 16.5 ohm, SURFACE MOUNT, 0603 CHIP RESISTOR RESISTOR, 0.1 W, 1 %, 100 ppm, 34.8 ohm, SURFACE MOUNT, 0603 CHIP RESISTOR RESISTOR, 0.1 W, 5 %, 500 ppm, 1.8 ohm, SURFACE MOUNT, 0603 Standard Thick Film Chip Resistor: 10 ohms through 1 megohm, 1 %, 100 ppm, .100 W RESISTOR, 0.1 W, 1 %, 100 ppm, 33 ohm, SURFACE MOUNT, 0603 CHIP RESISTOR RESISTOR, 0.125 W, 1 %, 100 ppm, 12.1 ohm, SURFACE MOUNT, 0805 CHIP RESISTOR RESISTOR, 0.125 W, 5 %, 200 ppm, 1500 ohm, SURFACE MOUNT, 0805 CHIP RESISTOR RESISTOR, 0.25 W, 5 %, 200 ppm, 15000 ohm, SURFACE MOUNT, 1206 SMD Chip Resistors 75K 5% RESISTOR, 0.25 W, 5 %, 200 ppm, 75000 ohm, SURFACE MOUNT, 1206 SMD Chip Resistors 11ohm 5% 1/10W RESISTOR, 0.1 W, 5 %, 200 ppm, 11 ohm, SURFACE MOUNT, 0603 CHIP RESISTOR RESISTOR, 0.1 W, 5 %, 200 ppm, 180 ohm, SURFACE MOUNT, 0603 CHIP RESISTOR RESISTOR, 0.25 W, 5 %, 200 ppm, 6200000 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR RESISTOR, 0.25 W, 5 %, 200 ppm, 30 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR RESISTOR, 0.25 W, 5 %, 200 ppm, 1500 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR RESISTOR, 0.1 W, 5 %, 200 ppm, 680 ohm, SURFACE MOUNT, 0603 SMD Chip Resistors 75K ohm 5% RESISTOR, 0.1 W, 5 %, 200 ppm, 75000 ohm, SURFACE MOUNT, 0603 CHIP RESISTOR RESISTOR, 0.1 W, 5 %, 200 ppm, 2400 ohm, SURFACE MOUNT, 0603 CHIP RESISTOR RESISTOR, 0.25 W, 5 %, 200 ppm, 3900000 ohm, SURFACE MOUNT, 1206 SMD Chip Resistors 180ohm 5% RESISTOR, 0.25 W, 5 %, 200 ppm, 180 ohm, SURFACE MOUNT, 1206 Standard Thick Film Chip Resistor: 10 ohms through 10 megohms, 5 %, 200 ppm, .100 W RESISTOR, 0.1 W, 5 %, 200 ppm, 18 ohm, SURFACE MOUNT, 0603 CHIP RESISTOR RESISTOR, 0.1 W, 5 %, 200 ppm, 56 ohm, SURFACE MOUNT, 0603 CHIP RESISTOR RESISTOR, 0.25 W, 5 %, 200 ppm, 51 ohm, SURFACE MOUNT, 1206 SMD Chip Resistors 180K ohm 5% RESISTOR, 0.25 W, 5 %, 200 ppm, 180000 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR RESISTOR, 0.1 W, 5 %, 200 ppm, 43 ohm, SURFACE MOUNT, 0603 Standard Thick Film Chip Resistor: 10 ohms through 10 megohms, 5 %, 200 ppm, .100 W RESISTOR, 0.25 W, 5 %, 200 ppm, 100 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR RESISTOR, 0.25 W, 5 %, 200 ppm, 7500 ohm, SURFACE MOUNT, 1206 SMD Chip Resistors 97.6ohm 1% RESISTOR, 0.25 W, 1 %, 100 ppm, 97.6 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR RESISTOR, 0.125 W, 1 %, 100 ppm, 84.5 ohm, SURFACE MOUNT, 0805 CHIP RESISTOR RESISTOR, 0.1 W, 1 %, 100 ppm, 1430 ohm, SURFACE MOUNT, 0603 CHIP RESISTOR RESISTOR, 0.1 W, 1 %, 100 ppm, 82 ohm, SURFACE MOUNT, 0603 SMD Chip Resistors 91 ohm 1% RESISTOR, 0.1 W, 1 %, 100 ppm, 91 ohm, SURFACE MOUNT, 0603 CHIP RESISTOR RESISTOR, 0.1 W, 1 %, 100 ppm, 71.5 ohm, SURFACE MOUNT, 0603 SMD Chip Resistors 64.9 ohm 1% RESISTOR, 0.1 W, 1 %, 100 ppm, 64.9 ohm, SURFACE MOUNT, 0603 SMD Chip Resistors 93.1 ohm 1% RESISTOR, 0.1 W, 1 %, 100 ppm, 93.1 ohm, SURFACE MOUNT, 0603 SMD Chip Resistors 97.6ohm 1% RESISTOR, 0.125 W, 1 %, 100 ppm, 97.6 ohm, SURFACE MOUNT, 0805 CHIP RESISTOR RESISTOR, 0.25 W, 1 %, 100 ppm, 73.2 ohm, SURFACE MOUNT, 1206 SMD Chip Resistors 76.8ohm 1% RESISTOR, 0.125 W, 1 %, 100 ppm, 76.8 ohm, SURFACE MOUNT, 0805 SMD Chip Resistors 84.5ohm 1% RESISTOR, 0.25 W, 1 %, 100 ppm, 84.5 ohm, SURFACE MOUNT, 1206 SMD Chip Resistors 49.9ohm 1% RESISTOR, 0.125 W, 1 %, 100 ppm, 49.9 ohm, SURFACE MOUNT, 0805 CHIP RESISTOR RESISTOR, 0.25 W, 1 %, 100 ppm, 53.6 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR RESISTOR, 0.1 W, 1 %, 100 ppm, 35.7 ohm, SURFACE MOUNT, 0603 CHIP RESISTOR RESISTOR, 0.25 W, 1 %, 100 ppm, 35.7 ohm, SURFACE MOUNT, 1206 SMD Chip Resistors 53.6K 1% RESISTOR, 0.125 W, 1 %, 100 ppm, 53600 ohm, SURFACE MOUNT, 0805 CHIP RESISTOR RESISTOR, 0.1 W, 1 %, 100 ppm, 53.6 ohm, SURFACE MOUNT, 0603 SMD Chip Resistors 37.4ohm 1% RESISTOR, 0.125 W, 1 %, 100 ppm, 37.4 ohm, SURFACE MOUNT, 0805 SMD Chip Resistors 35.7K ohm 1% RESISTOR, 0.1 W, 1 %, 100 ppm, 35700 ohm, SURFACE MOUNT, 0603 SMD Chip Resistors 37.4 ohm 1% RESISTOR, 0.1 W, 1 %, 100 ppm, 37.4 ohm, SURFACE MOUNT, 0603 CHIP RESISTOR RESISTOR, 0.1 W, 1 %, 100 ppm, 24.3 ohm, SURFACE MOUNT, 0603 CHIP RESISTOR RESISTOR, 0.25 W, 1 %, 100 ppm, 51 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR RESISTOR, 0.25 W, 1 %, 100 ppm, 13 ohm, SURFACE MOUNT, 1206 Standard Thick Film Chip Resistor: 10 ohms through 10 megohms, 5 %, 200 ppm, .100 W RESISTOR, 0.1 W, 5 %, 200 ppm, 24 ohm, SURFACE MOUNT, 0603 SMD Chip Resistors 51.1K 1% RESISTOR, 0.25 W, 1 %, 100 ppm, 51100 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR RESISTOR, 0.125 W, 1 %, 100 ppm, 24.3 ohm, SURFACE MOUNT, 0805 CHIP RESISTOR RESISTOR, 0.25 W, 1 %, 100 ppm, 12.7 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR RESISTOR, 0.125 W, 1 %, 100 ppm, 24.9 ohm, SURFACE MOUNT, 0805 Resistor,Ruthenium Oxide,2.7Ohms,100WV,5 /-% Tol,-200,500ppm-TC,0805-Case RESISTOR, 0.125 W, 5 %, 500 ppm, 2.7 ohm, SURFACE MOUNT, 0805 CHIP RESISTOR RESISTOR, 0.125 W, 1 %, 100 ppm, 30.1 ohm, SURFACE MOUNT, 0805 SMD Chip Resistors 220K ohm 5% RESISTOR, 0.1 W, 5 %, 200 ppm, 220000 ohm, SURFACE MOUNT, 0603 SMD Chip Resistors 51ohm 1% RESISTOR, 0.125 W, 1 %, 100 ppm, 51 ohm, SURFACE MOUNT, 0805 Resistor,Ruthenium Oxide,2.4Ohms,100WV,5 /-% Tol,-200,500ppm-TC,0805-Case RESISTOR, 0.125 W, 5 %, 500 ppm, 2.4 ohm, SURFACE MOUNT, 0805 CHIP RESISTOR RESISTOR, 0.125 W, 1 %, 100 ppm, 30 ohm, SURFACE MOUNT, 0805 CHIP RESISTOR RESISTOR, 0.25 W, 1 %, 100 ppm, 19.6 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR RESISTOR, 0.25 W, 1 %, 100 ppm, 30 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR RESISTOR, 0.125 W, 1 %, 100 ppm, 17.8 ohm, SURFACE MOUNT, 0805 Standard Thick Film Chip Resistor: 10 ohms through 1 megohm, 1 %, 100 ppm, .100 W RESISTOR, 0.1 W, 1 %, 100 ppm, 15 ohm, SURFACE MOUNT, 0603 CHIP RESISTOR RESISTOR, 0.25 W, 1 %, 100 ppm, 13.3 ohm, SURFACE MOUNT, 1206 SMD Chip Resistors 24K ohm 5% RESISTOR, 0.1 W, 5 %, 200 ppm, 24000 ohm, SURFACE MOUNT, 0603 CHIP RESISTOR RESISTOR, 0.125 W, 1 %, 100 ppm, 13.3 ohm, SURFACE MOUNT, 0805 SMD Chip Resistors 17.8K 1% RESISTOR, 0.25 W, 1 %, 100 ppm, 17800 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR RESISTOR, 0.1 W, 1 %, 100 ppm, 24 ohm, SURFACE MOUNT, 0603 CHIP RESISTOR RESISTOR, 0.25 W, 1 %, 100 ppm, 24 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR RESISTOR, 0.125 W, 1 %, 100 ppm, 78.7 ohm, SURFACE MOUNT, 0805 CHIP RESISTOR RESISTOR, 0.125 W, 1 %, 100 ppm, 13 ohm, SURFACE MOUNT, 0805 SMD Chip Resistors 16.2ohm 1% RESISTOR, 0.125 W, 1 %, 100 ppm, 16.2 ohm, SURFACE MOUNT, 0805 CHIP RESISTOR RESISTOR, 0.1 W, 1 %, 100 ppm, 12 ohm, SURFACE MOUNT, 0603 CHIP RESISTOR RESISTOR, 0.125 W, 1 %, 100 ppm, 12 ohm, SURFACE MOUNT, 0805 SMD Chip Resistors 48.7 ohm 1% RESISTOR, 0.1 W, 1 %, 100 ppm, 48.7 ohm, SURFACE MOUNT, 0603 CHIP RESISTOR RESISTOR, 0.25 W, 1 %, 100 ppm, 12 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR RESISTOR, 0.125 W, 1 %, 100 ppm, 19.6 ohm, SURFACE MOUNT, 0805 CHIP RESISTOR RESISTOR, 0.1 W, 1 %, 100 ppm, 30 ohm, SURFACE MOUNT, 0603 CHIP RESISTOR RESISTOR, 0.125 W, 1 %, 100 ppm, 30.9 ohm, SURFACE MOUNT, 0805 CHIP RESISTOR RESISTOR, 0.1 W, 1 %, 100 ppm, 30.1 ohm, SURFACE MOUNT, 0603 CHIP RESISTOR RESISTOR, 0.1 W, 1 %, 100 ppm, 30.9 ohm, SURFACE MOUNT, 0603 SMD Chip Resistors 25.5ohm 1% RESISTOR, 0.25 W, 1 %, 100 ppm, 25.5 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR RESISTOR, 0.25 W, 1 %, 100 ppm, 453000 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR RESISTOR, 0.25 W, 1 %, 100 ppm, 45.3 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR RESISTOR, 0.25 W, 1 %, 100 ppm, 4530 ohm, SURFACE MOUNT, 1206
|
Bourns Electronic Solutions Bourns, Inc. Bourns Electronic Solut...
|
IRF830 FN1582 |
4.5A/ 500V/ 1.500 Ohm/ N-Channel Power MOSFET From old datasheet system 4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
|
INTERSIL[Intersil Corporation]
|
APL502B2 APL502L APL502LG |
LINEAR MOSFET Power MOSFET; Package: TO-264 [L]; ID (A): 58; RDS(on) (Ohms): 0.09; BVDSS (V): 500; 58 A, 500 V, 0.09 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-264AA
|
Microsemi Corporation Microsemi, Corp.
|
STP6NB50 STP6NB50FP |
3.4 A, 500 V, 1.5 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 5.8 A, 500 V, 1.5 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-CHANNEL ENHANCEMENT MODE POWERMESH MOSFET
|
STMICROELECTRONICS ST Microelectronics
|
SFF450/61 SFF450-61 |
13 AMP 500 Volts 0.40 OHM N-Channel POWER MOSFET 13 AMP 500 Volts 0.40 OHM N-Channel POWER MOSFET 13 A, 500 V, 0.4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-61
|
Solid States Devices, Inc. Solid State Devices, Inc.
|
S3921 S3921-512Q S3921-128Q |
NMOS linear image sensor Voltage output type with current-integration readout circuit and impedance conversion circuit MOSFET, Switching; VDSS (V): 500; ID (A): 12; Pch : 30; RDS (ON) typ. (ohm) @10V: 0.515; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 1100; toff (µs) typ: 0.077; Package: TO-220FN
|
Hamamatsu Photonics
|
UF460L-T3P-T |
21 A, 500 V, 0.31 ohm, N-CHANNEL, Si, POWER, MOSFET
|
UNISONIC TECHNOLOGIES CO LTD
|
|