PART |
Description |
Maker |
IPM6220EVAL1 ISL6235CA ISL6235 ISL6235EVAL1 |
27.0; advanced triple PWM only mode and dual linear power controller for portable applications PWM Controller, Triple Linear and Dual PWM, 5.6 to 24V Input, Outputs 5/ 3.3V ALWAYS and 5V/ 3.3V Main, 12V, Notebook PCs Octal D-Type Transparent Latches With 3-State Outputs 20-SOIC -40 to 85 只有先进的三重的PWM模式和双线性电源控制器,用于便携式应用
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
MAX668-MAX669 MAX668EUB MAX669EUB MAX669 MAX668 |
1.8V to 28V Input, PWM Step-Up Controllers in レMAX SWITCHING CONTROLLER, 575 kHz SWITCHING FREQ-MAX, PDSO10 1.8V to 28V Input, PWM Step-Up Controllers in MAX Quadruple 2-Line To 1-Line Data Selector/Multiplexer With 3-State Outputs 20-LCCC -55 to 125 QUADRUPLE 2-INPUT POSITIVE-OR GATES 14-CDIP -55 to 125 1.8V to 28V Input, PWM Step-Up Controllers in μMAX
|
Maxim Integrated Products, Inc.
|
EL7515 EL7515IY EL7515IY-T13 EL7515IY-T7 |
PWM, Step Up with High Frequency, VIN >1.8V, VOUT =4.5V-18V SMPS Controller High Frequency PWM Step-Up Regulator
|
Intersil Corporation
|
ISL6524 ISL6524CB ISL6524EVA |
PWM Controller and Triple Linear Reg, VRM8.5, 5-Bit DAC, Core %, Linears % VRM8.5 PWM and Triple Linear Power System Controller
|
INTERSIL[Intersil Corporation]
|
UC3550 UC3550G-XX-AF5-R UC3550L-XX-AF5-R UC355011 |
PWM CONTROLLED PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER DESCRIPTION
|
Unisonic Technologies
|
MAX728 |
5V/3.3V/3V 2A Step-Down, PWM,
Switch-Mode DC-DC Regulators(2A,5V,步降,PWM,开关型DC-DC变换
|
Maxim Integrated Products, Inc.
|
XC9302SERIES XC9301SERIES TOR114 |
PWM,PWM/PFM Switching Step-Up & Down DC/DC Converter Controller ICs From old datasheet system
|
Torex
|
MAX727 MAX727CCK MAX727ECK MAX728CCK MAX728ECK MAX |
Octal Buffers And Line Drivers With 3-State Outputs 20-CDIP -55 to 125 3.2 A SWITCHING REGULATOR, 120 kHz SWITCHING FREQ-MAX, PZFM5 5V/3.3V/3V 2A Step-Down, PWM, Switch-Mode DC-DC Regulators 5V/3.3V/3V 2A Step-Down / PWM / Switch-Mode DC-DC Regulators
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
XC6366A602EL XC6366A602ER XC6366A602ML XC6366A602M |
PWM Controlled, PWM/PFM Switchable Step-Down DC/DC Converters
|
Torex Semiconductor
|
XC6367 |
PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
|
Torex Semiconductor
|
MAX830 MAX830CWE MAX830-MAX833 MAX831CWE MAX832CWE |
5V/3.3V/3V/Adjustable-Output, 1A, Step-Down, PWM, Switch-Mode DC-DC Regulators 1.2 A SWITCHING REGULATOR, 100 kHz SWITCHING FREQ-MAX, PDSO16 5V/3.3V/3V/Adjustable-Output 1A Step-Down PWM Switch-Mode DC-DC Regulators 5V/3.3V/3V/Adjustable-Output / 1A / Step-Down / PWM / Switch-Mode DC-DC Regulators
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|