PART |
Description |
Maker |
LT5506EUF LT5506 LT5506EUFTR |
40MHz to 500MHz Quadrature Demodulator with VGA; Package: QFN; No of Pins: 16; Temperature Range: -40°C to 125°C 40 MHz - 500 MHz RF/MICROWAVE QUADRAPHASE DEMODULATOR
|
Linear Technology, Corp. LINER[Linear Technology]
|
LT5546 LT5546EUF LT5546EUFTRPBF |
40MHz to 500MHz VGA and I/Q Demodulator with 17MHz Baseband Bandwidth; Package: QFN; No of Pins: 16; Temperature Range: -40°C to 125°C 40 MHz - 500 MHz RF/MICROWAVE I/Q DEMODULATOR
|
Linear Technology, Corp. LINER[Linear Technology] Linear Technology Corporation
|
QMP-15-50 QMK-714N QMK-714S QMK-714T |
15 MHz - 50 MHz RF/MICROWAVE I/Q DEMODULATOR, 7 dB CONVERSION LOSS-MAX 6-PIN 810 MHz - 830 MHz RF/MICROWAVE I/Q DEMODULATOR, 8 dB CONVERSION LOSS-MAX
|
Synergy Microwave, Corp. SYNERGY MICROWAVE CORP
|
SFH506-38 SFH506-36 Q62702-P1196 SFH506 SFH506-30 |
IR-EMPFANGER/DEMODULATOR-BAUSTEIN, IR-RECEIVER/DEMODULATOR DEVICE IR-EMPFANGER/DEMODULATOR-BAUSTEIN,IR-RECEIVER/DEMODULATOR装置 IR-EMPFANGER/DEMODULATOR-BAUSTEIN, IR-RECEIVER/DEMODULATOR DEVICE LOGIC OUTPUT PHOTO DETECTOR IR-EMPFANGER/DEMODULATOR-BAUSTEIN IR-RECEIVER/DEMODULATOR DEVICE IR-EMPFANGER/DEMODULATOR-BAUSTEIN / IR-RECEIVER/DEMODULATOR DEVICE
|
SIEMENS A G SIEMENS AG SIEMENS[Siemens Semiconductor Group] Infineon
|
NTE1005 |
FM, AUDIO DEMODULATOR, PDIP14 Integrated Circuit FM Stereo Demodulator
|
NTE[NTE Electronics]
|
CX24123 |
Demodulator and FEC Decoder Low-power QPSK demodulator for worldwide satellite set-top box applications
|
Conexant Systems, Inc.
|
IRF0306HI2Q IRF0306HI2B |
3000 MHz - 6000 MHz RF/MICROWAVE I/Q DEMODULATOR, 9 dB CONVERSION LOSS-MAX 3000 MHz - 6000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 9 dB CONVERSION LOSS-MAX
|
MITEQ INC
|
L64780 |
L64780 DVB-T COFDM Demodulator technical manual 2/00 DVB-T COFDM Demodulator(对地数字视频广播 正交编码频率分割多路处理解调
|
LSI Corporation
|
MWA02011L MWA0204 MWA0270 MWA0211L |
I(cc): 40mA; P(in): -16 dB; V(cc): 6V; monolithic microwave integrated circuit MONOLITHIC MICROWAVE INTEGRATED CIRCUIT 3000 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER (MWA02011L / MWA0204 / MWA0270) MONOLITHIC MICROWAVE INTEGRATED CIRCUIT
|
Motorola Mobility Holdings, Inc. Motorola, Inc.
|
AD8347 AD8347ARU AD8347ARU-REEL AD8347ARU-REEL7 AD |
800 MHz to 2.7 GHz RF / IF Quadrature Demodulator 0.8 GHz-2.7 GHz Direct Conversion Quadrature Demodulator
|
AD[Analog Devices]
|
EKIN2-390DX1 |
380-400 MHz,I/Q demodulator E-Series I/Q Demodulator 380 - 400 MHz E系列的I / Q解调80 - 400兆赫
|
MA-Com http:// MACOM[Tyco Electronics]
|
ZL10313 ZL10313QCG ZL10313QCG1 ZL10313UBH |
Satellite Channel Demodulator Satellite Demodulator
|
ZARLINK[Zarlink Semiconductor Inc]
|