PART |
Description |
Maker |
IDT49C460EJB IDT49C460DFF IDT49C460AG IDT49C460AJ |
Rectangular Connector; Body Material:Polyester; Series:8016; Number of Contacts:90; Contact Material:Phosphor Bronze; Contact Plating:Gold Over Nickel; Gender:Female; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes 32位CMOS错误检测和纠正装置 32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT 49C SERIES, 32-BIT ERROR DETECT AND CORRECT CKT, CQFP68 32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT 49C SERIES, 32-BIT ERROR DETECT AND CORRECT CKT, CPGA68 32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT 49C SERIES, 32-BIT ERROR DETECT AND CORRECT CKT, PQCC68
|
Integrated Device Technology, Inc.
|
ACTS630D ACTS630HMSR ACTS630K ACTS630MS 5962F96721 |
Radiation Hardened Octal Three-State Transparent Latch Dual J-K Negative-Edge-Triggered Flip-Flop With Clear And Preset 16-SOIC 0 to 70 Radiation Hardened EDAC (Error Detection and Correction) ACT SERIES, 16-BIT ERROR DETECT AND CORRECT CKT, UUC28
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
ADC0803 ADC0803LCN ADC0804LCN ADC0802 ADC0804 |
8-Bit/ Microprocessor- Compatible/ A/D Converters 8-Bit, Microprocessor-Compatible, A/D Converters 8-Bit Microprocessor-Compatible A/D Converters A/D Converter, 8-Bit, Error ?.5LSB Vref/2 Not Adjusted, Microprocessor-Compatible A/D Converter, 8-Bit, Error ?.5LSB V REF /2 Adjusted, Microprocessor-Compatible A/D Converter, 8-Bit, Error ?LSB V REF /2 Not Adjusted, Microprocessor-Compatible
|
INTERSIL[Intersil Corporation]
|
WT5041 |
8-bit m C with Heart Rate Detect Circuits
|
Weltrend Semiconductor
|
FOD2742C FOD2742A FOD2742A_04 FOD2742B FOD2742AR1V |
8-PIN SOIC Error Amplifier Optocoupler OPTICALLY ISOLATED ERROR AMPLIFIER
|
FAIRCHILD[Fairchild Semiconductor]
|
IDT39C60P IDT39C60 IDT39C60-1 IDT39C60A IDT39C60B |
16-Bit CMOS Error Detection and Correction Unit
|
Integrated Device Technology
|
MA31755 |
16-Bit Feedthrough Error Detection & Correction Unit EDAC
|
DYNEX[Dynex Semiconductor]
|
SSCSAAN060MG2A3 SSCSAAN060MG2A5 SSCSAAN060MG3A3 SS |
TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SIP,60 mbar to 10 bar
|
http:// Honeywell Solid State Electronics Center
|
SMKR-29C516E-31SB 29C516E MMFR-29C516E-31SB MMKR-2 |
97-3106A14S-5S 16 Bit Flow Through EDAC Error Detection And Correction unit
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
MAX9240COAXEVKIT MAX9240GTM/VTW |
6.25MHz to 100MHz, 25-Bit GMSL Deserializer for Coax or STP Cable with Line Fault Detect
|
MAXIM - Dallas Semiconductor
|
MAX9240A MAX9240AGTM/V |
6.25MHz to 100MHz, 25-Bit GMSL Deserializer for Coax or STP Cable with Line Fault Detect
|
MAXIM - Dallas Semiconductor
|
FOD2743B FOD2743A FOD2743AS FOD2743ASD FOD2743ASDV |
8-PIN DIP Error Amplifier Optocoupler; Package: DIP-W; No of Pins: 8; Container: Bulk 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER Optically Isolated Error Amplifier
|
Fairchild Semiconductor, Corp.
|