PART |
Description |
Maker |
852-005 |
Size 12 Coaxial Socket
|
Glenair, Inc.
|
852-010 |
Size 16 Coaxial Socket
|
Glenair, Inc.
|
16-02-0083 16-02-0104 16-02-0116 |
Crimp Socket Contact; Wire Size (AWG):24-22; Contact Plating:Gold; Series:70058; External Depth:0.064"; Operating Temp. Min:-40 C; Pitch Spacing:0.1"; Reel Quantity:20000; Voltage Rating:250V RoHS Compliant: Yes WIRE TERMINAL Crimp Socket Contact; Wire Size (AWG):24-22; Contact Current:3A RoHS Compliant: Yes SL Term Crp M 30 SAu 22-24 Reel RoHS Compliant: Yes
|
Molex, Inc. MOLEX INC
|
132J20049X |
COAXIAL CONTACT SOCKET 50 OHM
|
CONEC Elektronische Bauelemente GmbH
|
DF26A1.7-9CP-1.1V DF26A1.2-09CP-1.1V DF26A1.2-16CP |
Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:25; No. Strands x Strand Size:19 x 37; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes 1.1mm的超薄沥青压缩器 1.1mm Pitch Low Profile Compression Connectors 1.1mm的超薄沥青压缩器
|
HIROSE ELECTRIC Co., Ltd. Hirose Electric USA, INC. HIROSE[Hirose Electric]
|
10A02 10A01 10A07 10A03 10A04 10A05 10A06 |
10 Amp Rectifier 50 to 1000 Volts Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:23; No. Strands x Strand Size:Solid; Jacket Material:FEP; Conductor Material Coaxial Cable; Coaxial RG/U Type:58; Impedance:53.5ohm; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Material:Polyvinylchloride (PVC); Jacket Color:Black; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:62; Impedance:93ohm; Conductor Size AWG:22; No. Strands x Strand Size:Solid; Jacket Material:Thermoplastic; Jacket Color:Natural; Leaded Process Compatible:Yes; Number of Conductors:1 RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:58; Impedance:53.5ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:FEP; Jacket Color:Natural; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:LSPVC; Conductor Material:Copper; Jacket Color:Natural; Leaded Process Compatible:Yes RoHS Compliant: Yes
|
Micro Commercial Compon... MCC[Micro Commercial Components] Micro Commercial Components Corp.
|
M36W108AT120ZM6T M36W108AB100ZM6T M36W108AT100ZM6T |
Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:FEP; Leaded Process Compatible:Yes RoHS Compliant: Yes Low-Smoke Zero-Halogen (LSZH) Shipboard Precision Low-Loss Serial Analog & Digital Video Coax Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid RoHS Compliant: Yes 8 Mbit 1Mb x8, Boot Block Flash Memory and 1 Mbit 128Kb x8 SRAM Low Voltage Multi-Memory Product 81兆8,启动块闪存1兆位128KB的x8 SRAM的低电压多媒体存储产
|
意法半导 STMicroelectronics N.V.
|
08-52-0123 08-65-0816 08-65-0812 08-65-0801 |
Crimp Socket Contact; Wire Size (AWG):30-22; Contact Material:Phosphor Bronze RoHS Compliant: Yes PHOSPHOR BRONZE, TIN (100) FINISH, WIRE TERMINAL Crimp Socket Contact; Wire Size (AWG):30-22; Contact Material:Phosphor Bronze; Contact Plating:Gold PHOSPHOR BRONZE, GOLD (15) OVER NICKEL FINISH, WIRE TERMINAL KK 100 Crp Term Std 22-30 Awg SGold PHOSPHOR BRONZE, GOLD (30) OVER NICKEL FINISH, WIRE TERMINAL
|
Molex, Inc. MOLEX INC
|
AAT9123 AAT9123IAS-B1 AAT9123IAS-T1 |
SOCKET, 20WAY; Connector type:Rectangular; Gender:Socket; Ways, No. of:20; Termination method:Solder; Material, contact:Copper Alloy; Plating, contact:Silver; Connector insert type:Female; Contact style:Socket; Colour:Green; RoHS Compliant: Yes 30V N-Channel Power MOSFET
|
Advanced Analogic Technologies, Inc. ANALOGICTECH[Advanced Analogic Technologies]
|
BYX82 BYX83 BYX84 BYX85 BYX86 |
Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Conductor Material:Steel; Conductor Plating:Copper; Jacket Color:Black; Leaded Process Compatible:Yes RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Steel; Conductor Plating:Copper; Jacket Color:Black RoHS Compliant: Yes Silicon Mesa Rectifiers From old datasheet system
|
Vishay Intertechnology,Inc. Vishay Siliconix
|