PART |
Description |
Maker |
3239 |
Enclosure; Enclosure Material:Aluminum; External Height:1.38"; External Width:2.25"; External Depth:1.13"; Enclosure Color:Blue; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes
|
POMONA ELECTRONICS
|
2006C13 |
22 mm Aluminum Enclosure 2006C13 and 2014C13
|
Altech corporation
|
2011C13 |
22 mm Aluminum Enclosure 2011C13 and 2015C13
|
Altech corporation
|
2007E13 |
22 mm Aluminum Enclosure 2007E13 and 2012E13
|
Altech corporation
|
2005G13 |
22 mm Aluminum Enclosure Gravity Die Cast 2005G13 and 2009G13
|
Altech corporation
|
LPX50 |
LPX50 Enclosure LPX50 Enclosure
|
ASTEC[Astec America, Inc]
|
6344S 1133BRO 5544S 5504S 9007RED 2531WHI 5702S 56 |
Low-Voltage, High-Accuracy, Triple/Quad Voltage µP Supervisory Circuits in SOT Package JUNCTION BOX 3 TERMINAL BRN BLANKING PLATE MCB ENCLOSURE 4 MODULE PLUG COMMANDO 16A RED IP44 MAINS SOCKET 1 GANG SW ENCLOSURE 2 MODULE SPLASHPROOF ENCLOSURE 7 MODULE MOUNTING BOX 35MM 2 GANG MOUNTING BOX 35MM 1 GANG MTG BOX 46MM DEEP 1 GANG SWITCH DISCONNECTOR 100A *****OBOSLETE OFFER 721-7298****** PLUG COMMANDO 32A YEL.IP44 Low-Power Dual-/Triple-Voltage SC70 µP Supervisory Circuits CIRCUIT BREAKER RCBO 32A KEY FOR SECURITY SCREW MOUNTING BOX 47MM 2 GANG MOUNTING BOX 25MM 2 GANG MOUNTING BOX 25MM 1 GANG 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit ENCLOSURE 12 MODULE ENCLOSURE 20 MODULE MOUNTING BOX DRY LINER 1 GANG "PLUG""HOSPITAL PROPERTY""13A "PLUG""COMPANY PROPERTY""13A SWITCH PULLCORD 1 WAY SP 5A SWITCH PULLCORD 2 WAY SP 5A Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset 接线端子溴代 ENCLOSURE 16 MODULE 围栏16模块 LAMPHOLDER PENDANT SET
|
3M Company Panasonic, Corp.
|
36DY182F100AM2A 36DY103F100BC2A 36DY103F100CB2A 36 |
Enclosure; For Use With:19" Rack; External Depth:16"; External Width:17"; Weight:17.0oz; Enclosure Color:Natural; Enclosure Material:Aluminum; Thickness:0.050" RoHS Compliant: Yes 铝电容器85℃,大可 0.22UF 10% 50V X7R 1206 CERAMIC CHIP CAP 铝电容器85℃,大可 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT02; Number of Contacts:18; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle 铝电容器85℃,大可 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT02; No. of Contacts:18; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle 铝电容器85℃,大可 Standard Recovery Rectifier; Forward Current:25A; Forward Current Average:15.9A; Forward Current Avg Rectified, IF(AV):15.9A; Forward Surge Current Max, Ifsm:350A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 铝电容器85℃,大可 Aluminum Capacitors 85 C, Large Can 铝电容器85℃,大可 USB Cable Assembly; Connector Type A:USB Type A; Connector Type B:USB Type B; Cable Length:3m; Leaded Process Compatible:Yes; Body Material:PVC; Peak Reflow Compatible (260 C):Yes; Voltage Rating:30V; Series:Buccaneer CONNECTOR, ETHERNET, PCB MOUNT, 8WAY; Connector type:Cat5e RJ45; Ways, No. of:8; Mounting type:PCB; IP rating:IP68 RoHS Compliant: Yes USB Cable Assembly; Connector Type A:USB Type A; Connector Type B:USB Type B; Cable Length:2m; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Voltage Rating:30V MB 3C 3#20 SKT PLUG RECTIFIER FAST-RECOVERY SINGLE 1A 600V 30A-ifsm 1.2V-vf 200ns 5uA-ir DO-41 5K/AMMO Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT02; Number of Contacts:15; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle MB 61C 61#20 PIN PLUG CAP, 0.022UF 50V 20% Z5U C1206 Connector assemblies, Network cables; Cable Length:3m; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RECTIFIER FAST-RECOVERY SINGLE 1A 600V 30A-ifsm 1.2V-vf 200ns 5uA-ir A405 5K/REEL-13 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT02; No. of Contacts:15; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. Vishay Siliconix http://
|
USB-DIO-48 USB-DIO-96 |
96 High-Speed Digital I/O’s in rugged enclosure 96 High-Speed Digital I/O隆炉s in rugged enclosure
|
Advanced Digital Logic, Inc.
|
LQR2W472MSEG LQR2W472MSEH LQR2W472MSEJ LQR2W562MSE |
ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 450 V, 5600 uF, CHASSIS MOUNT ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 5600 uF, CHASSIS MOUNT ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 6800 uF, CHASSIS MOUNT ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 3900 uF, CHASSIS MOUNT ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 680 uF, CHASSIS MOUNT ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 2700 uF, CHASSIS MOUNT ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 8200 uF, CHASSIS MOUNT ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 3300 uF, CHASSIS MOUNT ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 2200 uF, CHASSIS MOUNT ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 4700 uF, CHASSIS MOUNT ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 1500 uF, CHASSIS MOUNT ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 15000 uF, CHASSIS MOUNT
|
Nichicon Corporation Nichicon, Corp.
|
K70100A K70100P K7075P K70150P |
Enclosure
|
Altech corporation
|
LPX120 |
Enclosure
|
Emerson Network Power
|
|