PART |
Description |
Maker |
1786580000 1786560000 0298360000 1749170000 029846 |
PCB Terminal; Number of Positions:2; Pitch Spacing:7.62"; Wire Size (AWG):10-26; Mounting Type:PCB; Number of Rows:1 MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK PCB terminal, TOP connection, Soldered connection, Clamping range, max.: 6 mm2, Pitch: 7.62 mm, No. of poles: 2, 180°, Box
|
Weidmuller, Corp.
|
0393560000 |
PCB terminal, TOP connection, Soldered connection, Clamping range, max.: 2.5 mm2, Pitch: 7.62 mm, No. of poles: 4, 90°, Box
|
Weidmuller
|
1728307 |
PC terminal block, Nominal current: 10 A, Nom. voltage: 160 V, Pitch: 3.81 mm, Number of positions: 4, Type of connection: Screw connection, Assembly: Soldering, Conductor/PCB connection
|
PHOENIX CONTACT
|
1477A-12-5 1477A-112-5 1477C-112-5 1475G-181-5 147 |
BRASS, NICKEL FINISH, PCB TERMINAL BRASS, CADMIUM FINISH, PCB TERMINAL BRASS, ZINC FINISH, PCB TERMINAL BRASS, ZINC CHROMATE FINISH, PCB TERMINAL BRASS, TIN FINISH, PCB TERMINAL BRASS, PCB TERMINAL BRASS, GOLD FINISH, PCB TERMINAL BRASS, BLACK OXIDE FINISH, PCB TERMINAL BRASS, SILVER FINISH, PCB TERMINAL BRASS, CHROMATE FINISH, PCB TERMINAL
|
WINCHESTER ELECTRONICS CORP
|
1412B-112-12 1412B-11-12 1622C-17-12 780-112-12 78 |
BRASS, CADMIUM FINISH, PCB TERMINAL BRASS, PCB TERMINAL BRASS, TIN LEAD FINISH, PCB TERMINAL BRASS, GOLD FINISH, PCB TERMINAL BRASS, SILVER FINISH, PCB TERMINAL BRASS, NICKEL FINISH, PCB TERMINAL BRASS, BLACK OXIDE FINISH, PCB TERMINAL BRASS, TIN FINISH, PCB TERMINAL
|
WINCHESTER ELECTRONICS CORP
|
05A-181 1614C-3 1605C-00-12 1614D-33-12 1603C-5-12 |
BRASS, ZINC FINISH, PCB TERMINAL BRASS, GOLD FINISH, PCB TERMINAL BRASS, PCB TERMINAL BRASS, TIN FINISH, PCB TERMINAL BRASS, TIN LEAD FINISH, PCB TERMINAL BRASS, CADMIUM FINISH, PCB TERMINAL BRASS, ZINC CHROMATE FINISH, PCB TERMINAL BRASS, CHROMATE FINISH, PCB TERMINAL BRASS, NICKEL FINISH, PCB TERMINAL BRASS, SILVER FINISH, PCB TERMINAL
|
WINCHESTER ELECTRONICS CORP
|
2700093 |
Connection element with screw connection terminal blocks for base mounting
|
PHOENIX CONTACT
|
0441012 |
Ground modular terminal block, Connection method: Screw connection, Cross section
|
PHOENIX CONTACT
|
47150-0003 47150-0002 |
EJECTOR-EX.CARD SLOT WITH P-P MECH.TOP PCB CONNECTOR CONN EXPRESSCARD HDR 26POS TOP PCB CONNECTOR
|
Molex, Inc.
|
1-796684-1 2-796684-1 C-796684 1-796684-0 2-796684 |
TERMINAL BLOCK, PCB MOUNT TOP ENTRY WIRE, STACKING W/INTERLOCK, 5mm PITCH
|
Tyco Electronics
|
1442D-113-5 1442D-11-5 1442D-112-5 1461A-55-5 1461 |
BRASS, CADMIUM FINISH, PCB TERMINAL BRASS, TIN FINISH, PCB TERMINAL BRASS, TIN LEAD FINISH, PCB TERMINAL BRASS, PCB TERMINAL BRASS, BLACK OXIDE FINISH, PCB TERMINAL BRASS, GOLD FINISH, PCB TERMINAL
|
WINCHESTER ELECTRONICS CORP
|
0401023 |
Power terminal block, Connection method Screw connection, Load current : 125 A, Cross section: 0.75 mm2 - 35 mm2, Width: 12 mm,
|
PHOENIX CONTACT
|
|