PART |
Description |
Maker |
501953-0397 501953-0417 501953-0497 501953-0507 50 |
1.0 WIRE TO BOARD CONN. WAFER ASSY 1-ROW R/A POSI-LOCK
|
Molex Electronics Ltd.
|
55447-0570 |
Mini Mi2 1-Row Wafer Assy 5Ckt 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
A-70280-0115 0010897720 010-89-7720 |
2.54mm (.100) Pitch C-Grid? Breakaway Header, Dual Row, Vertical, High Temperature, 72 Circuits, 0.76μm (30μ) Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating, 2.72mm (.107) PC Tail 2.54mm (.100") Pitch C-Grid垄莽 Breakaway Header, Dual Row
|
Molex Electronics Ltd.
|
IRG4CC50WB |
IGBT Die in Wafer Form 600 V Size 5 WARP Speed IRG4CC50WB IGBT Die in Wafer Form
|
Hittite Microwave Corporation International Rectifier
|
65043-033 65043-035 65043-027 65039-035 65043-030 |
CRIMPLEERGEHAEUSE 2.54MM 2X4POL CRIMPLEERGEHAEUSE 2.54MM 2X2POL CRIMPLEERGEHAEUSE 2.54MM 2X10POL CRIMPLEERGEHAEUSE 2.54MM 2POL CRIMPLEERGEHAEUSE 2.54MM 2X7POL CRIMPLEERGEHAEUSE 2.54MM 2X5POL CRIMPLEERGEHAEUSE 2.54MM 2X8POL CRIMPLEERGEHAEUSE 2.54MM 10POL CRIMPLEERGEHAEUSE 2.54毫米10POL
|
YEONHO Electronics Co., Ltd.
|
90148-1104 0901481104 |
2.54mm (.100) Pitch C-Grid庐 PC Board Connector, Single Row, Right Angle, 1.0渭m (40渭) Tin (Sn), 4 Circuits 2.54mm (.100) Pitch C-Grid? PC Board Connector, Single Row, Right Angle, 1.0μm (40μ) Tin (Sn), 4 Circuits
|
Molex Electronics Ltd.
|
90148-1112 0901481112 |
2.54mm (.100) Pitch C-Grid庐 PC Board Connector, Single Row, Right Angle, 1.0渭m (40渭) Tin (Sn), 12 Circuits 2.54mm (.100) Pitch C-Grid? PC Board Connector, Single Row, Right Angle, 1.0μm (40μ) Tin (Sn), 12 Circuits
|
Molex Electronics Ltd.
|
90148-3391 |
2.54mm (.100) Pitch C-Grid? PC Board Connector, Single Row, Right Angle, 0.8μm (30μ) Gold (Au) Selective, 3 Circuits 2.54mm (.100) Pitch C-Grid垄莽 PC Board Connector, Single Row, Right Angle, 0.8楼矛m (30楼矛) Gold (Au) Selective, 3 Circuits
|
Molex Electronics Ltd.
|
90148-1205 0901481205 |
2.54mm (.100) Pitch C-Grid庐 PC Board Connector, Single Row, Right Angle, 0.38渭m (15渭) Gold (Au) Selective, 5 Circuits 2.54mm (.100) Pitch C-Grid? PC Board Connector, Single Row, Right Angle, 0.38μm (15μ) Gold (Au) Selective, 5 Circuits
|
Molex Electronics Ltd.
|
0310671010 31067-1010 |
2.54mm (.100) H-DAC 64? 3 Way Receptacle Assembly, Single-Row, Polarization A 2.54mm (.100") H-DAC 64?? 3 Way Receptacle Assembly, Single-Row, Polarization A MOLEX Connector
|
Molex Electronics Ltd.
|
|