PART |
Description |
Maker |
LT1767EMS8E-3.3TRPBF LT1767EMS8E-3.3PBF LT1767EMS8 |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 3 A SWITCHING REGULATOR, 1500 kHz SWITCHING FREQ-MAX, PDSO8 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?掳C to 85?掳C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LT1172 |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?掳C to 85?掳C
|
Linear Technology Corporation
|
STR-W6765 |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C
|
Allegro MicroSystems, Inc.
|
LT1170CQPBF LT1172CQPBF LT1172CS8PBF |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 11 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PSSO5 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 3.5 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PSSO5 Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LT1425ISPBF LT1425ISTRPBF |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 1.9 A SWITCHING REGULATOR, 320 kHz SWITCHING FREQ-MAX, PDSO16
|
Linear Technology, Corp.
|
LTC1560-1 |
1MHz/500kHz Continuous Time Low Noise, Lowpass Elliptic Filter
|
Linear Technology
|
AM27C040-120/BUA AM27C040-120/BXA AM27C040-120LIB |
Dual PowerPath Switch Driver; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C Single and Dual Protected High Side Switches; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Differential Bus Transceiver; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Low Noise, Switched Capacitor-Regulated Voltage Inverters; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C SIM Power Supplyand Level Translator; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C Single and Dual PCMCIA Protected 3.3V/5V VCC Switches; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C 1MHz/500kHz Continuous Time Low Noise, Lowpass Elliptic Filter; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Low Power RS485 Transceiver with Receiver Fail-Safe; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Very Low Noise, Low Distortion Active RC Quad Universal Filter; Package: SSOP; No of Pins: 20; Temperature Range: 0°C to 70°C Low Power RS485 Transceiver with Receiver Fail-Safe; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C x8存储 1MHz/500kHz Continuous Time Low Noise, Lowpass Elliptic Filter; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C x8存储 x8 EPROM x8存储
|
Samsung Semiconductor Co., Ltd. Advanced Micro Devices, Inc.
|
AAT1155IKS-1.0-T1 AAT1155IKS-2.5-T1 AAT1155IKS-1.8 |
1MHz 2.5A Step-Down DC/DC Converter 1MHz.5A降压型DC / DC转换
|
Advanced Analogic Technologies, Inc.
|
AD7502SD/883B AD7503SQ/883B AD7502SQ/883B AD7501SQ |
4-Channel Analog Multiplexer 1.5A, 500kHz Step-Down Switching Regulators 4.5A, 500kHz Step-Down Switching Regulator; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 8-Channel Analog Multiplexer RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 4.5A, 500kHz Step-Down Switching Regulator; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 4.5A, 500kHz Step-Down Switching Regulator; Package: DD PAK; No of Pins: 7; Temperature Range: 0°C to 70°C 4.5A, 500kHz Step-Down Switching Regulator; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 8通道模拟多路复用
|
Analog Devices, Inc.
|
1956IFE 1956I5 LT1956IGN |
High Voltage, 1.5A, 500kHz Step-Down
|
Linear Technology
|